Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UVV Datasheet(PDF) 1 Page - MTRONPTI

Part # UVV
Description  5x7 mm, 3.3 Volt, LVPECL/LVDS, VCXO
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

UVV Datasheet(HTML) 1 Page - MTRONPTI

  UVV Datasheet HTML 1Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
UVV Series
5x7 mm, 3.3 Volt, LVPECL/LVDS, VCXO
DENOTES PIN 1
Pin Connections
Versatile VCXO to 800 MHz with good
jitter (3 ps typical)
Used in low jitter clock synthesizers
and SONET applications
Revision: 4-26-06


Similar Part No. - UVV

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
UVV MTRONPTI-UVV Datasheet
493Kb / 2P
   5x7 mm, 3.3 Volt, LVPECL/LVDS, VCXO
UVV10R1HN MTRONPTI-UVV10R1HN Datasheet
493Kb / 2P
   5x7 mm, 3.3 Volt, LVPECL/LVDS, VCXO
UVV10R1LN MTRONPTI-UVV10R1LN Datasheet
493Kb / 2P
   5x7 mm, 3.3 Volt, LVPECL/LVDS, VCXO
UVV10R1PN MTRONPTI-UVV10R1PN Datasheet
493Kb / 2P
   5x7 mm, 3.3 Volt, LVPECL/LVDS, VCXO
UVV10R1QN MTRONPTI-UVV10R1QN Datasheet
493Kb / 2P
   5x7 mm, 3.3 Volt, LVPECL/LVDS, VCXO
More results

Similar Description - UVV

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
UVVJ MTRONPTI-UVVJ Datasheet
288Kb / 1P
   5x7 mm, 3.3 Volt, LVPECL/LVDS, VCXO
UVV MTRONPTI-UVV_07 Datasheet
493Kb / 2P
   5x7 mm, 3.3 Volt, LVPECL/LVDS, VCXO
UVVJ MTRONPTI-UVVJ_07 Datasheet
501Kb / 2P
   5x7 mm, 3.3 Volt, LVPECL/LVDS, VCXO
M310X MTRONPTI-M310X_08 Datasheet
755Kb / 7P
   5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, VCXO
MPV3 MTRONPTI-MPV3 Datasheet
259Kb / 1P
   9x14 mm, 3.3 Volt, LVPECL/LVDS, VCXO
MPV3 MTRONPTI-MPV3_06 Datasheet
277Kb / 2P
   9x14 mm, 3.3 Volt, LVPECL/LVDS, VCXO
UVCJ MTRONPTI-UVCJ_08 Datasheet
452Kb / 2P
   5x7 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillators
UVCJ MTRONPTI-UVCJ Datasheet
283Kb / 1P
   5x7 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillators
UVC MTRONPTI-UVC Datasheet
267Kb / 1P
   5x7 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillators
M2001 MTRONPTI-M2001 Datasheet
310Kb / 2P
   5x7 mm, 3.3 Volt, CMOS/LVPECL/LVDS, Clock Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com