Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

345-005-500-107 Datasheet(PDF) 1 Page - EDAC, All Rights Reserved.

Part # 345-005-500-107
Description  Card Edge Connectors 0.100” (2.54mm) Pitch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

345-005-500-107 Datasheet(HTML) 1 Page - EDAC, All Rights Reserved.

  345-005-500-107 Datasheet HTML 1Page - EDAC, All Rights Reserved. 345-005-500-107 Datasheet HTML 2Page - EDAC, All Rights Reserved. 345-005-500-107 Datasheet HTML 3Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features:
www.edac.net
customerservice@edac.net
Specifications:
Mounting Options:
Description:
01
No Mounting Lug
02
Ø.128” (Ø3.25mm) Mounting Holes
03
Ø.116” (Ø2.95mm) I.D. Floating Eyelets
04
Ø.156” (Ø3.96mm) Mounting Holes
07
M3-0.5 Metric Threaded Inserts
08
#4-40 Unified Threaded Inserts
12
Ø.128” (Ø3.25mm) Side Mounting Holes
58
.468” (11.89mm) Offset Card Guides
78
In-Line Card Guides 2.750” (69.85mm) Long
88
In-Line Card Guides 1.250” (31.75mm) Long
Ordering Code Notes:
1) All connector sizes up to 72 contacts single row / 144
contacts dual row are available upon request.
2) The 500 contact code is only available in the 345 series.
Green Diallyl Phthalate insulator material will be supplied.
3) For details of the extender board and 90 degree bends refer
to next pages.
4) For lug-less connectors, code 01 mounting, specify contact
row code 1 or 2.
5) For details of the mounting options refer to page 3 & page 4.
Series:
Insulator Color:
345
Thermoplastic Polyester, Green
395
Thermoplastic Polyester, Black
Total Number of Contacts:
Contact Rows:
005, 006, . . . . 072
Single Row
010, 012, . . . . 144
Dual Row
Insulator Style:
Description:
Insulator Style
1
Single Row
Flush Mounting Lugs
2
Dual Row
Flush Mounting Lugs
4
Single Row
.110 (2.79) Offset Lugs
5
Dual Row
.110 (2.79) Offset Lugs
6
Single Row
.170 (4.32) Offset Lugs
8
Dual Row
.170 (4.32) Offset Lugs
Insulator Material
UL 94V-0 Thermoplastic Polyester
Contact Material
Copper Alloy
Contact Plating
Gold Plating on mating area and Tin Plating on tails with Nickel underplating all over
Current Rating
3 amps
Contact Resistance
10 milliohms maximum
Dielectric Withstanding Voltage
1200 V AC rms at sea level between adjacent contacts
Insulation Resistance
5000 megaohms minimum
Operating Temperature
-40°C to +105°C
Insertion Force
16 oz (4.45 N) maximum per contact pair when tested with .070” (1.78mm) thick gauge
Withdrawal Force
1 oz (0.28 N) minimum per contact pair when tested with .054” (1.37mm) thick gauge
0.100” (2.54mm) contact spacing x 0.200” (5.08mm) row spacing
Accepts 0.062” (1.57mm) nominal thickness P.C. board
High profile insulator body, 0.600” (15.24mm)
Contact termination options include P.C. tail, wire wrap, 90 degree bends and extender board bends
Single or dual row configurations
Large variety of mounting options, flush or offset lugs
Accepts between contact and in-contact polarizing keys
Pre-assembled card guides are available
Automatic wire wrap positioning holes
RoHS Compliant & UL Certified
Card Edge Connectors 0.100” (2.54mm) Pitch
345/395 SERIES
Contact Code:
Tail Description:
Tail Size:
Tail Length
“G”:
500
Wire Hole
.050 x .025 (1.27 x 0.64)
.260 (6.60)
520
P.C. Tail
.030 x .018 (0.76 x 0.46)
.175 (4.45)
521
P.C. Tail
.025 Square (0.64 Square)
.150 (3.81)
523
P.C. Tail
.025 Square (0.64 Square)
.390 (9.91)
524
P.C. Tail
.018 Square (0.46 Square)
.175 (4.45)
525
P.C. Tail
.018 Square (0.46 Square)
.150 (3.81)
540
Wire Wrap
.025 Square (0.64 Square)
.560 (14.22)
541
Wire Wrap
.025 Square (0.64 Square)
.750 (19.05)
542
Wire Wrap
.025 Square (0.64 Square)
.645 (16.38)
544
Wire Wrap
.050 x .025 (1.27 x 0.64)
.750 (19.05)
555
EXTENDER BOARD BEND
(CODE 500 CONTACTS)
556
EXTENDER BOARD BEND
(CODE 520 CONTACTS)
558
90 DEGREE BEND
(CODE 541 CONTACTS)
559
90 DEGREE BEND
(CODE 541 CONTACTS)
560
EXTENDER BOARD BEND
(CODE 523 CONTACTS)
345-050-520-202
Series
Total Number of Contacts
Contact Code
Contact Rows and Insulator Style
Mounting Options
Example Part Number:


Similar Part No. - 345-005-500-107

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
345-005-500-107 EDAC-345-005-500-107 Datasheet
277Kb / 3P
   345 Series Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.600" (15.24mm) Insulator Height
345-005-500-107 EDAC-345-005-500-107 Datasheet
86Kb / 2P
   345 Series,Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.600" (15.24mm) Insulator Height
More results

Similar Description - 345-005-500-107

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
307 EDAC-307 Datasheet
270Kb / 3P
   Card Edge Connectors 0.156” (3.96mm) Pitch
322 EDAC-322 Datasheet
223Kb / 2P
   Card Edge Connectors 0.156” (3.96mm) Pitch
346 EDAC-346 Datasheet
298Kb / 3P
   Card Edge Connectors 0.125” (3.175mm) Pitch
305 EDAC-305 Datasheet
278Kb / 3P
   Card Edge Connectors 0.156” (3.96mm) Pitch
logo
Hirose Electric
CR22-20D-2.54DS HIROSE-CR22-20D-2.54DS Datasheet
183Kb / 5P
   2.54mm Pitch Card Edge Connector
logo
AVX Corporation
6325 AVX-6325 Datasheet
384Kb / 6P
   Card Edge Connectors
logo
CW Industries
CWR-170-10-0021 CWIND-CWR-170-10-0021 Datasheet
117Kb / 4P
   Card Edge Connectors
logo
Yamaichi Electronics Co...
PS42-44D-2016 YAMAICHI-PS42-44D-2016 Datasheet
224Kb / 5P
   Card Edge Connectors
logo
EDAC, All Rights Reserv...
845-092-542-804 EDAC-845-092-542-804 Datasheet
100Kb / 2P
   845 Series High Temp Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing
845-006-500-403 EDAC-845-006-500-403 Datasheet
69Kb / 2P
   845 Series High Temp Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com