Electronic Components Datasheet Search |
|
8421J80D9ABE2 Datasheet(PDF) 15 Page - ITT Industries |
|
8421J80D9ABE2 Datasheet(HTML) 15 Page - ITT Industries |
15 / 17 page A–41 Dimensions are shown: Inches (mm) Specifications and dimensions subject to change www.ittcannon.com Third Angle Projection C&K 8020 Series Snap-acting Momentary Pushbutton Switches TERMINATIONS CONTACT MATERIAL SEAL PC MOUNTING .630 (16,00) V4 .630 (16,00) V9 1.150 (29,21) DIM ‘A’ OPTION CODE Not available with JXX actuators and I seal. 8421SD3V4GE 4PDT V4, V9 VERTICAL MOUNT, V-BRACKET E EPOXY SEAL I EPOXY POTTED BASE * Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications. 1 ALL CONTACTS & TERMINALS: Copper alloy, with gold plate over nickel plate. 2 N.O. AND N.C. CONTACTS: Coin silver, with gold plate over nickel plate. 3 COMMON CONTACTS & ALL TERMINALS: Copper alloy, with gold plate over nickel plate. 4 TERMINALS: Copper alloy, with tin-lead alloy over nickel plate. 5 TERMINALS: Copper alloy, with matte-tin over nickel plate. NOTE: Any models supplied with B, P, R or G contact material are RoHS compliant. For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. U811-U841 models with all options (except R, R2 terminations) when ordered with mandatory G, R or L contact material. B, P or K contact material must be ordered with 8X25 models. G, R or L contact material must be ordered with 8X21, U8X1 models. P, R, K or L contact material not available with Z, Z3 terminations. NOTE: Available with C, W-W4, Z, Z3 terminations only. SP .410 (10,41) DP .440 (11,18) 3P .505 (12,83) 4P .505 (12,83) DIM ‘A’ NO. POLES A OPTION CODE CONTACT MATERIAL TERMINAL PLATING RATINGS GOLD 1 GOLD 3 TIN-LEAD 4 MATTE-TIN 5 GOLD 1 TIN-LEAD 4 MATTE-TIN 5 LOW LEVEL/DRY CIRCUIT LOW LEVEL/DRY CIRCUIT OR POWER 8x25 MODELS ONLY: 0.4 MAX. @ 20 V AC OR DC MAX. 8X21, U8X1 MODELS ONLY: 0.4 VA MAX @ 20 V AC OR DC MAX. OR 1 AMP @ 120 V AC OR 28 V DC. B K P G L R GOLD OVER SILVER 2,3 RoHS COMPATIBLE * RoHS COMPLIANT * YES NO YES YES NO YES YES YES YES YES YES YES |
Similar Part No. - 8421J80D9ABE2 |
|
Similar Description - 8421J80D9ABE2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |