Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YD3843 Datasheet(PDF) 3 Page - Wuxi Youda electronics Co.,LTD

Part # YD3843
Description  CURRENT MODE PWM CONTROL CIRCUITS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOUDA [Wuxi Youda electronics Co.,LTD]
Direct Link  http://www.e-youda.com/
Logo YOUDA - Wuxi Youda electronics Co.,LTD

YD3843 Datasheet(HTML) 3 Page - Wuxi Youda electronics Co.,LTD

  YD3843 Datasheet HTML 1Page - Wuxi Youda electronics Co.,LTD YD3843 Datasheet HTML 2Page - Wuxi Youda electronics Co.,LTD YD3843 Datasheet HTML 3Page - Wuxi Youda electronics Co.,LTD YD3843 Datasheet HTML 4Page - Wuxi Youda electronics Co.,LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
YOUDA INTEGRATED CIRCUIT
YD3843
Output Source
Current
lsource
Vpin 2=2.3V, Vpin
1=5V
-0.5
-0.8
mA
Vout High
VOH
Vpin 2=2.3V, RL=15kΩ
to GND
5
6
V
Vout Low
VOL
Vpin 2=2.7V, Vpin
1=1.1V
0.7
1.1
V
Current Sense Section
Gain
Gv
(note 3, 4)
2.85
3
3.15
V/V
Maximum Input
Signal
VI(MAX)
Vpin 1=5V(note 3)
0.9
1
1.1
V
PSRR
12≤Vcc≤25V
70
dB
Input Bias Current
lBIAS
-2
-10
μA
Delay to Output
Vpin 3=0 to 2V
150
300
ns
Output Section
lsink=20mA
0.1
0.4
V
Output Low Level
VOL
lsink=200mA
1.5
2.2
V
lsource=20mA
13
13.5
V
Output High Level
VOH
lsource=200mA
12
13.5
V
Rise Time
tR
Tj=25℃, CL=1nF
(note 2)
50
150
ns
Fall Time
tF
Tj=25℃, CL=1nF(note 2)
50
150
ns
UVLO Saturation
Vcc=5V, lsink=10mA
0.7
1.2
V
Under-Voltage Lockout Output Section
Start Threshold
VTH(ST)
7.8
8.4
9.0
V
Min. Operating
Voltage
After Turn On
VOPR(min)
7.6
8.0
8.4
V
PWM Section
Maximum Duty
Cycle
D(MAX)
95
07
100
%
Minimum Duty
Cycle
D(MIN)
0
%
Total Standby Current
Start-up Current
lST
0.5
1
mA
Operating Supply
Current
Icc(OPR)
Vpin 2=Vpin 3=0V
11
17
mA
Vcc Zener Voltage
Vz
Icc=25mA
34
V
WuXi YouDa Electronics Co., Ltd
3 of 4
Website: www.e-youda.com


Similar Part No. - YD3843

ManufacturerPart #DatasheetDescription
logo
Wuxi Youda electronics ...
YD3842 YOUDA-YD3842 Datasheet
84Kb / 4P
   CURRENT MODE PWM CONTROL CIRCUITS
More results

Similar Description - YD3843

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
UC3842A-3843A ETL-UC3842A-3843A Datasheet
308Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
logo
Wuxi Youda electronics ...
YD3842 YOUDA-YD3842 Datasheet
84Kb / 4P
   CURRENT MODE PWM CONTROL CIRCUITS
logo
List of Unclassifed Man...
UTC3843D ETC-UTC3843D Datasheet
80Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
2006.07.11
logo
Unisonic Technologies
UC3842A UTC-UC3842A_17 Datasheet
286Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
UC3842A UTC-UC3842A_11 Datasheet
270Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
UTCUC3842A UTC-UTCUC3842A Datasheet
114Kb / 7P
   CURRENT MODE PWM CONTROL CIRCUITS
UC3843A UTC-UC3843A_15 Datasheet
340Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
UC3842A UTC-UC3842A_12 Datasheet
308Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
UC3842A UTC-UC3842A_05 Datasheet
96Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
logo
ON Semiconductor
CS52845 ONSEMI-CS52845 Datasheet
59Kb / 8P
   Current Mode PWM Control
December, 2001 - Rev. 3
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com