Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YD3843 Datasheet(PDF) 2 Page - Wuxi Youda electronics Co.,LTD

Part # YD3843
Description  CURRENT MODE PWM CONTROL CIRCUITS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOUDA [Wuxi Youda electronics Co.,LTD]
Direct Link  http://www.e-youda.com/
Logo YOUDA - Wuxi Youda electronics Co.,LTD

YD3843 Datasheet(HTML) 2 Page - Wuxi Youda electronics Co.,LTD

  YD3843 Datasheet HTML 1Page - Wuxi Youda electronics Co.,LTD YD3843 Datasheet HTML 2Page - Wuxi Youda electronics Co.,LTD YD3843 Datasheet HTML 3Page - Wuxi Youda electronics Co.,LTD YD3843 Datasheet HTML 4Page - Wuxi Youda electronics Co.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
YOUDA INTEGRATED CIRCUIT
YD3843
ABSOLUTE MAXIMUM RATINGS(Tamb=25℃)
PARAMETER
SYMBOL
VALUE
UNIT
Supply Voltage(Low impedance Source)
Vcc
30
V
Supply Voltage(Icc<30mA)
Vcc
Self Limiting
V
Output Current
Io
±1
A
Output Energy(Capacitive Load)
5
μJ
Analog Inputs(pin 2, 3)
VI(ANA)
-0.3 to +6.3
V
Error Amplifier Output Sink Current
lSINK(EA)
10
mA
Power Dissipation
PD
At Tamb≤25℃ 1.0
W
Lead Temperature
Tlead
300
Storage Temperature
Tstg
-65—+150
Note 1:Ta>25℃, PD derated with 8mW/℃.
ELECTRICAL CHARACTERISTICS
(Vcc=15V, RT =10kΩ, CT =3.3nF, Tamb=0℃~70℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reference Section
Output Voltage
VREF
Tj=25℃, Io=1mA
4.90
5.00
5.10
V
Line Regulation
VREF
12≤
VIN≤25V
6
20
mV
Load Regulation
VREF
1≤lo=20mA
6
25
MV
Output Noise Voltage
Vose
10Hz≤f≤10kHz,
Tj=25℃(note 2)
50
6
mV
Long Term Stability
Ta=25℃, 1000Hrs(note
2)
5
25
mV
Output Short Circuit
lsc
-30
-100
-180
mA
Oscillator Section
Initial Accuracy
f
Tj=25℃
47
52
57
kHz
Voltage Stability
f/Vcc
12≤Vcc≤25V
0.2
1
%
Temp Stability
Tmin≤TA≤Tmax(note
2)
5
%
Amplitude
Vosc
Vpin 4 peak to peak
1.7
V
Error Amplifier Section
Input Voltage
VI(EA)
Vpin 1=2.5V
2.42
2.50
2.58
V
Input Bias Current
lBIAS
-0.3
-2
μA
AVOL
2≤Vo≤4V
60
90
dB
Unity Gain
Bandwidth
Tj=25℃(note 2)
0.7
1
6.0
mHz
PSRR
12≤Vcc≤25V
60
70
dB
Output Sink Current
lsink
Vpin2=2.7V,
Vpin 1=1.1V
2
6
mA
WuXi YouDa Electronics Co., Ltd
2 of 4
Website: www.e-youda.com


Similar Part No. - YD3843

ManufacturerPart #DatasheetDescription
logo
Wuxi Youda electronics ...
YD3842 YOUDA-YD3842 Datasheet
84Kb / 4P
   CURRENT MODE PWM CONTROL CIRCUITS
More results

Similar Description - YD3843

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
UC3842A-3843A ETL-UC3842A-3843A Datasheet
308Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
logo
Wuxi Youda electronics ...
YD3842 YOUDA-YD3842 Datasheet
84Kb / 4P
   CURRENT MODE PWM CONTROL CIRCUITS
logo
List of Unclassifed Man...
UTC3843D ETC-UTC3843D Datasheet
80Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
2006.07.11
logo
Unisonic Technologies
UC3842A UTC-UC3842A_17 Datasheet
286Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
UC3842A UTC-UC3842A_11 Datasheet
270Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
UTCUC3842A UTC-UTCUC3842A Datasheet
114Kb / 7P
   CURRENT MODE PWM CONTROL CIRCUITS
UC3843A UTC-UC3843A_15 Datasheet
340Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
UC3842A UTC-UC3842A_12 Datasheet
308Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
UC3842A UTC-UC3842A_05 Datasheet
96Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
logo
ON Semiconductor
CS52845 ONSEMI-CS52845 Datasheet
59Kb / 8P
   Current Mode PWM Control
December, 2001 - Rev. 3
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com