Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCC02H7 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BCC02H7
Description  Field-Attachable Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC02H7 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BCC02H7 Datasheet HTML 1Page - Balluff Korea Ltd. BCC02H7 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Field-Attachable Connectors
BKS-S 77-RT04
Order Code: BCC02H7
Internet
www.balluff.com
eCl@ss 9.1: 27-44-01-02
Subject to change without notice: 148573
ETIM 6.0: EC002062
BCC02H7_0.63_2022-07-16
1 / 2
Basic features
Approval/Conformity
cURus
EAC
WEEE
Electrical connection
Cable diameter D
4...5.1 mm
Connection
M12x1-Male, angled, 4-pin, A-
coded
Number of connectable contacts
4
System
Can be fabricated
Electrical data
Operating voltage Ub
32 VDC / 32 VAC
Rated current (40 °C)
4.0 A
Environmental conditions
Ambient temperature
-40...85 °C
IP rating
IP67
Material
Conductor insulation material
PVC
Housing material
PA
Material contact carrier
PA
Material contacts
Brass
Mechanical data
Conductor diameter min.
1.2 mm
Connection cross-section
0.25...0.5 mm²
Connection cycles min.
100
Core diameter max.
1.60 mm
Tightening torque pigtail
0.6 Nm
Type of wire mounting
IDC
Remarks
Enclosure rating per IEC 60529, only in screwed state with the associated mating piece.


Similar Part No. - BCC02H7

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC02H6 BALLUFF-BCC02H6 Datasheet
97Kb / 2P
Field-Attachable Connectors
0.65_2022-07-16
BCC02H8 BALLUFF-BCC02H8 Datasheet
98Kb / 2P
Field-Attachable Connectors
2022-07-16
BCC02H9 BALLUFF-BCC02H9 Datasheet
92Kb / 2P
Field-Attachable Connectors
2022-07-16
BCC02HC BALLUFF-BCC02HC Datasheet
93Kb / 2P
Field-Attachable Connectors
2022-07-16
BCC02HE BALLUFF-BCC02HE Datasheet
91Kb / 2P
Field-Attachable Connectors
2022-07-16
More results

Similar Description - BCC02H7

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
871A-TS4-DM ALLEN-BRADLEY-871A-TS4-DM Datasheet
42Kb / 1P
Field Attachable Connectors
logo
Balluff Korea Ltd.
BCC0HAH BALLUFF-BCC0HAH Datasheet
97Kb / 1P
Field-Attachable Connectors
0.66_2022-07-14
BCC0HLP BALLUFF-BCC0HLP Datasheet
91Kb / 1P
Field-Attachable Connectors
0.68_2022-07-13
BCC0A03 BALLUFF-BCC0A03 Datasheet
93Kb / 1P
Field-Attachable Connectors
0.7_2022-08-01
BCC0HTL BALLUFF-BCC0HTL Datasheet
137Kb / 1P
Field-Attachable Connectors
1.2_2022-04-12
BCC0K80 BALLUFF-BCC0K80 Datasheet
96Kb / 1P
Field-Attachable Connectors
0.63_2022-08-01
BCC06ZK BALLUFF-BCC06ZK Datasheet
95Kb / 1P
Field-Attachable Connectors
2022-07-15
BCC06ZM BALLUFF-BCC06ZM Datasheet
102Kb / 1P
Field-Attachable Connectors
2022-07-16
BCC06M4 BALLUFF-BCC06M4 Datasheet
102Kb / 1P
Field-Attachable Connectors
2022-07-16
BCC070A BALLUFF-BCC070A Datasheet
108Kb / 1P
Field-Attachable Connectors
2022-08-01
BCC070E BALLUFF-BCC070E Datasheet
111Kb / 1P
Field-Attachable Connectors
2022-07-16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com