Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K2-VAT-A+ Datasheet(PDF) 1 Page - Mini-Circuits

Part # K2-VAT-A+
Description  Fixed Attenuators
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

K2-VAT-A+ Datasheet(HTML) 1 Page - Mini-Circuits

  K2-VAT-A+ Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
50Ω
DC to 6 GHz
(10 models, 1 of each, 10 total)
Model
No.1
Frequency
(GHz)
f
L-fU
Attenuation2 Flatness3 (dB)
VSWR (:1)
Input
Power5
(W)
Nom.4
DC-3 GHz
3-5 GHz
5-6 GHz
DC-6 GHz
DC-3 GHz
3-5 GHz
5-6 GHz
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
Max.
VAT-1A+
DC-6
1 ± 0.3
0.25
0.15
0.15
0.30
1.20
1.30
1.40
2.0
VAT-2A+
DC-6
2 ± 0.3
0.30
0.15
0.20
0.30
1.20
1.20
1.40
2.0
VAT-3A+
DC-6
3 ± 0.3
0.25
0.15
0.15
0.30
1.20
1.25
1.40
2.0
VAT-4A+
DC-6
4 ± 0.3
0.25
0.15
0.15
0.40
1.20
1.20
1.45
1.7
VAT-5A+
DC-6
5 ± 0.3
0.25
0.10
0.10
0.30
1.20
1.20
1.40
1.4
VAT-6A+
DC-6
6 ± 0.3
0.25
0.15
0.10
0.45
1.20
1.25
1.20
1.6
VAT-7A+
DC-6
7 ± 0.3
0.25
0.15
0.10
0.25
1.20
1.25
1.40
1.3
VAT-8A+
DC-6
8 ± 0.3
0.25
0.15
0.10
0.30
1.20
1.25
1.30
1.2
VAT-9A+
DC-6
9 ± 0.3
0.25
0.15
0.10
0.35
1.20
1.25
1.45
1.1
VAT-10A+
DC-6
10 ± 0.3
0.25
0.20
0.15
0.35
1.20
1.20
1.40
1.7
K2-VAT-A+ ELECTRICAL SPECIFICATIONS
1. See individual model data sheets for more info.
2. Attenuation varies by 0.3 dB max over temperature.
3. Flatness = variation over band divided by 2.
4. Nominal attenuation at 10 MHz.
5. RF Power at 25°C. Check individual model data sheet for derated power at 85°C.
REV. OR
ECO-015321
K2-VAT-A+
MCL NY
221011
DESIGNER’S KIT K2-VAT-A+
Fixed Attenuators
FEATURES
• Wideband, 50Ω
• Input power up to 2W Max.
• 1 to 10 dB attenuation
• SMA Male and Female connectors
• Excellent VSWR, 1.20:1 to 1.45:1 typ.
• Excellent flatness, 0.25 to 0.45 typ
• Length less than 1.5”
PRODUCT OVERVIEW
K2-VAT-A+ is a designer’s kit consisting of ten different attenuator models in the VAT-A+ family. There is one unit per model for a total
of ten units. Mini-Circuits’ VAT-A series are fixed attenuators operating from DC to 6000 MHz with excellent attenuation flatness.
This attenuator series supports testing and measurement applications. Precise performance, excellent VSWR and rugged unibody
construction make these models an ideal solution for systems requiring precise attenuation.


Similar Part No. - K2-VAT-A+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
K2-VAT MINI-K2-VAT Datasheet
718Kb / 1P
FIXED ATTENUATORS
K2-VAT2 MINI-K2-VAT2 Datasheet
284Kb / 1P
FIXED ATTENUATORS
More results

Similar Description - K2-VAT-A+

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
ATN3590 SKYWORKS-ATN3590 Datasheet
320Kb / 6P
Fixed Attenuators
logo
Mini-Circuits
K1-VAT2 MINI-K1-VAT2 Datasheet
277Kb / 1P
FIXED ATTENUATORS
K2-BW1 MINI-K2-BW1 Datasheet
257Kb / 1P
FIXED ATTENUATORS
K2-BW2 MINI-K2-BW2 Datasheet
260Kb / 1P
FIXED ATTENUATORS
K2-BW3 MINI-K2-BW3 Datasheet
277Kb / 1P
FIXED ATTENUATORS
K2-UNAT MINI-K2-UNAT Datasheet
283Kb / 1P
FIXED ATTENUATORS
K2-VAT MINI-K2-VAT Datasheet
718Kb / 1P
FIXED ATTENUATORS
K5N-BW3 MINI-K5N-BW3 Datasheet
276Kb / 1P
FIXED ATTENUATORS
K1-HAT-A++ MINI-K1-HAT-A+ Datasheet
203Kb / 1P
Fixed Attenuators
REV. OR
K1-UNAT-A++ MINI-K1-UNAT-A+ Datasheet
179Kb / 1P
Fixed Attenuators
REV. OR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com