Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC337 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BC337
Description  NPN general purpose transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC337 Datasheet(HTML) 3 Page - NXP Semiconductors

  BC337 Datasheet HTML 1Page - NXP Semiconductors BC337 Datasheet HTML 2Page - NXP Semiconductors BC337 Datasheet HTML 3Page - NXP Semiconductors BC337 Datasheet HTML 4Page - NXP Semiconductors BC337 Datasheet HTML 5Page - NXP Semiconductors BC337 Datasheet HTML 6Page - NXP Semiconductors BC337 Datasheet HTML 7Page - NXP Semiconductors BC337 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1999 Apr 15
3
Philips Semiconductors
Product specification
NPN general purpose transistor
BC337
THERMAL CHARACTERISTICS
Note
1. Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
Note
1. VBE decreases by about 2 mV/K with increasing temperature.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
0.2
K/mW
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB =20V
−−
100
nA
IE = 0; VCB = 20 V; Tj = 150 °C
−−
5
µA
IEBO
emitter cut-off current
IC = 0; VEB =5V
−−
100
nA
hFE
DC current gain
IC = 100 mA; VCE =1V;
see Figs 2, 3 and 4
BC337
100
600
BC337-16
100
250
BC337-25
160
400
BC337-40
250
600
DC current gain
IC = 500 mA; VCE =1V;
see Figs 2, 3 and 4
40
−−
VCEsat
collector-emitter saturation
voltage
IC = 500 mA; IB =50mA
−−
700
mV
VBE
base-emitter voltage
IC = 500 mA; VCE = 1 V; note 1
−−
1.2
V
Cc
collector capacitance
IE =ie = 0; VCB = 10 V; f = 1 MHz
5
pF
fT
transition frequency
IC = 10 mA; VCE = 5 V; f = 100 MHz
100
−−
MHz


Similar Part No. - BC337

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC337 PHILIPS-BC337 Datasheet
245Kb / 19P
   45 V, 500 mA NPN general-purpose transistors
Rev. 06-17 November 2009
logo
Motorola, Inc
BC337 MOTOROLA-BC337 Datasheet
163Kb / 4P
   Amplifier Transistor
logo
Unisonic Technologies
BC337 UTC-BC337 Datasheet
47Kb / 2P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
KEC(Korea Electronics)
BC337 KEC-BC337 Datasheet
31Kb / 1P
   TO-92 PACKAGE
logo
Guangdong Kexin Industr...
BC337 KEXIN-BC337 Datasheet
888Kb / 2P
   NPN Transistors
More results

Similar Description - BC337

ManufacturerPart #DatasheetDescription
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
   NPN general purpose transistor
logo
Pan Jit International I...
BC546 PANJIT-BC546 Datasheet
160Kb / 5P
   NPN GENERAL PURPOSE TRANSISTOR
logo
Weitron Technology
BC337 WEITRON-BC337 Datasheet
256Kb / 4P
   NPN General Purpose Transistor
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
   NPN General Purpose Transistor
logo
NXP Semiconductors
2PC4617J PHILIPS-2PC4617J Datasheet
40Kb / 8P
   NPN general purpose transistor
1999 May 04
2PC1815 PHILIPS-2PC1815 Datasheet
42Kb / 8P
   NPN general purpose transistor
1999 May 28
2PC4617 PHILIPS-2PC4617 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 May 21
MPSA06 PHILIPS-MPSA06 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 Apr 27
2PD1820A NXP-2PD1820A Datasheet
107Kb / 6P
   NPN general purpose transistor
1997 May 22
PMBTA06 NXP-PMBTA06 Datasheet
102Kb / 6P
   NPN general purpose transistor
2004 Jan 22
logo
Shenzhen Ping Sheng Ele...
BC846 PFS-BC846 Datasheet
210Kb / 4P
   NPN general purpose Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com