Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CG-232485CBO Datasheet(PDF) 1 Page - Coolgear Inc.

Part # CG-232485CBO
Description  2 Port RS232/422/485 Serial to USB 2.0 Combo Adapter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOLGEAR [Coolgear Inc.]
Direct Link  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.

CG-232485CBO Datasheet(HTML) 1 Page - Coolgear Inc.

  CG-232485CBO Datasheet HTML 1Page - Coolgear Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CG-232485CBO Technical
Data Sheet
www.coolgear.com
Model: CG-232485CBO
2 Port RS232/422/485 Serial to USB 2.0 Combo
Adapter
2-Port serial adapter supports the use of one or two serial
protocols simultaneously making it very versatile for many COM
applications.
Specifications
Serial Interface
RS232/422/485 selected by DIP Switch Controls
Ports
1 USB type-B female, 2 DB9 Male
Speed
Up to 921.6kbps
Available Modes
RS232 Mode, RS422 Mode, RS485 2-wire Mode, RS485 4-wire Mode
Signals
RS232 TxD, RxD, RTS/CTS, DTR, DSR, DCD, RI, GND
RS422 Tx+/-, Rx+/-, GND
RS485 2 wire Data+/-, GND
RS485 4 wire Tx+/-, Rx+/-, GND
USB Interface
USB 2.0
Power
USB Bus powered, must have 5V .500mA to operate
Driver
Windows 2000, XP, 2003 Server, Vista, OS X, Linux
Connectors
2 DB9 male, 1 USB Type-B Female to computer
Dimensions
101.6mm(L) x 87.29mm(W) x 23.81mm(H), 112.71x 87.29 x 2381 mm (with mounting ears)
Driver (OS) Support
Windows 7, Vista, 2003, XP, and 2000, Linux, OS X
Environmental
Operating Temperature 0 to 55 °C (32 to 131 °F)
Operating Humidity 5 to 95% RH
Storage Temperature -20 to 75 °C (-4 to 167 °F)
Features
• Provides 2 RS232/422/485 Serial Ports or
combination
• Supports Hot-Plugging
• Provides 2 DSUB-9 Connectors
• Supports USB 2.0 High-Speed data rate
480Mbps
• Baud Rate or 921.6Kbps
• Supports USB Bus Power
Product Information
Product Name:
CG-232485CBO
Packing List:
Serial to USB 2.0 Combo Adapter, User
Manual, Driver Disk, 6ft USB Cable
Optional Accessories:
N/A


Similar Part No. - CG-232485CBO

ManufacturerPart #DatasheetDescription
logo
Coolgear Inc.
CG-2PPW COOLGEAR-CG-2PPW Datasheet
192Kb / 2P
2-Pin Power Connector for Industrial Hubs
CG-2URS232A COOLGEAR-CG-2URS232A Datasheet
964Kb / 2P
2 Port USB 2.0 to RS 232 Auto Switch FTDI Chipset
CG-2URS232M COOLGEAR-CG-2URS232M Datasheet
910Kb / 2P
2 Port USB 2.0 to RS 232 Manual Switch FTDI Chipset
CG-2X3510S7-BOARD COOLGEAR-CG-2X3510S7-BOARD Datasheet
309Kb / 2P
USB 3.2 Gen 1 Mini 7 Port Hub Component w/ ESD Surge Protection
Rev 05.221219
More results

Similar Description - CG-232485CBO

ManufacturerPart #DatasheetDescription
logo
Coolgear Inc.
USB-4COMI-M COOLGEAR-USB-4COMI-M Datasheet
65Kb / 1P
4-Port RS-422 / 485 USB to Serial Adapter
7/13/2016
USB-8COMI-RM COOLGEAR-USB-8COMI-RM Datasheet
127Kb / 2P
8 Port USB to RS-232/422/485 Octal Adapter
USB-COMIPLUS COOLGEAR-USB-COMIPLUS Datasheet
113Kb / 1P
USB 2.0 Industrial Adapter User Selectable RS232/422/485 FTDI Chip
USBG-4X232P1 COOLGEAR-USBG-4X232P1 Datasheet
489Kb / 2P
USB 4-Port Serial Adapter - USB 2.0 to DB-9 Port RS232 with FTDI CHIP
SA-8PX-IS COOLGEAR-SA-8PX-IS Datasheet
373Kb / 4P
8-Port Terminal Block RS232/422/485 to USB Isolation/Surge Protection
7/16/2021
SG-PCIE8SRS422485MOD COOLGEAR-SG-PCIE8SRS422485MOD Datasheet
315Kb / 4P
8 Port Serial RS232/422/485 PCIe Adapter Module
7/16/2021
USB-16COMI-M COOLGEAR-USB-16COMI-M Datasheet
102Kb / 1P
16-Port RS-422 485 USB-to-Serial Adapter
USB-2COMI-SI-M COOLGEAR-USB-2COMI-SI-M Datasheet
129Kb / 2P
2 Port USB to RS-422 /485 Optical Isolated Adapter
USB-COMI-PRO COOLGEAR-USB-COMI-PRO Datasheet
224Kb / 2P
1-Port USB to Serial Adapter (RS-232/422/485) , DIN-rail
10/13/2021
logo
Black Box Registered Tr...
US-720 BLACKBOX-US-720 Datasheet
1Mb / 4P
USB-C to 1 Port 422/485 Industrial USB to Serial Adaptor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com