Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1115672 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1115672
Description  CAPAROC CR 8 - Busbar
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1115672 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1115672 Datasheet HTML 1Page - PHOENIX CONTACT 1115672 Datasheet HTML 2Page - PHOENIX CONTACT 1115672 Datasheet HTML 3Page - PHOENIX CONTACT 1115672 Datasheet HTML 4Page - PHOENIX CONTACT 1115672 Datasheet HTML 5Page - PHOENIX CONTACT 1115672 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical Data
Notes
General
LABS release – in accordance with test specification VW PV 3.
10.7:2005-0
Note
When using CAPAROC E1... modules, for continuous shock in
accordance with IEC 60068-2-27 the 6 ms / 15g degree of
severity applies
Product properties
Product type
Device circuit breakers
Product family
CAPAROC
Number of slots
8
Insulation characteristics
Protection class
III
Pollution degree
2
Electrical properties
General
Rated voltage
24 V DC
Rated current IN
45 A DC (Total current input)
Dimensions
Dimensional drawing
Width
49.4 mm
Height
44 mm
Depth
22.5 mm (incl. DIN rail 7.5 mm)
Material specifications
Color
light grey RAL 7035
Copper
Material
PC
Flammability rating according to UL 94
V-0
Environmental and real-life conditions
Ambient conditions
Degree of protection
IP20
-30 °C ... 65 °C (The temperature range of the power module
Ambient temperature (operation)
CAPAROC CR 8 - Busbar
1115672
https://www.phoenixcontact.com/us/products/1115672
May 15, 2023, 12:16 AM
Page 2 (6)


Similar Part No. - 1115672

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1115670 PHOENIX-1115670 Datasheet
936Kb / 20P
   Power module - CAPAROC PM IOL
Nov 3, 2022
More results

Similar Description - 1115672

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB1004AF TOSHIBA-TB1004AF Datasheet
230Kb / 6P
   CR TIMER
TB1022F TOSHIBA-TB1022F Datasheet
244Kb / 6P
   CR TIMER
logo
Rohm
BU2302 ROHM-BU2302 Datasheet
301Kb / 13P
   CR timer
logo
KOA Speer Electronics, ...
CRE601D KOA-CRE601D Datasheet
477Kb / 2P
   cr networks
logo
PHOENIX CONTACT
2775126 PHOENIX-2775126 Datasheet
122Kb / 3P
   Return busbar - RS
02/04/2022
logo
Toshiba Semiconductor
TA7326P TOSHIBA-TA7326P Datasheet
331Kb / 12P
   CR TIMER
TB1010F TOSHIBA-TB1010F Datasheet
243Kb / 6P
   CR TIMER
logo
PANDUIT CORP.
C41505 PANDUIT-C41505_04 Datasheet
39Kb / 2P
   Grounding busbar
logo
Toshiba Semiconductor
TB1012F TOSHIBA-TB1012F Datasheet
222Kb / 6P
   CR TIMER
logo
Seiko Instruments Inc
S-8081B SII-S-8081B Datasheet
488Kb / 8P
   CR TIMER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com