Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1115672 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1115672
Description  CAPAROC CR 8 - Busbar
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1115672 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1115672 Datasheet HTML 1Page - PHOENIX CONTACT 1115672 Datasheet HTML 2Page - PHOENIX CONTACT 1115672 Datasheet HTML 3Page - PHOENIX CONTACT 1115672 Datasheet HTML 4Page - PHOENIX CONTACT 1115672 Datasheet HTML 5Page - PHOENIX CONTACT 1115672 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
Busbar for the CAPAROC system with 8 slots. For installation on a DIN rail.
Your advantages
The benchmark that you can customize with lengths that can be adapted to your requirements
Particularly easy operation for everyone with the simple Plug and Play design
Exceptionally easy design-in with universal busbars up to 45 A
Commercial Data
Item number
1115672
Packing unit
1 pc
Minimum order quantity
1 pc
Sales Key
CL11
Product Key
CLA23Z
GTIN
4063151040918
Weight per Piece (including packing)
22.98 g
Weight per Piece (excluding packing)
20 g
Customs tariff number
85366990
Country of origin
DE
CAPAROC CR 8 - Busbar
1115672
https://www.phoenixcontact.com/us/products/1115672
May 15, 2023, 12:16 AM
Page 1 (6)


Similar Part No. - 1115672

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1115670 PHOENIX-1115670 Datasheet
936Kb / 20P
   Power module - CAPAROC PM IOL
Nov 3, 2022
More results

Similar Description - 1115672

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB1004AF TOSHIBA-TB1004AF Datasheet
230Kb / 6P
   CR TIMER
TB1022F TOSHIBA-TB1022F Datasheet
244Kb / 6P
   CR TIMER
logo
Rohm
BU2302 ROHM-BU2302 Datasheet
301Kb / 13P
   CR timer
logo
KOA Speer Electronics, ...
CRE601D KOA-CRE601D Datasheet
477Kb / 2P
   cr networks
logo
PHOENIX CONTACT
2775126 PHOENIX-2775126 Datasheet
122Kb / 3P
   Return busbar - RS
02/04/2022
logo
Toshiba Semiconductor
TA7326P TOSHIBA-TA7326P Datasheet
331Kb / 12P
   CR TIMER
TB1010F TOSHIBA-TB1010F Datasheet
243Kb / 6P
   CR TIMER
logo
PANDUIT CORP.
C41505 PANDUIT-C41505_04 Datasheet
39Kb / 2P
   Grounding busbar
logo
Toshiba Semiconductor
TB1012F TOSHIBA-TB1012F Datasheet
222Kb / 6P
   CR TIMER
logo
Seiko Instruments Inc
S-8081B SII-S-8081B Datasheet
488Kb / 8P
   CR TIMER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com