Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1115672 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1115672
Description  CAPAROC CR 8 - Busbar
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1115672 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1115672 Datasheet HTML 1Page - PHOENIX CONTACT 1115672 Datasheet HTML 2Page - PHOENIX CONTACT 1115672 Datasheet HTML 3Page - PHOENIX CONTACT 1115672 Datasheet HTML 4Page - PHOENIX CONTACT 1115672 Datasheet HTML 5Page - PHOENIX CONTACT 1115672 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
must be taken into consideration)
Ambient temperature (storage/transport)
-40 °C ... 70 °C
Altitude
≤ 4000 m (amsl (above mean sea level))
Humidity test
96 h, 95 % RH, 40 °C
30g (11 ms period, half-sine shock pulse, according to IEC
60068-2-27)
25g (6 ms duration, half-sine shock pulse in accordance with 
IEC 60068-2-27, continuous shock)
Shock (operation)
15g (6 ms duration, half-sine shock pulse in accordance with 
IEC 60068-2-27, continuous shock. If more than six CAPAROC
E1 modules are used in the system.)
Vibration (operation)
5g (10 ... 150 Hz / 10 cycles / axis / X, Y, Z)
Approval data
UL approval
UL/C-UL Listed UL 508
Identification
UL 121201 Class I, Division 2, Groups A, B, C, D, T4A
Standards and regulations
Standards/specifications
EN 61000-6-2
Standards/specifications
EN 61000-6-3
Standards/specifications
EN 60068-2-78
Standards/specifications
EN 50178
Standards/specifications
EN 60068-2-6
Standards/specifications
EN 60068-2-27
Mounting
Mounting type
DIN rail: 35 mm
CAPAROC CR 8 - Busbar
1115672
https://www.phoenixcontact.com/us/products/1115672
May 15, 2023, 12:16 AM
Page 3 (6)


Similar Part No. - 1115672

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1115670 PHOENIX-1115670 Datasheet
936Kb / 20P
   Power module - CAPAROC PM IOL
Nov 3, 2022
More results

Similar Description - 1115672

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB1004AF TOSHIBA-TB1004AF Datasheet
230Kb / 6P
   CR TIMER
TB1022F TOSHIBA-TB1022F Datasheet
244Kb / 6P
   CR TIMER
logo
Rohm
BU2302 ROHM-BU2302 Datasheet
301Kb / 13P
   CR timer
logo
KOA Speer Electronics, ...
CRE601D KOA-CRE601D Datasheet
477Kb / 2P
   cr networks
logo
PHOENIX CONTACT
2775126 PHOENIX-2775126 Datasheet
122Kb / 3P
   Return busbar - RS
02/04/2022
logo
Toshiba Semiconductor
TA7326P TOSHIBA-TA7326P Datasheet
331Kb / 12P
   CR TIMER
TB1010F TOSHIBA-TB1010F Datasheet
243Kb / 6P
   CR TIMER
logo
PANDUIT CORP.
C41505 PANDUIT-C41505_04 Datasheet
39Kb / 2P
   Grounding busbar
logo
Toshiba Semiconductor
TB1012F TOSHIBA-TB1012F Datasheet
222Kb / 6P
   CR TIMER
logo
Seiko Instruments Inc
S-8081B SII-S-8081B Datasheet
488Kb / 8P
   CR TIMER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com