Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BB149 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BB149
Description  UHF variable capacitance diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BB149 Datasheet(HTML) 4 Page - NXP Semiconductors

  BB149 Datasheet HTML 1Page - NXP Semiconductors BB149 Datasheet HTML 2Page - NXP Semiconductors BB149 Datasheet HTML 3Page - NXP Semiconductors BB149 Datasheet HTML 4Page - NXP Semiconductors BB149 Datasheet HTML 5Page - NXP Semiconductors BB149 Datasheet HTML 6Page - NXP Semiconductors BB149 Datasheet HTML 7Page - NXP Semiconductors BB149 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1998 Sep 15
4
Philips Semiconductors
Product specification
UHF variable capacitance diode
BB149
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOD323
98-09-14
0
1
2 mm
scale
SOD323
UNIT
bp
cD
E
Qv
mm
0.40
0.25
+ 0.05
− 0.05
0.25
0.10
0.2
1.35
1.15
1.8
1.6
A
1.1
0.8
HE
2.7
2.3
0.25
0.15
Lp
0.45
0.15
DIMENSIONS (mm are the original dimensions)
D
12
HE
Lp
A
E
bp
A1
Q
Note
1. The marking bar indicates the cathode.
A1
max.
Plastic surface mounted package; 2 leads
,





v M A
A
c
(1)


Similar Part No. - BB149

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BB149 LRC-BB149 Datasheet
51Kb / 2P
UHF variable capacitance diode
logo
NXP Semiconductors
BB149 PHILIPS-BB149 Datasheet
43Kb / 7P
UHF variable capacitance diode
Rev. 05-4 October 2004
BB149 NXP-BB149 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BB149A PHILIPS-BB149A Datasheet
53Kb / 8P
UHF variable capacitance diode
1997 Dec 17
BB149A NXP-BB149A Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
More results

Similar Description - BB149

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BB179 LRC-BB179 Datasheet
140Kb / 2P
UHF variable capacitance diode
logo
NXP Semiconductors
BB146 PHILIPS-BB146 Datasheet
29Kb / 4P
UHF variable capacitance diode
1996 Sep 20
BB149A PHILIPS-BB149A Datasheet
53Kb / 8P
UHF variable capacitance diode
1997 Dec 17
BB215 PHILIPS-BB215 Datasheet
28Kb / 4P
UHF variable capacitance diode
1996 May 03
logo
Unisonic Technologies
BB179 UTC-BB179 Datasheet
114Kb / 2P
UHF VARIABLE CAPACITANCE DIODE
logo
NXP Semiconductors
BB179BLX NXP-BB179BLX Datasheet
57Kb / 7P
UHF variable capacitance diode
Rev. 01-29 January 2009
BB189 NXP-BB189 Datasheet
51Kb / 6P
UHF variable capacitance diode
Rev. 01-8 June 2009
BB149 PHILIPS-BB149_04 Datasheet
43Kb / 7P
UHF variable capacitance diode
Rev. 05-4 October 2004
BB135 PHILIPS-BB135 Datasheet
53Kb / 8P
UHF variable capacitance diode
1998 Sep 15
BB159 PHILIPS-BB159 Datasheet
29Kb / 4P
UHF variable capacitance diode
1996 Oct 03
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com