Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BB135 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BB135
Description  UHF variable capacitance diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BB135 Datasheet(HTML) 3 Page - NXP Semiconductors

  BB135 Datasheet HTML 1Page - NXP Semiconductors BB135 Datasheet HTML 2Page - NXP Semiconductors BB135 Datasheet HTML 3Page - NXP Semiconductors BB135 Datasheet HTML 4Page - NXP Semiconductors BB135 Datasheet HTML 5Page - NXP Semiconductors BB135 Datasheet HTML 6Page - NXP Semiconductors BB135 Datasheet HTML 7Page - NXP Semiconductors BB135 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1998 Sep 15
3
Philips Semiconductors
Product specification
UHF variable capacitance diode
BB135
GRAPHICAL DATA
Fig.2 Diode capacitance as a function of reverse voltage; typical values.
f = 1 MHz; Tj =25 °C.
handbook, full pagewidth
0
20
MBE874
10 2
10
1
10 −1
4
8
12
16
Cd
(pF)
V
R
(V)
Fig.3
Reverse current as a function of junction
temperature; maximum values.
handbook, halfpage
100
0
10
MLC816
102
10 3
50
IR
(nA)
T ( C)
j
o
Fig.4
Temperature coefficient of diode
capacitance as a function of
reverse voltage; typical values.
handbook, halfpage
MLC815
110
10
2
10
3
10
4
10
5
10
1
(K−1)
V (V)
R
d
TC
Tj = 0 to 85 °C.


Similar Part No. - BB135

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BB135 LRC-BB135 Datasheet
38Kb / 2P
   UHF Variable Capacitance Diode
logo
NXP Semiconductors
BB135 NXP-BB135 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BB135 PHILIPS-BB135_15 Datasheet
133Kb / 8P
   UHF variable capacitance diode
2004 Mar 01
logo
Quanzhou Jinmei Electro...
BB135 JMNIC-BB135_15 Datasheet
64Kb / 8P
   UHF variable capacitance diode
BB135_2015 JMNIC-BB135_2015 Datasheet
64Kb / 8P
   UHF variable capacitance diode
More results

Similar Description - BB135

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BB179 LRC-BB179 Datasheet
140Kb / 2P
   UHF variable capacitance diode
logo
NXP Semiconductors
BB146 PHILIPS-BB146 Datasheet
29Kb / 4P
   UHF variable capacitance diode
1996 Sep 20
BB149A PHILIPS-BB149A Datasheet
53Kb / 8P
   UHF variable capacitance diode
1997 Dec 17
BB215 PHILIPS-BB215 Datasheet
28Kb / 4P
   UHF variable capacitance diode
1996 May 03
logo
Unisonic Technologies
BB179 UTC-BB179 Datasheet
114Kb / 2P
   UHF VARIABLE CAPACITANCE DIODE
logo
NXP Semiconductors
BB179BLX NXP-BB179BLX Datasheet
57Kb / 7P
   UHF variable capacitance diode
Rev. 01-29 January 2009
BB189 NXP-BB189 Datasheet
51Kb / 6P
   UHF variable capacitance diode
Rev. 01-8 June 2009
BB149 PHILIPS-BB149_04 Datasheet
43Kb / 7P
   UHF variable capacitance diode
Rev. 05-4 October 2004
BB149 PHILIPS-BB149 Datasheet
54Kb / 8P
   UHF variable capacitance diode
1998 Sep 15
BB159 PHILIPS-BB159 Datasheet
29Kb / 4P
   UHF variable capacitance diode
1996 Oct 03
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com