Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

571-0112-100 Datasheet(PDF) 2 Page - Dialight Corporation

Part # 571-0112-100
Description  2mm LED CBI Circuit Board Indicator (DIN 41494 Compatible), Bi-Level
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

571-0112-100 Datasheet(HTML) 2 Page - Dialight Corporation

  571-0112-100 Datasheet HTML 1Page - Dialight Corporation 571-0112-100 Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3-13
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
3
2mm Discrete LED
Diffused
521-9630, -9631, -9632
1.50 [.059] MAX
2.40
[.095]
CATHODE I.D.
3.30
[.13]
R 1.65
[.065]
1.80
[.071]
2.90
[.114]
1.52
[.060]
3.30
[.130]
CATHODE
2.54
[.10]
NOM
1.00
[.04]
MIN
.45
[.018]
TYP
.40
[.016]
TYP
25.40
[1.00] MIN
PART NO.
COLOR
521-9630
Red
521-9631
Yellow
521-9632
Green
Red
Yellow
Green
ABSOLUTE MAXIMUM RATINGS (T
A=25°C)
-9630
-9631
-9632
Power Dissipation (mW)
100
60
100
Forward Current (mA)
30
20
30
Derating (mA/°C) From 25°C
.4
.25
.4
Peak Current (mA)
120
80
120
Pulse width = 10µs
Operating Temperature (°C)
-55/+100
-55/+100
-55/+100
Storage Temperature (°C)
-55/+100
-55/+100
-55/+100
Soldering Temperature
260°C, 5 seconds, 1.6 mm from case
Red
Yellow
Green
OPERATING CHARACTERISTICS (T
A=25°C)
-9630
-9631
-9632
Luminous Intensity (mcd)
Min.
3.7
3.7
2.5
IF=10mA
Typical
12.6
12.6
8.7
Peak Wavelength (nm)
Typical
635
585
565
λ Peak
Viewing Angle (2
Θ
Θ
1
/2)
Typical
38°
38°
38°
Forward Voltage (V)
Typical
2
2.1
2.1
IF=20mA
Max.
2.8
2.8
2.8
Reverse Voltage (V), IR=100µA
Min.
5
5
5
Dimensions in mm [inches]
Θ 1¼2is the off axis angle at which the luminous intensity is half the axial luminous intensity


Similar Part No. - 571-0112-100

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
571-0112-100F DIALIGHT-571-0112-100F Datasheet
36Kb / 2P
2mm LED CBI짰 Circuit Board Indicator (DIN 41494 Compatible), Bi-Level
More results

Similar Description - 571-0112-100

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
552-0XXX DIALIGHT-552-0XXX Datasheet
84Kb / 11P
5mm LED CBI Circuit Board Indicator Bi-level
553-XXXX-300 DIALIGHT-553-XXXX-300 Datasheet
76Kb / 10P
LED CBI Circuit Board Indicator Bi-level
570-0100-XXX DIALIGHT-570-0100-XXX Datasheet
26Kb / 2P
2mm LED CBI Circuit Board Indicator (DIN 41494 Compatible), Tri-Level
571-0112-100F DIALIGHT-571-0112-100F Datasheet
36Kb / 2P
2mm LED CBI짰 Circuit Board Indicator (DIN 41494 Compatible), Bi-Level
553-0111F DIALIGHT-553-0111F Datasheet
84Kb / 10P
3mm LED CBI Circuit Board Indicator Bi-level
553-0122-300F DIALIGHT-553-0122-300F Datasheet
80Kb / 10P
3mm LED CBI Circuit Board Indicator Bi-level
553-0111-200F DIALIGHT-553-0111-200F Datasheet
73Kb / 8P
3MM LED CBI CIRCUTIT BOARD INDICATOR (DIN 41494 COMPATIBLE), NARROW BI-LEVEL
553-0233F DIALIGHT-553-0233F Datasheet
84Kb / 10P
3MM LED CBI CIRCUTIT BOARD INDICATOR (DIN 41494 COMPATIBLE), NARROW BI-LEVEL
564-0200-132F DIALIGHT-564-0200-132F Datasheet
26Kb / 1P
3MM LED CBI CIRCUTIT BOARD INDICATOR (DIN 41494 COMPATIBLE), NARROW BI-LEVEL
551-0407F DIALIGHT-551-0407F Datasheet
644Kb / 2P
3MM LED CBI CIRCUTIT BOARD INDICATOR (DIN 41494 COMPATIBLE), NARROW BI-LEVEL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com