Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJF0408JPD-00-J3 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RJF0408JPD-00-J3
Description  40V, 30A Silicon N Channel Thermal FET Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJF0408JPD-00-J3 Datasheet(HTML) 4 Page - Renesas Technology Corp

  RJF0408JPD-00-J3 Datasheet HTML 1Page - Renesas Technology Corp RJF0408JPD-00-J3 Datasheet HTML 2Page - Renesas Technology Corp RJF0408JPD-00-J3 Datasheet HTML 3Page - Renesas Technology Corp RJF0408JPD-00-J3 Datasheet HTML 4Page - Renesas Technology Corp RJF0408JPD-00-J3 Datasheet HTML 5Page - Renesas Technology Corp RJF0408JPD-00-J3 Datasheet HTML 6Page - Renesas Technology Corp RJF0408JPD-00-J3 Datasheet HTML 7Page - Renesas Technology Corp RJF0408JPD-00-J3 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
RJF0408JPD
Target Specifications
R07DS1133EJ0200 Rev.2.00
Page 4 of 7
Jul 28, 2015
Case Temperature
Tc (°C)
Static Drain to Source on State Resistance
vs. Temperature
Forward Transfer Admittance vs.
Drain Current
Drain Current ID (A)
Reverse Drain Current
IDR (A)
Body-Drain Diode Reverse
Recovery Time
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
Source to Drain Voltage VSD (V)
Reverse Drain Current vs.
Source to Drain Voltage
Drain Current
ID (A)
Switching Characteristics
55
50
–50 –25
0
25
75 100
50
150
125
10
20
25
40
15
30
35
45
VGS = 5 V
10 V
ID = 15 A
5 A
10 A
ID = 15 A
5 A
10 A
Pulse Test
100
10
1
0.1
0.1
1
100
10
25°C
Tc = – 40°C
150°C
VDS = 10 V
Pulse Test
1
10
100
1000
10
100
1
diF / dt = 50 A /
μs
VGS = 0, Ta = 25°C
100
10
1
1
10
100
0.1
VGS = 10 V, VDD = 30 V
PW = 300
μs, duty ≤ 1 %
tf
tr
td(off)
td(on)
20
25
30
0
0
5
10
15
0.2
0.4
0.6
0.8
1.0
VGS = 5 V
0 V
Pulse Test
010
20
30
40
10000
3000
1000
300
100
30
10
Coss
VGS = 0
f = 1 MHz


Similar Part No. - RJF0408JPD-00-J3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJF0408JPD RENESAS-RJF0408JPD_15 Datasheet
110Kb / 8P
   40V, 30A Silicon N Channel Thermal FET Power Switching
More results

Similar Description - RJF0408JPD-00-J3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJF0408JPD RENESAS-RJF0408JPD_15 Datasheet
110Kb / 8P
   40V, 30A Silicon N Channel Thermal FET Power Switching
RJF0619JPE RENESAS-RJF0619JPE_15 Datasheet
141Kb / 8P
   60V, 30A Silicon N Channel Thermal FET Power Switching
RJF0619JPD RENESAS-RJF0619JPD Datasheet
154Kb / 8P
   60V, 30A Silicon N Channel Thermal FET Power Switching
Sep. 02, 2013
RJF0411JPD RENESAS-RJF0411JPD Datasheet
269Kb / 8P
   40V, 34A Silicon N Channel Thermal FET Power Switching
RJF0409JSP RENESAS-RJF0409JSP Datasheet
277Kb / 8P
   40V, 5A Silicon N Channel Thermal FET Power Switching
Jul 28, 2015
RJF0619JPD RENESAS-RJF0619JPD_15 Datasheet
155Kb / 8P
   60V, 30A Silicon N Channel Thermal FET Power Switching
RJF0619JPE RENESAS-RJF0619JPE Datasheet
141Kb / 8P
   60V, 30A Silicon N Channel Thermal FET Power Switching
RJF0409JSP RENESAS-RJF0409JSP_15 Datasheet
332Kb / 8P
   40V, 5A Silicon N Channel Thermal FET Power Switching
RJF0410JPE RENESAS-RJF0410JPE_15 Datasheet
209Kb / 8P
   40V - 40A - N Channel Thermal FET Power Switching
RJF0410JPE RENESAS-RJF0410JPE Datasheet
204Kb / 8P
   40V - 40A - N Channel Thermal FET Power Switching
Oct 29, 2015
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com