Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S12K Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MC9S12K
Description  16-Bit Microcontroller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC9S12K Datasheet(HTML) 1 Page - NXP Semiconductors

  MC9S12K Datasheet HTML 1Page - NXP Semiconductors MC9S12K Datasheet HTML 2Page - NXP Semiconductors MC9S12K Datasheet HTML 3Page - NXP Semiconductors MC9S12K Datasheet HTML 4Page - NXP Semiconductors MC9S12K Datasheet HTML 5Page - NXP Semiconductors MC9S12K Datasheet HTML 6Page - NXP Semiconductors MC9S12K Datasheet HTML 7Page - NXP Semiconductors MC9S12K Datasheet HTML 8Page - NXP Semiconductors MC9S12K Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© MOTOROLA 2003
MOTOROLA
SEMICONDUCTOR
TECHNICAL DATA
MC9S12K-Family
Rev 6.0, 21-Oct-03
MC9S12K-Family
Product Preview
16-Bit Microcontroller
Targeted for ultra high reliability systems, members of the MC9S12K-Family of 16-bit Flash-based microcontrol-
lers have an increased performance in reliability over the life of the product. The improvement is due to a built-in
Error Checking and Correction code (ECC) in the Flash memory. The program and erase operations automatically
generate six parity bits per word making ECC transparent to the end user. The ECC logic implements a modified
Hamming code capable of correcting single bit faults and detecting double bit faults in each word. The MC9S12K-
Family members are composed of standard on-chip peripherals and maintain pin compatibility with the
MC9S12D-Family.
Features
• 16-bit CPU12
— Upward compatible with M68HC11 instruction set
— Interrupt stacking and programmer’s model identical to M68HC11
— Instruction queue
— Enhanced indexed addressing
• System Integration Module (SIM)
— Multiplexed External Bus Interface (MEBI)
• Single chip or expanded
• 16 address/16 data wide or 16 address/8 data narrow modes
— Memory Map and Interface (MMC)
— Interrupt Controller (INT)
— Development support
• Single-wire Background Debug Mode™ (BDM)
• Debugger with on-chip trace buffer and flexible triggers (DBG)
• On-chip hardware Breakpoints (BKP)
• Oscillator (OSC)
— 2Mhz to 16Mhz frequency range
— Pierce with amplitude loop control
— Clock monitor
• Clock and Reset Generator (CRG)
— Phase-locked loop clock frequency multiplier
— Self Clock mode in absence of external clock
— COP watchdog
— Real Time interrupt (RTI)
• Memory options
— 32K, 64K, 128K, 256K Byte Flash EEPROM
• Internal program/erase voltage generation
• Security and Block Protect bits
• Built-in Error Checking and Correction code (ECC)
— 1K, 2K, 4K Byte EEPROM
— 2K, 4K, 8K, 12K Byte static RAM
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC9S12K

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12K FREESCALE-MC9S12K Datasheet
7Mb / 126P
   Microcontrollers
MC9S12KC128 FREESCALE-MC9S12KC128 Datasheet
7Mb / 126P
   Microcontrollers
MC9S12KC128 FREESCALE-MC9S12KC128 Datasheet
2Mb / 600P
   Microcontrollers
logo
NXP Semiconductors
MC9S12KC128 NXP-MC9S12KC128 Datasheet
7Mb / 126P
   HCS12 Microcontrollers
V01.09 9 SEP 2004
logo
Freescale Semiconductor...
MC9S12KC128CFU FREESCALE-MC9S12KC128CFU Datasheet
7Mb / 126P
   Microcontrollers
More results

Similar Description - MC9S12K

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com