Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S12K Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MC9S12K
Description  16-Bit Microcontroller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC9S12K Datasheet(HTML) 5 Page - NXP Semiconductors

  MC9S12K Datasheet HTML 1Page - NXP Semiconductors MC9S12K Datasheet HTML 2Page - NXP Semiconductors MC9S12K Datasheet HTML 3Page - NXP Semiconductors MC9S12K Datasheet HTML 4Page - NXP Semiconductors MC9S12K Datasheet HTML 5Page - NXP Semiconductors MC9S12K Datasheet HTML 6Page - NXP Semiconductors MC9S12K Datasheet HTML 7Page - NXP Semiconductors MC9S12K Datasheet HTML 8Page - NXP Semiconductors MC9S12K Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MC9S12K-Family
© MOTOROLA 2003
Rev 6.0, 21-Oct-03
5
MC9S12KG128, MC9S12K64 and MC9S12K32 Block Diagram
128K, 64K, 32k Byte Flash EEPROM
8K, 4K, 2K Byte RAM
RESET
EXTAL
XTAL
VDD1,2
VSS1,2
SCI0
BKGD
R/W
MODB
XIRQ
NOACC/XCLKS
System
Integration
Module
(SIM)
VDDR
CPU12
Periodic Interrupt
COP Watchdog
Clock Monitor
Single-wire BDM
Breakpoints
PLL
VSSPLL
XFC
VDDPLL
Multiplexed Address/Data Bus
ATD
Multiplexed
Wide Bus
Multiplexed
VDDX
VSSX
Internal Logic 2.5V
Narrow Bus
PPAGE
VDDPLL
VSSPLL
OSC/PLL 2.5V
IRQ
LSTRB
ECLK
MODA
TEST
PE3
PE4
PE5
PE6
PE7
PE0
PE1
PE2
AN02
AN06
AN00
AN07
AN01
AN03
AN04
AN05
PAD03
PAD04
PAD05
PAD06
PAD07
PAD00
PAD01
PAD02
IOC2
IOC6
IOC0
IOC7
IOC1
IOC3
IOC4
IOC5
PT3
PT4
PT5
PT6
PT7
PT0
PT1
PT2
VRH
VRL
VDDA
VSSA
VRH
VRL
AN10
AN14
AN08
AN15
AN09
AN11
AN12
AN13
PAD11
PAD12
PAD13
PAD14
PAD15
PAD08
PAD09
PAD10
VDDA
VSSA
RXD
TXD
MISO
MOSI
PS3
PS4
PS5
PS0
PS1
PS2
SCI1
RXD
TXD
PWM2
PWM6
PWM0
PWM7
PWM1
PWM3
PWM4
PWM5
PP3
PP4
PP5
PP6
PP7
PP0
PP1
PP2
PIX2
PIX0
PIX1
PIX3
ECS
PK3
PK7
PK0
PK1
XADDR17
ECS
XADDR14
XADDR15
XADDR16
SCK
SS
PS6
PS7
SPI0
IIC
SDA
SCL
PJ6
PJ7
CAN0
RxCAN
TxCAN
PM1
PM0
PM2
PM3
PM4
PM5
PM6
PM7
KWH2
KWH6
KWH0
KWH7
KWH1
KWH3
KWH4
KWH5
PH3
PH4
PH5
PH6
PH7
PH0
PH1
PH2
KWJ0
KWJ1
PJ0
PJ1
I/O Driver 3.3V/5V
VDDA
VSSA
A/D Converter 3.3V/5V
DDRA
DDRB
PTA
PTB
PK2
CRG
Voltage Regulator
VSSR
VDD1,2
VSS1,2
VREGEN
VDDR
VSSR
Voltage Regulator 3.3V/5V
PIX4
PIX5
PK4
PK5
XADDR18
XADDR19
Voltage Reference
KWP2
KWP6
KWP0
KWP7
KWP1
KWP3
KWP4
KWP5
KWJ6
KWJ7
TIM
Signals shown in Bold are not available on the 80 Pin Package.
2K, 1K Byte EEPROM
PWM
MISO
MOSI
SCK
SS
SPI1
MISO
MOSI
SCK
SS
SPI2
RxCAN
TxCAN
OSC
Debugger
CAN4
CAN4 and SPI2 are only available on the MC9S12KG128.
IIC and SPI1 are not available on the MC9S12K32.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC9S12K

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12K FREESCALE-MC9S12K Datasheet
7Mb / 126P
   Microcontrollers
MC9S12KC128 FREESCALE-MC9S12KC128 Datasheet
7Mb / 126P
   Microcontrollers
MC9S12KC128 FREESCALE-MC9S12KC128 Datasheet
2Mb / 600P
   Microcontrollers
logo
NXP Semiconductors
MC9S12KC128 NXP-MC9S12KC128 Datasheet
7Mb / 126P
   HCS12 Microcontrollers
V01.09 9 SEP 2004
logo
Freescale Semiconductor...
MC9S12KC128CFU FREESCALE-MC9S12KC128CFU Datasheet
7Mb / 126P
   Microcontrollers
More results

Similar Description - MC9S12K

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com