Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S12K Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MC9S12K
Description  16-Bit Microcontroller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC9S12K Datasheet(HTML) 3 Page - NXP Semiconductors

  MC9S12K Datasheet HTML 1Page - NXP Semiconductors MC9S12K Datasheet HTML 2Page - NXP Semiconductors MC9S12K Datasheet HTML 3Page - NXP Semiconductors MC9S12K Datasheet HTML 4Page - NXP Semiconductors MC9S12K Datasheet HTML 5Page - NXP Semiconductors MC9S12K Datasheet HTML 6Page - NXP Semiconductors MC9S12K Datasheet HTML 7Page - NXP Semiconductors MC9S12K Datasheet HTML 8Page - NXP Semiconductors MC9S12K Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MC9S12K-Family
© MOTOROLA 2003
Rev 6.0, 21-Oct-03
3
• Pin out explanations:
— A/D is the number of A/D channels.
— I/O is the sum of ports capable to act as digital input or output.
112 Pin Packages:
Port A = 8, B = 8, E = 6 + 2 input only, H = 8, J = 4, K = 7, M = 8, P = 8, S = 8, T = 8, PAD = 16 input
only.
22 inputs provide Interrupt capability (H =8, P= 8, J = 4, IRQ, XIRQ)
80 Pin Packages:
Port A = 8, B = 8, E = 6 + 2 input only, J = 2, M = 6, P = 7, S = 4, T = 8, PAD = 8 input only.
11 inputs provide Interrupt capability (P= 7, J = 2, IRQ, XIRQ)
— CAN0 can be routed under software control from PM1:0 to pins PM3:2 or PM5:4.
— CAN4 pins are shared between IIC pins.
— CAN4 can be routed under software control from PJ7:6 to pins PM5:4 or PM7:6.
— Versions with 2 CAN modules will have CAN0 and CAN4.
— Versions with one CAN module will have CAN0.
— Versions with 2 SPI modules will have SPI0 and SPI1.
— Versions with 1 SPI will have SPI0.
— SPI0 can be routed to either Ports PS7:4 or PM5:2.
— SPI2 pins are shared with PWM7:4.
— In 112 pin versions SPI2 can be routed under software control to PH7:4.
— In 80 pin versions SS signal of SPI2 is not bonded out!
Table 1 List of MC9S12K-Family members
Flash
RAM EEPROM Package
Device
CAN
SCI
SPI
IIC
A/D
PWM
I/O
256K
12K
4K
112LQFP
KT256
3
2
3
1
16
8
91
KG256
2
2
3
1
16
8
91
80QFP
KG256
2
2
3
1
8
7
59
128K
8K
2K
112LQFP
KG128
2
2
3
1
16
8
91
80QFP
KG128
2
2
3
1
8
7
59
64K
4K
1K
112LQFP
K64
1
2
2
1
16
8
91
80QFP
K64
122
1
87
59
32K
2K
1K
80QFP
K32
1
2
1
0
8
7
59
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC9S12K

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12K FREESCALE-MC9S12K Datasheet
7Mb / 126P
   Microcontrollers
MC9S12KC128 FREESCALE-MC9S12KC128 Datasheet
7Mb / 126P
   Microcontrollers
MC9S12KC128 FREESCALE-MC9S12KC128 Datasheet
2Mb / 600P
   Microcontrollers
logo
NXP Semiconductors
MC9S12KC128 NXP-MC9S12KC128 Datasheet
7Mb / 126P
   HCS12 Microcontrollers
V01.09 9 SEP 2004
logo
Freescale Semiconductor...
MC9S12KC128CFU FREESCALE-MC9S12KC128CFU Datasheet
7Mb / 126P
   Microcontrollers
More results

Similar Description - MC9S12K

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com