Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S12K Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MC9S12K
Description  16-Bit Microcontroller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC9S12K Datasheet(HTML) 2 Page - NXP Semiconductors

  MC9S12K Datasheet HTML 1Page - NXP Semiconductors MC9S12K Datasheet HTML 2Page - NXP Semiconductors MC9S12K Datasheet HTML 3Page - NXP Semiconductors MC9S12K Datasheet HTML 4Page - NXP Semiconductors MC9S12K Datasheet HTML 5Page - NXP Semiconductors MC9S12K Datasheet HTML 6Page - NXP Semiconductors MC9S12K Datasheet HTML 7Page - NXP Semiconductors MC9S12K Datasheet HTML 8Page - NXP Semiconductors MC9S12K Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
© MOTOROLA 2003
MC9S12K-Family
2
Rev 6.0, 21-Oct-03
• Analog-to-Digital Converter(s) (ADC)
— Two 8-channel modules with 10-bit resolution for MC9S12KT256
— One 16-channel module with 10-bit resolution for MC9S12KG128, MC9S12K64 and MC9S12K32
— External conversion trigger capability
• 8-channel Timer (TIM)
— Programmable input capture or output compare channels
— Simple PWM mode
— Counter Modulo Reset
— External Event Counting
— Gated Time Accumulation
• 8-channel Pulse Width Modulator (PWM)
— Programmable period and duty cycle per channel
— 8-bit 8-channel or 16-bit 4-channel
— Edge and center aligned PWM signals
— Emergency shutdown input
• Up to three 1M bit per second, CAN 2.0 A, B software compatible modules
— Five receive and three transmit buffers
— Flexible identifier filter programmable as 2x32 bit, 4x16 bit or 8x8bit
— Four separate interrupt channels for Rx, Tx, error and wake-up
— Low-pass filter wake-up function
— Loop-back for self test operation
• Serial interfaces
— Up to two asynchronous serial communication interface (SCI)
— Up to three synchronous serial peripheral interface (SPI)
— Inter-IC Bus (IIC)
• Internal 2.5V Regulator
— Input voltage range from 3.15V to 5.5V
— Low power mode capability
— Low Voltage Reset (LVR) and Low Voltage Interrupt (LVI)
• 20 key wake up inputs
— Rising or falling edge triggered interrupt capability
— Digital filter to prevent short pulses from triggering interrupts
— Programmable pull ups and pull downs
• Operating frequency for ambient temperatures (TA -40°C to 125°C)
— 50MHz equivalent to 25MHz Bus Speed
• 112-Pin LQFP or 80-Pin QFP package
— I/O lines with 3.3V/5V input and drive capability
— 3.3V/5V A/D converter inputs
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC9S12K

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12K FREESCALE-MC9S12K Datasheet
7Mb / 126P
   Microcontrollers
MC9S12KC128 FREESCALE-MC9S12KC128 Datasheet
7Mb / 126P
   Microcontrollers
MC9S12KC128 FREESCALE-MC9S12KC128 Datasheet
2Mb / 600P
   Microcontrollers
logo
NXP Semiconductors
MC9S12KC128 NXP-MC9S12KC128 Datasheet
7Mb / 126P
   HCS12 Microcontrollers
V01.09 9 SEP 2004
logo
Freescale Semiconductor...
MC9S12KC128CFU FREESCALE-MC9S12KC128CFU Datasheet
7Mb / 126P
   Microcontrollers
More results

Similar Description - MC9S12K

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com