Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA14530 Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # DA14530
Description  Low Power Bluetooth 5.1 SoC
Download  333 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA14530 Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button DA14530 Datasheet HTML 64Page - Renesas Technology Corp DA14530 Datasheet HTML 65Page - Renesas Technology Corp DA14530 Datasheet HTML 66Page - Renesas Technology Corp DA14530 Datasheet HTML 67Page - Renesas Technology Corp DA14530 Datasheet HTML 68Page - Renesas Technology Corp DA14530 Datasheet HTML 69Page - Renesas Technology Corp DA14530 Datasheet HTML 70Page - Renesas Technology Corp DA14530 Datasheet HTML 71Page - Renesas Technology Corp DA14530 Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 333 page
background image
DA14530
Low Power Bluetooth 5.1 SoC
Final
Datasheet
Revision 3.4
21-Dec-2021
CFR0011-120-00
68 of 332
© 2021 Renesas Electronics
XTALRDY_CNT
(8 bits)
On FREQ_TRIM_SW2 rising edge,
XTAL_RDY_CNT value is stored here!
LP_CLK
XTAL_RDY_CNT current value
2
1
0
XTAL32MHz
XTAL32M_EN
XTAL32_CLK_CNT
(10 bits)
Counting ...
0x11FF
XTAL32RDY_IRQn
0
XTALRDY_STAT_REG
(8 bits)
XTAL_RDY_CNT old value
XTAL32RDY_IRQn is always
asserted when XTALRDY_CNT
reaches 1
Loads from
XTALRDY_CTRL_REG and
counting down...
XTAL32M_TRIM_READY
TRIM VALUE
XTAL_TRIM_SELECT=0
TRIM VALUE
XTAL_TRIM_SELECT=1
XTAL32M_START_REG
XTAL32M_START_REG
CLK_FREQ_TRIM_REG
CLK_FREQ_TRIM_REG
XTAL32M_TRIM_READY asserted when current drops
XTAL32_CLK_CNT=
XTAL_COUNT_N
XTAL32_CLK_CNT=
XTAL_SETTLE_N
XTAL32_SETTLE_READY
Performed only during power up
Figure 20: Automated Mechanism for XTAL32M Trim and Settling
In both modes mentioned above, trimming is done by HW. In the current mode, upon assertion of
XTAL32M_TRIM_READY, the interrupt counter value is stored in a shadow register
XTALRDY_STAT_REG to enable SW understanding when the start-up section is finished.
The settling section usually takes no more than five to 10 clock cycles. Using the explanation above,
fine tuning and reducing the XTAL32M latency is feasible. One feature of the XTAL32_CLK_CNT is
that it asserts an observable signal (SYS_STAT_REG[XTAL32_SETTLE_READY]) as soon as the
counter reaches a pre-defined threshold programmed at TRIM_CTRL_REG[XTAL_SETTLE_N]. This
allows the SW to have an indication of the status of the clock by adjusting the threshold accordingly.
10.3 RC Oscillators
There are three RC oscillators in the DA14530:
● One providing 32 MHz (RC32M)
● One providing 32 kHz and 512 kHz (RC32K/512K)
● One providing a frequency of 15 kHz (RCX)
The RC32M is powered by VBAT_LOW which is available during Active or Sleep mode. The output clock
is slower than 32 MHz if untrimmed and it is used to clock the CPU and the digital part of the chip
during power-up or wake-up, while the XTAL32M oscillator is settling.
The simple RC oscillator (RC32K/512K) operates on VDD and provides 32 kHz or 512 kHz. The
main usage of the RC32K/512K oscillator is for internal clocking during power-up or start-up. It clocks
the HW FSM which brings up the power management system of the chip. In the power-up or start-up
sequence, the clock dynamically changes from 32 kHz to 512 kHz in order to speed up the
sequence. The enhanced RC oscillator (RCX) provides a stable 15 kHz frequency and operates on
VBAT_LOW which is available during Active or Sleep mode.


Similar Part No. - DA14530

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531-00000FX2 DIALOG-DA14531-00000FX2 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531-00000OG2 DIALOG-DA14531-00000OG2 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531MOD DIALOG-DA14531MOD Datasheet
2Mb / 32P
   SmartBond TINYTM Module
DA14531MOD-00F01002 DIALOG-DA14531MOD-00F01002 Datasheet
2Mb / 32P
   SmartBond TINYTM Module
More results

Similar Description - DA14530

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
logo
List of Unclassifed Man...
NRF5340 ETC1-NRF5340 Datasheet
362Kb / 2P
   Dual processor SoC supporting Bluetooth 5.1, Bluetooth mesh, NFC, Thread & Zigbee
IN100 ETC-IN100 Datasheet
1Mb / 49P
   Ultra-Low Power Bluetooth Beacon SoC
9/28/2022
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
   Bluetooth SoC
logo
NXP Semiconductors
IW416 NXP-IW416 Datasheet
996Kb / 99P
   Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.1 Combo SoC
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
   Bluetooth Low Energy 4.2 SoC
logo
u-blox AG
ANNA-B412 U-BLOX-ANNA-B412 Datasheet
1Mb / 33P
   Stand-alone Bluetooth 5.1 low energy module
Rev. R04 / 21-Sep-2022
logo
Dialog Semiconductor
DA14583 DIALOG-DA14583 Datasheet
1Mb / 148P
   Low Power Bluetooth Smart SoC with Flash memory
logo
u-blox AG
ANNA-B402 U-BLOX-ANNA-B402 Datasheet
2Mb / 36P
   Stand-alone Bluetooth 5.1 low energy module
Rev. R05 / 21-Sept-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com