Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA14530 Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # DA14530
Description  Low Power Bluetooth 5.1 SoC
Download  333 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA14530 Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button DA14530 Datasheet HTML 61Page - Renesas Technology Corp DA14530 Datasheet HTML 62Page - Renesas Technology Corp DA14530 Datasheet HTML 63Page - Renesas Technology Corp DA14530 Datasheet HTML 64Page - Renesas Technology Corp DA14530 Datasheet HTML 65Page - Renesas Technology Corp DA14530 Datasheet HTML 66Page - Renesas Technology Corp DA14530 Datasheet HTML 67Page - Renesas Technology Corp DA14530 Datasheet HTML 68Page - Renesas Technology Corp DA14530 Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 333 page
background image
DA14530
Low Power Bluetooth 5.1 SoC
Final
Datasheet
Revision 3.4
21-Dec-2021
CFR0011-120-00
65 of 332
© 2021 Renesas Electronics
Internal clock sources of DA14531 are the RC32M, RC32K/512K, and RCX oscillators. External
clock sources of DA14531 are the 32 MHz crystal oscillator (the pins XTAL32Mp and XTAL32Mm),
the 32.768 kHz crystal oscillator (the pins XTAL32kp and XTAL32km mapped on P0_3 and P0_4,
respectively), or an external digital clock (the pin P0_3).
There are two main clock lines which are of interest:
● lp_clk: this is the low power clock used for the sleep modes and can only be either the RCX, the
RC32K, the XTAL32K, or an externally supplied digital clock
● sys_clk: this is the system clock used for the AMBA clock (hclk), which runs the CPU, the
memories, and the bus. This clock source can be one of the oscillators or an externally supplied
digital clock
The clock names depicted in Figure 17 are explained in Table 37.
Table 37: Generated Clocks Description
Clock Name
Description
wakeupct_clk
Clocked wake-up controller clock.
apb_clk
AMBA APB interface clock.
otp_clk
OTP controller clock.
hclk
AMBA AHB interface clock.
ble_hclk
AMBA AHB clock for the BLE core.
wdog_clk
Watchdog clock.
pmu_rc_clk
Clock for the PMU and analog start-up FSM.
icp_clk_512_c (512KHz)
Clock for the Charge pump in the LDO_CORE.
gen_por_timer
Clock for the POR_FORCE Timer.
spi_clk
Clock for the SPI controller. This clock is further divided by 2, 4, 8, or 14
as defined by SPI_CTRL_REG[SPI_CLK].
spi_fast_clk
Fast 32 MHz clock for the SPI controller.
i2c_clk
Clock for the I2C controller. This clock is further divided to provide 100
kHz or 400 kHz as defined by I2C_CON_REG[I2C_SPEED].
uart_clk
Clock for the UART.
uart2_clk
Clock for the UART2.
quad_clk
Clock for the quadrature decoders.
rfcu_clk
Clock for the RF control unit of the Radio.
tmr0_clk, tmr2_clk
Timer0/2 clocks.
tmr1_clk
Timer1 clock.
tmr0_on_clk
Timer0 ON counter clock.
rtc_clk
Clock for Real Time Clock (RTC).
gp_adc_clk
General Purpose ADC conversion clock.
ble_crypt_clk
Clock for the Crypto block of the BLE core.
ble_master1_clk
Internal clock for the BLE core.
ble_master2_clk
Internal clock for the BLE core.
arb_clk
Clock for the memory controller arbiter.
ble_lp_clk
BLE core low power clock.
pll
PLL clock.


Similar Part No. - DA14530

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531-00000FX2 DIALOG-DA14531-00000FX2 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531-00000OG2 DIALOG-DA14531-00000OG2 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531MOD DIALOG-DA14531MOD Datasheet
2Mb / 32P
   SmartBond TINYTM Module
DA14531MOD-00F01002 DIALOG-DA14531MOD-00F01002 Datasheet
2Mb / 32P
   SmartBond TINYTM Module
More results

Similar Description - DA14530

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
logo
List of Unclassifed Man...
NRF5340 ETC1-NRF5340 Datasheet
362Kb / 2P
   Dual processor SoC supporting Bluetooth 5.1, Bluetooth mesh, NFC, Thread & Zigbee
IN100 ETC-IN100 Datasheet
1Mb / 49P
   Ultra-Low Power Bluetooth Beacon SoC
9/28/2022
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
   Bluetooth SoC
logo
NXP Semiconductors
IW416 NXP-IW416 Datasheet
996Kb / 99P
   Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.1 Combo SoC
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
   Bluetooth Low Energy 4.2 SoC
logo
u-blox AG
ANNA-B412 U-BLOX-ANNA-B412 Datasheet
1Mb / 33P
   Stand-alone Bluetooth 5.1 low energy module
Rev. R04 / 21-Sep-2022
logo
Dialog Semiconductor
DA14583 DIALOG-DA14583 Datasheet
1Mb / 148P
   Low Power Bluetooth Smart SoC with Flash memory
logo
u-blox AG
ANNA-B402 U-BLOX-ANNA-B402 Datasheet
2Mb / 36P
   Stand-alone Bluetooth 5.1 low energy module
Rev. R05 / 21-Sept-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com