Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA14530 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # DA14530
Description  Low Power Bluetooth 5.1 SoC
Download  333 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA14530 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button DA14530 Datasheet HTML 19Page - Renesas Technology Corp DA14530 Datasheet HTML 20Page - Renesas Technology Corp DA14530 Datasheet HTML 21Page - Renesas Technology Corp DA14530 Datasheet HTML 22Page - Renesas Technology Corp DA14530 Datasheet HTML 23Page - Renesas Technology Corp DA14530 Datasheet HTML 24Page - Renesas Technology Corp DA14530 Datasheet HTML 25Page - Renesas Technology Corp DA14530 Datasheet HTML 26Page - Renesas Technology Corp DA14530 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 333 page
background image
DA14530
Low Power Bluetooth 5.1 SoC
Final
Datasheet
Revision 3.4
21-Dec-2021
CFR0011-120-00
23 of 332
© 2021 Renesas Electronics
Pin
no.
Pin Name
Type
Reset
State
Description
I2C Bus Interface
SDA
DIO/DIOD
INPUT/OUTPUT. I2C bus Data with open drain port.
Mapped on Px ports. The mapped Px pin is
automatically configured with a pull-up resistor
(25KOhm) when pin x is mapped to the I2C_SDA PID
function.
SCL
DIO/DIOD
INPUT/OUTPUT. I2C bus Clock with open drain port.
In open drain mode, SCL is monitored to support bit
stretching by a slave. Mapped on Px ports. The
mapped Px pin is automatically configured with a pull-
up resistor (25KOhm) when pin x is mapped to the
I2C_SCL PID function.
UART Interface
UTX
DO
OUTPUT. UART transmit data. Mapped on Px ports.
URX
DI
INPUT. UART receive data. Mapped on Px ports.
URTS
DO
OUTPUT. UART Request to Send. Mapped on Px
ports.
UCTS
DI
INPUT. UART Clear to Send. Mapped on Px ports.
UTX2
DO
OUTPUT. UART2 transmit data. Mapped on Px ports.
URX2
DI
INPUT. UART2 receive data. Mapped on Px ports.
ADC IO Channels
11
ADC0
AI
INPUT. Analog to Digital Converter input 0. Mapped on
P0_1.
12
ADC1
AI
INPUT. Analog to Digital Converter input 1. Mapped on
P0_2.
22
ADC2
AI
INPUT. Analog to Digital Converter input 2. Mapped on
P0_6.
15
ADC3
AI
INPUT. Analog to Digital Converter input 3. Mapped on
P0_7.
Radio Transceiver
1
RFIOp
AIO
RF input/output. Impedance 50
Ω.
18
RFIOm
AIO
RF ground.
19
GND_RF1
AIO
RF ground.
2
GND_RF2
AIO
RF ground.
Miscellaneous
10
RST
DIO
INPUT. Reset signal (active high). Mapped on P0_0
(by default).
6
NC
No Connect
Power and Ground
23
VSS
AIO
Digital ground.


Similar Part No. - DA14530

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531-00000FX2 DIALOG-DA14531-00000FX2 Datasheet
4Mb / 374P
Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531-00000OG2 DIALOG-DA14531-00000OG2 Datasheet
4Mb / 374P
Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531MOD DIALOG-DA14531MOD Datasheet
2Mb / 32P
SmartBond TINYTM Module
logo
Renesas Technology Corp
DA14531MOD RENESAS-DA14531MOD Datasheet
2Mb / 35P
SmartBond TINY Bluetooth® LE Module
Sept 20, 2024
More results

Similar Description - DA14530

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
logo
List of Unclassifed Man...
NRF5340 ETC1-NRF5340 Datasheet
362Kb / 2P
Dual processor SoC supporting Bluetooth 5.1, Bluetooth mesh, NFC, Thread & Zigbee
IN100 ETC-IN100 Datasheet
1Mb / 49P
Ultra-Low Power Bluetooth Beacon SoC
9/28/2022
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
Bluetooth SoC
logo
NXP Semiconductors
IW416 NXP-IW416 Datasheet
996Kb / 99P
Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.1 Combo SoC
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
Bluetooth Low Energy 4.2 SoC
logo
u-blox AG
ANNA-B412 U-BLOX-ANNA-B412 Datasheet
1Mb / 33P
Stand-alone Bluetooth 5.1 low energy module
Rev. R04 / 21-Sep-2022
logo
Dialog Semiconductor
DA14583 DIALOG-DA14583 Datasheet
1Mb / 148P
Low Power Bluetooth Smart SoC with Flash memory
logo
u-blox AG
ANNA-B402 U-BLOX-ANNA-B402 Datasheet
2Mb / 36P
Stand-alone Bluetooth 5.1 low energy module
Rev. R05 / 21-Sept-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com