Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA14530 Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # DA14530
Description  Low Power Bluetooth 5.1 SoC
Download  333 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA14530 Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button DA14530 Datasheet HTML 98Page - Renesas Technology Corp DA14530 Datasheet HTML 99Page - Renesas Technology Corp DA14530 Datasheet HTML 100Page - Renesas Technology Corp DA14530 Datasheet HTML 101Page - Renesas Technology Corp DA14530 Datasheet HTML 102Page - Renesas Technology Corp DA14530 Datasheet HTML 103Page - Renesas Technology Corp DA14530 Datasheet HTML 104Page - Renesas Technology Corp DA14530 Datasheet HTML 105Page - Renesas Technology Corp DA14530 Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 333 page
background image
DA14530
Low Power Bluetooth 5.1 SoC
Final
Datasheet
Revision 3.4
21-Dec-2021
CFR0011-120-00
102 of 332
© 2021 Renesas Electronics
17.3 Programming
To program the clockless wakeup controller before setting the system into hibernation mode, follow
the simple sequence of steps below:
1. Define which pins are allowed to wake up the system from hibernation by configuring the
HIBERN_CTRL_REG[HIBERN_WKUP_MASK].
2. Define the polarity of the waking up events at
HIBERN_CTRL_REG[HIBERN_WKUP_POLARITY]. This should be done by reading the value of
the unmasked GPIOs and programming the polarity register with their XOR’ed state.
3. Enable the hibernation mode by programming the
HIBERN_CTRL_REG[HIBERNATION_ENABLE] bit field. Note that this action stops all clocks
when the system drops to sleep.
4. Allow RAM to be retained by programming the RAM_PWR_CTRL_REG accordingly.
5. Define where address 0 is to be mapped at SYS_CTRL_REG[REMAP_ADR0] so that the CPU
can execute code right after waking up. If RAM is retained, REMAP_ADR0 should point to 0x2 or
0x3.
6. Clear RESET_STAT_REG. Clear this register means that the system wakes up from the
hibernation mode.
7. Put the system to sleep by executing the WFI command with the SCR bit set.


Similar Part No. - DA14530

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531-00000FX2 DIALOG-DA14531-00000FX2 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531-00000OG2 DIALOG-DA14531-00000OG2 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531MOD DIALOG-DA14531MOD Datasheet
2Mb / 32P
   SmartBond TINYTM Module
DA14531MOD-00F01002 DIALOG-DA14531MOD-00F01002 Datasheet
2Mb / 32P
   SmartBond TINYTM Module
More results

Similar Description - DA14530

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
logo
List of Unclassifed Man...
NRF5340 ETC1-NRF5340 Datasheet
362Kb / 2P
   Dual processor SoC supporting Bluetooth 5.1, Bluetooth mesh, NFC, Thread & Zigbee
IN100 ETC-IN100 Datasheet
1Mb / 49P
   Ultra-Low Power Bluetooth Beacon SoC
9/28/2022
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
   Bluetooth SoC
logo
NXP Semiconductors
IW416 NXP-IW416 Datasheet
996Kb / 99P
   Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.1 Combo SoC
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
   Bluetooth Low Energy 4.2 SoC
logo
u-blox AG
ANNA-B412 U-BLOX-ANNA-B412 Datasheet
1Mb / 33P
   Stand-alone Bluetooth 5.1 low energy module
Rev. R04 / 21-Sep-2022
logo
Dialog Semiconductor
DA14583 DIALOG-DA14583 Datasheet
1Mb / 148P
   Low Power Bluetooth Smart SoC with Flash memory
logo
u-blox AG
ANNA-B402 U-BLOX-ANNA-B402 Datasheet
2Mb / 36P
   Stand-alone Bluetooth 5.1 low energy module
Rev. R05 / 21-Sept-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com