Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA14530 Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # DA14530
Description  Low Power Bluetooth 5.1 SoC
Download  333 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA14530 Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button DA14530 Datasheet HTML 97Page - Renesas Technology Corp DA14530 Datasheet HTML 98Page - Renesas Technology Corp DA14530 Datasheet HTML 99Page - Renesas Technology Corp DA14530 Datasheet HTML 100Page - Renesas Technology Corp DA14530 Datasheet HTML 101Page - Renesas Technology Corp DA14530 Datasheet HTML 102Page - Renesas Technology Corp DA14530 Datasheet HTML 103Page - Renesas Technology Corp DA14530 Datasheet HTML 104Page - Renesas Technology Corp DA14530 Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 333 page
background image
DA14530
Low Power Bluetooth 5.1 SoC
Final
Datasheet
Revision 3.4
21-Dec-2021
CFR0011-120-00
101 of 332
© 2021 Renesas Electronics
17 Clockless Wakeup Controller
17.1 Introduction
The Clockless Wakeup Controller implements a circuit that enables the RC32K clock which in turn
triggers the HW Startup FSM to allow the system to be woken up by an external event (a GPIO
toggle). This controller is only used when the system is in hibernation mode, that is, when all clocks
are stopped.
Features
● Wake up the system from specific GPIOs (P0_1, P0_2, P0_3, P0_4, and P0_5)
● Configurable polarity of the GPIO signals (single configuration for all GPIOs)
● Special RC filtered inputs feeding the wakeup control circuit (Type B pads)
● Always powered
RC32KHz
P0_1
P0_2
P0_3
P0_4
P0_5
FF
HIBERN_WKUP_POLARITY
RC Filtered
Outputs
Non-Filtered
Outputs => to PPA
Enable
Start Up
FSM
Fast_mode
clock
HIBERN_WKUP_MASK
Figure 46: Clockless Wakeup Controller Circuit
17.2 Architecture
The Clockless Wakeup Controller automatically enables the RC32K oscillator when a toggle is
identified in one of the five specific GPIOs (P0_1, P0_2, P0_3, P0_4, and P0_5). These GPIO
signals are connected to the Type B pads, which provide two outputs to the digital domain. One
output goes through a Schmitt trigger and the other one goes through an RC filter with a cutoff
frequency of 100 kHz and a Schmitt trigger. The output going through the RC filter and a Schmitt
trigger feeds the clockless wakeup controller circuitry. Hence, any spikes larger than 100 kHz will be
filtered out without waking up the system.
The triggering GPIO can be defined by means of a masking register. If no GPIO is masked out, any
toggle in any of these GPIOs will create an edge which serves as a clock for a Flip-Flop to lock and
enable the oscillator. The polarity of the edge is also programmable, but it is common for the GPIOs
and not a dedicated bit per GPIO.
Note that, if two opposite edges occur exactly at the same time on two GPIOs that are allowed to
wake up the system, the XOR output will not change its value and no wake up occurs. However,
even if the GPIO signal events have a couple of ns difference, the circuit will still understand it and
the clock will be started.


Similar Part No. - DA14530

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531-00000FX2 DIALOG-DA14531-00000FX2 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531-00000OG2 DIALOG-DA14531-00000OG2 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531MOD DIALOG-DA14531MOD Datasheet
2Mb / 32P
   SmartBond TINYTM Module
DA14531MOD-00F01002 DIALOG-DA14531MOD-00F01002 Datasheet
2Mb / 32P
   SmartBond TINYTM Module
More results

Similar Description - DA14530

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
logo
List of Unclassifed Man...
NRF5340 ETC1-NRF5340 Datasheet
362Kb / 2P
   Dual processor SoC supporting Bluetooth 5.1, Bluetooth mesh, NFC, Thread & Zigbee
IN100 ETC-IN100 Datasheet
1Mb / 49P
   Ultra-Low Power Bluetooth Beacon SoC
9/28/2022
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
   Bluetooth SoC
logo
NXP Semiconductors
IW416 NXP-IW416 Datasheet
996Kb / 99P
   Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.1 Combo SoC
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
   Bluetooth Low Energy 4.2 SoC
logo
u-blox AG
ANNA-B412 U-BLOX-ANNA-B412 Datasheet
1Mb / 33P
   Stand-alone Bluetooth 5.1 low energy module
Rev. R04 / 21-Sep-2022
logo
Dialog Semiconductor
DA14583 DIALOG-DA14583 Datasheet
1Mb / 148P
   Low Power Bluetooth Smart SoC with Flash memory
logo
u-blox AG
ANNA-B402 U-BLOX-ANNA-B402 Datasheet
2Mb / 36P
   Stand-alone Bluetooth 5.1 low energy module
Rev. R05 / 21-Sept-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com