Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA14530 Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # DA14530
Description  Low Power Bluetooth 5.1 SoC
Download  333 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA14530 Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button DA14530 Datasheet HTML 91Page - Renesas Technology Corp DA14530 Datasheet HTML 92Page - Renesas Technology Corp DA14530 Datasheet HTML 93Page - Renesas Technology Corp DA14530 Datasheet HTML 94Page - Renesas Technology Corp DA14530 Datasheet HTML 95Page - Renesas Technology Corp DA14530 Datasheet HTML 96Page - Renesas Technology Corp DA14530 Datasheet HTML 97Page - Renesas Technology Corp DA14530 Datasheet HTML 98Page - Renesas Technology Corp DA14530 Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 333 page
background image
DA14530
Low Power Bluetooth 5.1 SoC
Final
Datasheet
Revision 3.4
21-Dec-2021
CFR0011-120-00
95 of 332
© 2021 Renesas Electronics
15.2 Architecture
The SPI controller is an APB peripheral operating on the apb_clk clock. It contains a front end which
is clocked by the spi_clk clock and is responsible for the serialization/deserialization of the data in the
RX and TX streams.
Two separate FIFOs, each of eight bits wide and four bytes deep, are used to store data for RX and
TX streams. Since a SPI word can be configured to be from four bits to up to 32 bits, one to four
FIFO positions can be written/read at the same time. FIFOs contain logic implementing
programmable thresholds comparison.
The SPI controller supports DMA requests and interrupt generation based on the FIFO thresholds. If
enabled, a DMA request and/or interrupt will be asserted with whether TX_FIFO level is low or
RX_FIFO level is high.
The SPI interface supports all four modes of operation and the corresponding polarity (CPOL) and
phase (CPHA) of the SPI clock (SPI_CLK) are defined in Table 42.
Table 42: SPI Modes Configuration and SCK States
SPI Mode
CPOL
CHPA
TX SPI_CLK
RX SPI_CLK
Idle SPI_CLK
0
0
0
Falling edge
Rising edge
Low
1
0
1
Rising edge
Falling edge
Low
2
1
0
Rising edge
Falling edge
High
3
1
1
Falling edge
Rising edge
High
To read from or to write to an external single byte FLASH device in the SPI master mode, a byte
swap mechanism is implemented to allow for a proper placement of the bytes in a 16-bit word for the
DMA to write to/read from the internal RAM. More specifically, when the SPI controller is configured
as a master with DMA support and a 16-bit word width so that the bus utilization is increased
compared to reading from an 8-bit device, the byte swap mechanism brings the least significant byte
read and place it in the most significant byte in the 16-bit word. The controller automatically swaps
the bytes to allow for placing the first byte read in the least significant byte of the 16-bit word. This
feature is programmable via SPI_CTRL_REG[SPI_SWAP_BYTES].
The SPI controller can operate at the highest speed (32 MHz on the SPI_CLK line) in a special
master mode. The clock of the controller is then either the XTAL32M or the RC32M and can be used
for fast booting from external FLASH devices that support this frequency.
15.2.1
SPI Timing
The timing of the SPI interface when the SPI controller is in slave mode is presented in Figure 41.
Figure 41: SPI Slave Mode Timing (CPOL = 0, CPHA = 0)


Similar Part No. - DA14530

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531-00000FX2 DIALOG-DA14531-00000FX2 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531-00000OG2 DIALOG-DA14531-00000OG2 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531MOD DIALOG-DA14531MOD Datasheet
2Mb / 32P
   SmartBond TINYTM Module
DA14531MOD-00F01002 DIALOG-DA14531MOD-00F01002 Datasheet
2Mb / 32P
   SmartBond TINYTM Module
More results

Similar Description - DA14530

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
logo
List of Unclassifed Man...
NRF5340 ETC1-NRF5340 Datasheet
362Kb / 2P
   Dual processor SoC supporting Bluetooth 5.1, Bluetooth mesh, NFC, Thread & Zigbee
IN100 ETC-IN100 Datasheet
1Mb / 49P
   Ultra-Low Power Bluetooth Beacon SoC
9/28/2022
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
   Bluetooth SoC
logo
NXP Semiconductors
IW416 NXP-IW416 Datasheet
996Kb / 99P
   Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.1 Combo SoC
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
   Bluetooth Low Energy 4.2 SoC
logo
u-blox AG
ANNA-B412 U-BLOX-ANNA-B412 Datasheet
1Mb / 33P
   Stand-alone Bluetooth 5.1 low energy module
Rev. R04 / 21-Sep-2022
logo
Dialog Semiconductor
DA14583 DIALOG-DA14583 Datasheet
1Mb / 148P
   Low Power Bluetooth Smart SoC with Flash memory
logo
u-blox AG
ANNA-B402 U-BLOX-ANNA-B402 Datasheet
2Mb / 36P
   Stand-alone Bluetooth 5.1 low energy module
Rev. R05 / 21-Sept-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com