Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA14530 Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # DA14530
Description  Low Power Bluetooth 5.1 SoC
Download  333 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA14530 Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button DA14530 Datasheet HTML 86Page - Renesas Technology Corp DA14530 Datasheet HTML 87Page - Renesas Technology Corp DA14530 Datasheet HTML 88Page - Renesas Technology Corp DA14530 Datasheet HTML 89Page - Renesas Technology Corp DA14530 Datasheet HTML 90Page - Renesas Technology Corp DA14530 Datasheet HTML 91Page - Renesas Technology Corp DA14530 Datasheet HTML 92Page - Renesas Technology Corp DA14530 Datasheet HTML 93Page - Renesas Technology Corp DA14530 Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 333 page
background image
DA14530
Low Power Bluetooth 5.1 SoC
Final
Datasheet
Revision 3.4
21-Dec-2021
CFR0011-120-00
90 of 332
© 2021 Renesas Electronics
Table 41: UART Interrupt Priorities
Interrupt ID
Bits [3-0]
Interrupt Set and Reset Functions
Priority
Interrupt Type
Interrupt Source
Interrupt Reset Control
0001
-
None
0110
Highest
Receiver Line status
Overrun/parity/framing errors
or break interrupt
Reading the line status
register
0100
1
Receiver Data
Available
Receiver data available (non-
FIFO mode or FIFOs
disabled) or RCVR FIFO
trigger level reached (FIFO
mode and FIFOs enabled)
Reading the receiver
buffer register (non-FIFO
mode or FIFOs disabled)
or the FIFO drops below
the trigger level (FIFO
mode and FIFOs
enabled)
1100
2
Character timeout
indication
No characters in or out of the
RCVR FIFO during the last
four character times and there
is at least one character in it
during this time.
Reading the receiver
buffer register
0010
3
Transmitter holding
register empty
Transmitter holding register
empty (Prog. THRE Mode
disabled) or XMIT FIFO at or
below threshold (Prog. THRE
Mode enabled).
Reading the IIR register
to check whether there is
an interrupt and what its
source is; or, writing into
THR (FIFOs or THRE
Mode not selected or
disabled) or XMIT FIFO
above threshold (FIFOs
and THRE Mode
selected and enabled).
0000
4
Reserved
0111
Lowest
Reserved
-
-
14.2.4
Programmable THRE Interrupt
The UART can be configured to have a Programmable THRE Interrupt mode available to increase
system performance.
When Programmable THRE Interrupt mode is selected, it can be enabled via the Interrupt Enable
Register (IER[7]). When FIFOs and the THRE Mode are implemented and enabled, THRE Interrupts
are active at and below a programmed transmitter FIFO empty threshold level, as shown in the
flowchart in Figure 38. Figure 39 shows the programmed transmitter FIFO empty threshold level,
where THRE Interrupts are active when the FIFO is empty. In this case the programmable THRE
interrupt mode is disabled.
This threshold level is programmed into FCR[5:4]. The available empty thresholds are: empty, 2, ¼,
and ½. See UART_FCR_REG for threshold setting details. Selection of the best threshold value
depends on the system's ability to begin a new transmission sequence in a timely manner. However,
one of these thresholds should prove optimum in increasing system performance by preventing the
transmitter FIFO from running empty.
In addition to the interrupt change, Line Status Register (LSR[5]) also switches its function from
indicating transmitter FIFO empty to FIFO full. This allows software to fill the FIFO in each transmit
sequence by polling LSR[5] before writing another character. Instead of waiting until the FIFO is
completely empty, the flow becomes "fill transmitter FIFO whenever an interrupt occurs and there is
data to transmit". Waiting until the FIFO is empty causes a performance hit whenever the system is
too busy to respond immediately.
Even if everything else is selected and enabled, if the FIFOs are disabled via FCR[0], the
Programmable THRE Interrupt mode is also disabled. When not selected or disabled, THRE


Similar Part No. - DA14530

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531-00000FX2 DIALOG-DA14531-00000FX2 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531-00000OG2 DIALOG-DA14531-00000OG2 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531MOD DIALOG-DA14531MOD Datasheet
2Mb / 32P
   SmartBond TINYTM Module
DA14531MOD-00F01002 DIALOG-DA14531MOD-00F01002 Datasheet
2Mb / 32P
   SmartBond TINYTM Module
More results

Similar Description - DA14530

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
logo
List of Unclassifed Man...
NRF5340 ETC1-NRF5340 Datasheet
362Kb / 2P
   Dual processor SoC supporting Bluetooth 5.1, Bluetooth mesh, NFC, Thread & Zigbee
IN100 ETC-IN100 Datasheet
1Mb / 49P
   Ultra-Low Power Bluetooth Beacon SoC
9/28/2022
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
   Bluetooth SoC
logo
NXP Semiconductors
IW416 NXP-IW416 Datasheet
996Kb / 99P
   Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.1 Combo SoC
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
   Bluetooth Low Energy 4.2 SoC
logo
u-blox AG
ANNA-B412 U-BLOX-ANNA-B412 Datasheet
1Mb / 33P
   Stand-alone Bluetooth 5.1 low energy module
Rev. R04 / 21-Sep-2022
logo
Dialog Semiconductor
DA14583 DIALOG-DA14583 Datasheet
1Mb / 148P
   Low Power Bluetooth Smart SoC with Flash memory
logo
u-blox AG
ANNA-B402 U-BLOX-ANNA-B402 Datasheet
2Mb / 36P
   Stand-alone Bluetooth 5.1 low energy module
Rev. R05 / 21-Sept-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com