Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA14530 Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # DA14530
Description  Low Power Bluetooth 5.1 SoC
Download  333 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA14530 Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button DA14530 Datasheet HTML 85Page - Renesas Technology Corp DA14530 Datasheet HTML 86Page - Renesas Technology Corp DA14530 Datasheet HTML 87Page - Renesas Technology Corp DA14530 Datasheet HTML 88Page - Renesas Technology Corp DA14530 Datasheet HTML 89Page - Renesas Technology Corp DA14530 Datasheet HTML 90Page - Renesas Technology Corp DA14530 Datasheet HTML 91Page - Renesas Technology Corp DA14530 Datasheet HTML 92Page - Renesas Technology Corp DA14530 Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 333 page
background image
DA14530
Low Power Bluetooth 5.1 SoC
Final
Datasheet
Revision 3.4
21-Dec-2021
CFR0011-120-00
89 of 332
© 2021 Renesas Electronics
where the divisor is a 16-bit integer value plus 4-bit fractional value. The divisor range is 0 to
65535,9375 with steps of 1/16. Divisor High 8-bit integer part is in the DLH register. Divisor Low 8-bit
integer part is in the DLL register. Divisor 4-bit fractional port is in the DLF register.
The registers settings for the common baud rate values are presented in Table 40.
Table 40: UART Baud Rate Generation
Baud Rate
Divider
Divisor
Latch
DLH Reg
DLL Reg
DLF Reg
Actual BR
Error (%)
1200
833,333
833,3125
3
65
5
1200,03
0,00
2400
416,667
416,6875
1
160
11
2399,88
0,00
4800
208,333
208,3125
0
208
5
4800,48
0,01
9600
104,167
104,1875
0
104
3
9598,08
0,02
19200
52,083
52,0625
0
52
1
19207,68
0,04
38400
26,042
26,0625
0
26
1
38369,30
0,08
57600
17,361
17,375
0
17
6
57553,96
0,08
115200
8,681
8,6875
0
8
11
115107,91
0,08
230400
4,340
4,3125
0
4
5
231884,06
0,64
460800
2,170
2,1875
0
2
3
457142,86
0,79
921600
1,085
1,0625
0
1
1
941176,47
2,12
1000000
1
1
0
1
0
1000000
0,00
14.2.2
Clock Support
The UART has two system clocks (pclk and sclk). Having a second asynchronous serial clock (sclk)
allows for accurate serial baud rate settings and meeting APB bus interface requirements.
With the two-clock design, a synchronization module is implemented to synchronize all controls and
data across the two system clock boundaries.
Although a serial clock faster than four-times the pclk does not leave enough time for a complete
incoming character to be received and pushed into the receiver FIFO, in most cases the pclk signal is
faster than the serial clock and this should never be an issue.
The serial clock modules must have time to see new register values and reset their respective state
machines. This total time is guaranteed to be no more than eight clock cycles of the slower of the two
system clocks. Therefore, no data should be transmitted or received before this maximum time
expires after the initial configuration of the UART.
14.2.3
Interrupts
The assertion of the UART interrupt (UART_INT) occurs whenever one of the several prioritized
interrupt types are enabled and active. The following interrupt types can be enabled with the IER
register:
● Receiver Error
● Receiver Data Available
● Character Timeout (in FIFO mode only)
● Transmitter Holding Register Empty at/below threshold (in Programmable THRE interrupt mode)
When an interrupt occurs, the master accesses the UART_IIR_REG to determine the source of the
interrupt before dealing with it accordingly. These interrupt types are described in more detail in
Table 41.


Similar Part No. - DA14530

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531-00000FX2 DIALOG-DA14531-00000FX2 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531-00000OG2 DIALOG-DA14531-00000OG2 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531MOD DIALOG-DA14531MOD Datasheet
2Mb / 32P
   SmartBond TINYTM Module
DA14531MOD-00F01002 DIALOG-DA14531MOD-00F01002 Datasheet
2Mb / 32P
   SmartBond TINYTM Module
More results

Similar Description - DA14530

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
logo
List of Unclassifed Man...
NRF5340 ETC1-NRF5340 Datasheet
362Kb / 2P
   Dual processor SoC supporting Bluetooth 5.1, Bluetooth mesh, NFC, Thread & Zigbee
IN100 ETC-IN100 Datasheet
1Mb / 49P
   Ultra-Low Power Bluetooth Beacon SoC
9/28/2022
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
   Bluetooth SoC
logo
NXP Semiconductors
IW416 NXP-IW416 Datasheet
996Kb / 99P
   Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.1 Combo SoC
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
   Bluetooth Low Energy 4.2 SoC
logo
u-blox AG
ANNA-B412 U-BLOX-ANNA-B412 Datasheet
1Mb / 33P
   Stand-alone Bluetooth 5.1 low energy module
Rev. R04 / 21-Sep-2022
logo
Dialog Semiconductor
DA14583 DIALOG-DA14583 Datasheet
1Mb / 148P
   Low Power Bluetooth Smart SoC with Flash memory
logo
u-blox AG
ANNA-B402 U-BLOX-ANNA-B402 Datasheet
2Mb / 36P
   Stand-alone Bluetooth 5.1 low energy module
Rev. R05 / 21-Sept-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com