Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA14530 Datasheet(PDF) 88 Page - Renesas Technology Corp

Part # DA14530
Description  Low Power Bluetooth 5.1 SoC
Download  333 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA14530 Datasheet(HTML) 88 Page - Renesas Technology Corp

Back Button DA14530 Datasheet HTML 84Page - Renesas Technology Corp DA14530 Datasheet HTML 85Page - Renesas Technology Corp DA14530 Datasheet HTML 86Page - Renesas Technology Corp DA14530 Datasheet HTML 87Page - Renesas Technology Corp DA14530 Datasheet HTML 88Page - Renesas Technology Corp DA14530 Datasheet HTML 89Page - Renesas Technology Corp DA14530 Datasheet HTML 90Page - Renesas Technology Corp DA14530 Datasheet HTML 91Page - Renesas Technology Corp DA14530 Datasheet HTML 92Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 333 page
background image
DA14530
Low Power Bluetooth 5.1 SoC
Final
Datasheet
Revision 3.4
21-Dec-2021
CFR0011-120-00
88 of 332
© 2021 Renesas Electronics
● Functionality based on the 16550 industry standard:
○ Programmable character properties, such as number of data bits per character (5-8)
(optional)
○ Parity bit (with odd or even select) and number of stop bits (1, 1.5, or 2)
○ Line break generation and detection
○ Prioritized interrupt identification
● Programmable serial data baud rate
14.2 Architecture
14.2.1
UART (RS232) Serial Protocol
Because the serial communication between the UART and the selected device is asynchronous,
additional bits (start and stop) are added to the serial data to indicate the beginning and end. Utilizing
these bits allows two devices to be synchronized. This structure of serial data accompanied by the
start and stop bits is referred to as a character (Figure 36).
Start
ʃʃ
ʃʃ
Data bits
5 - 8
Parity
ʃʃ
Stop
1, 1.5, 2
Bit Time
One Character
Start
Serial Data
Figure 36: Serial Data Format
An additional parity bit may be added to the serial character. This bit appears after the last data bit
and before the stop bit(s) in the character structure to provide the UART with the ability to perform
simple error checking on the received data.
The UART Line Control Register (UART_LCR_REG) is used to control the serial character
characteristics. The individual bits of the data word are sent after the start bit, starting with the least-
significant bit (LSB). These are followed by the optional parity bit and then by the stop bit(s), which
can be of 1, 1.5, or 2 bits.
All the bits in the transmission (except the half stop bit when the 1.5 stop bits are used) are
transmitted for exactly the same time duration. This is referred to as a Bit Period or Bit Time. One Bit
Time equals to 16 baud clocks. To ensure stability on the line, the receiver samples the serial input
data at approximately the mid-point of the Bit Time, once the start bit has been detected. As the
exact number of baud clocks that each bit has been transmitted for is known, the mid-point for
sampling is every 16 baud clocks after the mid-point sample of the start bit. Figure 37 shows the
sampling points of the first couple of bits in a serial character.
Start
Data Bit 0 (LSB)
8
Serial Data In
Data Bit 1
16
16
Figure 37: Receiver Serial Data Sampling Points
As part of the 16550 standard, an optional baud clock reference output signal (baudout_n) is
supplied to provide timing information to the receiving devices that require it. The baud rate of the
UART is controlled by the serial clock (sclk or pclk in a single clock implementation) and the Divisor
Latch Register (DLH and DLL) in the following equation:
baudrate=(serialclockfrequency)/(16×divisor)
(2)


Similar Part No. - DA14530

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531-00000FX2 DIALOG-DA14531-00000FX2 Datasheet
4Mb / 374P
Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531-00000OG2 DIALOG-DA14531-00000OG2 Datasheet
4Mb / 374P
Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531MOD DIALOG-DA14531MOD Datasheet
2Mb / 32P
SmartBond TINYTM Module
logo
Renesas Technology Corp
DA14531MOD RENESAS-DA14531MOD Datasheet
2Mb / 35P
SmartBond TINY Bluetooth® LE Module
Sept 20, 2024
More results

Similar Description - DA14530

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14583 DIALOG-DA14583 Datasheet
1Mb / 148P
Low Power Bluetooth Smart SoC with Flash memory
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
Bluetooth Low Energy 4.2 SoC
logo
List of Unclassifed Man...
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
Bluetooth SoC
NRF5340 ETC1-NRF5340 Datasheet
362Kb / 2P
Dual processor SoC supporting Bluetooth 5.1, Bluetooth mesh, NFC, Thread & Zigbee
logo
NXP Semiconductors
IW416 NXP-IW416 Datasheet
996Kb / 99P
Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.1 Combo SoC
logo
Dialog Semiconductor
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
Bluetooth Low Energy 4.2 SoC
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
logo
u-blox AG
ANNA-B402 U-BLOX-ANNA-B402 Datasheet
2Mb / 36P
Stand-alone Bluetooth 5.1 low energy module
Rev. R05 / 21-Sept-2022
ANNA-B412 U-BLOX-ANNA-B412 Datasheet
1Mb / 33P
Stand-alone Bluetooth 5.1 low energy module
Rev. R04 / 21-Sep-2022
logo
List of Unclassifed Man...
IN100 ETC-IN100 Datasheet
1Mb / 49P
Ultra-Low Power Bluetooth Beacon SoC
9/28/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com