Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA14530 Datasheet(PDF) 81 Page - Renesas Technology Corp

Part # DA14530
Description  Low Power Bluetooth 5.1 SoC
Download  333 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA14530 Datasheet(HTML) 81 Page - Renesas Technology Corp

Back Button DA14530 Datasheet HTML 77Page - Renesas Technology Corp DA14530 Datasheet HTML 78Page - Renesas Technology Corp DA14530 Datasheet HTML 79Page - Renesas Technology Corp DA14530 Datasheet HTML 80Page - Renesas Technology Corp DA14530 Datasheet HTML 81Page - Renesas Technology Corp DA14530 Datasheet HTML 82Page - Renesas Technology Corp DA14530 Datasheet HTML 83Page - Renesas Technology Corp DA14530 Datasheet HTML 84Page - Renesas Technology Corp DA14530 Datasheet HTML 85Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 333 page
background image
DA14530
Low Power Bluetooth 5.1 SoC
Final
Datasheet
Revision 3.4
21-Dec-2021
CFR0011-120-00
81 of 332
© 2021 Renesas Electronics
13.2.2.1
START and STOP Generation
When operating as an I2C master, putting data into the transmit FIFO causes the I2C Controller to
generate a START condition on the I2C bus. Allowing the transmit FIFO to empty causes the I2C
Controller to generate a STOP condition on the I2C bus.
When operating as a slave, the I2C Controller does not generate START or STOP conditions, as per
the protocol. However, if a read request is made to the I2C Controller, it holds the SCL line low until
read data has been supplied to it. This stalls the I2C bus until read data is provided to the slave I2C
Controller, or the I2C Controller slave is disabled by writing a 0 to I2C_ENABLE.
13.2.2.2
Combined Formats
The I2C Controller supports transactions in a read and write combined format in both 7-bit and 10-bit
addressing modes.
The I2C Controller does not support mixed address and mixed address format, that is, a 7-bit
address transaction followed by a 10-bit address transaction or vice versa.
To initiate combined format transfers, I2C_CON_REG[I2C_RESTART_EN] should be set to 1. With
this value set and the I2C Controller operating as a master, when an I2C transfer is completed, the
I2C Controller checks the transmit FIFO and executes the next transfer. If the direction of the new
transfer differs from the previous one, the combined format is used to issue the transfer. If the
transmit FIFO is empty when the current I2C transfer completes, a STOP is issued, and the next
transfer is issued after a START condition.
13.2.3
I2C Protocols
The I2C Controller has the following protocols:
● START and STOP Conditions
● Addressing Slave Protocol
● Transmitting and Receiving Protocols
● START BYTE Transfer Protocol
13.2.3.1
START and STOP Conditions
When the bus is idle, both SCL and SDA signals are pulled high through external pull-up resistors on
the bus. When a master wants to start a transmission on the bus, it issues a START condition. This
is defined to be a high-to-low transition of the SDA signal while SCL is 1. When the master wants to
terminate the transmission, it issues a STOP condition. This is defined to be a low-to-high transition
of the SDA line while SCL is 1. Figure 27 shows the timing of the START and STOP conditions.
When data is being transmitted on the bus, the SDA line must be stable when SCL is 1.
Figure 27: START and STOP Conditions
NOTE
The signal transitions for the START/STOP conditions (Figure 27) reflect those observed at the output signals
of the master driving the I2C bus. Be careful with observing the SDA/SCL signals at the input signals of the
slave(s), because unequal line delays may result in an incorrect SDA/SCL timing relationship.


Similar Part No. - DA14530

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531-00000FX2 DIALOG-DA14531-00000FX2 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531-00000OG2 DIALOG-DA14531-00000OG2 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531MOD DIALOG-DA14531MOD Datasheet
2Mb / 32P
   SmartBond TINYTM Module
DA14531MOD-00F01002 DIALOG-DA14531MOD-00F01002 Datasheet
2Mb / 32P
   SmartBond TINYTM Module
More results

Similar Description - DA14530

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
logo
List of Unclassifed Man...
NRF5340 ETC1-NRF5340 Datasheet
362Kb / 2P
   Dual processor SoC supporting Bluetooth 5.1, Bluetooth mesh, NFC, Thread & Zigbee
IN100 ETC-IN100 Datasheet
1Mb / 49P
   Ultra-Low Power Bluetooth Beacon SoC
9/28/2022
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
   Bluetooth SoC
logo
NXP Semiconductors
IW416 NXP-IW416 Datasheet
996Kb / 99P
   Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.1 Combo SoC
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
   Bluetooth Low Energy 4.2 SoC
logo
u-blox AG
ANNA-B412 U-BLOX-ANNA-B412 Datasheet
1Mb / 33P
   Stand-alone Bluetooth 5.1 low energy module
Rev. R04 / 21-Sep-2022
logo
Dialog Semiconductor
DA14583 DIALOG-DA14583 Datasheet
1Mb / 148P
   Low Power Bluetooth Smart SoC with Flash memory
logo
u-blox AG
ANNA-B402 U-BLOX-ANNA-B402 Datasheet
2Mb / 36P
   Stand-alone Bluetooth 5.1 low energy module
Rev. R05 / 21-Sept-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com