Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA14530 Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # DA14530
Description  Low Power Bluetooth 5.1 SoC
Download  333 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA14530 Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button DA14530 Datasheet HTML 76Page - Renesas Technology Corp DA14530 Datasheet HTML 77Page - Renesas Technology Corp DA14530 Datasheet HTML 78Page - Renesas Technology Corp DA14530 Datasheet HTML 79Page - Renesas Technology Corp DA14530 Datasheet HTML 80Page - Renesas Technology Corp DA14530 Datasheet HTML 81Page - Renesas Technology Corp DA14530 Datasheet HTML 82Page - Renesas Technology Corp DA14530 Datasheet HTML 83Page - Renesas Technology Corp DA14530 Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 333 page
background image
DA14530
Low Power Bluetooth 5.1 SoC
Final
Datasheet
Revision 3.4
21-Dec-2021
CFR0011-120-00
80 of 332
© 2021 Renesas Electronics
● SDA is the data signal line (Serial Data)
● SCL is the clock signal line (Serial Clock)
13.2.1.1
Bus Transfer Terms
The following terms are specific to data transfers that occur to/from the I2C bus.
● START (RESTART). Data transfer begins with a START or RESTART condition. The level of the
SDA data line changes from high to low, while the SCL clock line remains high. When this
occurs, the bus becomes busy
● STOP. Data transfer is terminated by a STOP condition. This occurs when the level of the SDA
data line changes from low to high, while the SCL clock line remains high. When the data transfer
has been terminated, the bus is free or idle again. The bus stays busy if a RESTART is
generated instead of a STOP condition
NOTE
START and RESTART conditions are functionally identical.
13.2.2
I2C Behavior
The I2C can be only be controlled via SW to be an I2C master, communicating with other I2C slaves.
The master is responsible for generating the clock and controlling the transfer of data. The I2C
protocol also allows multiple masters to reside on the I2C bus and uses an arbitration procedure to
determine the bus ownership. A slave is responsible for either transmitting or receiving data to/from
the master. The acknowledgement of data is sent by the device that is receiving data, which can be
either a master or a slave.
Each slave has a unique address that is determined by the system designer. When a master wants
to communicate with a slave, the master transmits a START/RESTART condition that is then
followed by the slave’s address and a control bit (R/W) to determine whether the master wants to
transmit data or receive data from the slave. The slave then sends an acknowledge pulse (ACK) after
the address.
If a master-transmitter writes to a slave-receiver, the receiver gets one byte of data. This transaction
continues until the master terminates the transmission with a STOP condition. If a master-receiver
reads from a slave-transmitter, the slave transmits a byte of data to the master, and the master then
acknowledges the transaction with an ACK pulse. This transaction continues until the master
terminates the transmission by not acknowledging (NACK) the transaction after the last byte is
received, and then the master issues a STOP condition or addresses another slave after issuing a
RESTART condition. This behavior is illustrated in Figure 26.
Figure 26: Data Transfer on the I2C Bus
The I2C is a synchronous serial interface. The SDA line is a bidirectional signal and changes only
when the SCL line is low, except for STOP, START, and RESTART conditions. The output drivers
are open-drain or open-collector to perform wire-AND functions on the bus. The maximum number of
devices on the bus is limited only by the maximum capacitance specification of 400 pF. Data is
transmitted in byte packages.


Similar Part No. - DA14530

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531-00000FX2 DIALOG-DA14531-00000FX2 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531-00000OG2 DIALOG-DA14531-00000OG2 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531MOD DIALOG-DA14531MOD Datasheet
2Mb / 32P
   SmartBond TINYTM Module
DA14531MOD-00F01002 DIALOG-DA14531MOD-00F01002 Datasheet
2Mb / 32P
   SmartBond TINYTM Module
More results

Similar Description - DA14530

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
logo
List of Unclassifed Man...
NRF5340 ETC1-NRF5340 Datasheet
362Kb / 2P
   Dual processor SoC supporting Bluetooth 5.1, Bluetooth mesh, NFC, Thread & Zigbee
IN100 ETC-IN100 Datasheet
1Mb / 49P
   Ultra-Low Power Bluetooth Beacon SoC
9/28/2022
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
   Bluetooth SoC
logo
NXP Semiconductors
IW416 NXP-IW416 Datasheet
996Kb / 99P
   Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.1 Combo SoC
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
   Bluetooth Low Energy 4.2 SoC
logo
u-blox AG
ANNA-B412 U-BLOX-ANNA-B412 Datasheet
1Mb / 33P
   Stand-alone Bluetooth 5.1 low energy module
Rev. R04 / 21-Sep-2022
logo
Dialog Semiconductor
DA14583 DIALOG-DA14583 Datasheet
1Mb / 148P
   Low Power Bluetooth Smart SoC with Flash memory
logo
u-blox AG
ANNA-B402 U-BLOX-ANNA-B402 Datasheet
2Mb / 36P
   Stand-alone Bluetooth 5.1 low energy module
Rev. R05 / 21-Sept-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com