Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA14530 Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # DA14530
Description  Low Power Bluetooth 5.1 SoC
Download  333 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA14530 Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button DA14530 Datasheet HTML 71Page - Renesas Technology Corp DA14530 Datasheet HTML 72Page - Renesas Technology Corp DA14530 Datasheet HTML 73Page - Renesas Technology Corp DA14530 Datasheet HTML 74Page - Renesas Technology Corp DA14530 Datasheet HTML 75Page - Renesas Technology Corp DA14530 Datasheet HTML 76Page - Renesas Technology Corp DA14530 Datasheet HTML 77Page - Renesas Technology Corp DA14530 Datasheet HTML 78Page - Renesas Technology Corp DA14530 Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 333 page
background image
DA14530
Low Power Bluetooth 5.1 SoC
Final
Datasheet
Revision 3.4
21-Dec-2021
CFR0011-120-00
75 of 332
© 2021 Renesas Electronics
DMAx_A_START_REG
+
AINCx
BINCx
+
DMAx_B_START_REG
DMAx_IDX_REG
=
=
DMAx_INT_REG
DMAx_LEN_REG
DMAx_CTRL_REG
31
0
15
13
0
0
0
0
31
15
+1
AD[31-0]
IRQ_ENABLE
DMA_IRQ_CHx
STOP/
RELOAD
Bus request
Bus Grant
DMA_REQ
DMA_ACK
DMA_INT
15
0
Figure 23: DMA Channel Diagram
Each DMA channel can generate an interrupt if the index counter DMAx_IDX_REG reaches the
value of the channel's interrupt transfer length register, DMAx_INT_REG. After the transfer and
before DMAx_IDX_REG is incremented, the interrupt is generated.
For example, if DMA_x_INT_REG = 0 and DMA_x_LEN_REG = 0, there will be one transfer and an
interrupt.
12.2.4
DMA Arbitration
The priority level of a DMA channel can be set with bits DMA_PRIO[2-0]. These bits determine which
DMA channel will be activated if more than one DMA channel requests DMA. If two or more channels
have the same priority, an inherent priority applies (see register description).
With DREQ_MODE = 0, a DMA can be interrupted by a channel with a higher priority if the
DMA_IDLE bit is set.
When DMA_INIT is set, however, the DMA channel currently performing the transfer locks the bus
and cannot be interrupted by any other channels until the transfer is completed, regardless of
whether DMA_IDLE is set. The purpose of DMA_INIT is to initialize a specific memory block with a
certain value without any interruption from other active DMA channels that may request the bus at
the same time. Consequently, DMA_INIT should be used only for memory initialization. When the
DMA transfers data to/from peripherals, DMA_INIT should be set to 0.


Similar Part No. - DA14530

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531-00000FX2 DIALOG-DA14531-00000FX2 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531-00000OG2 DIALOG-DA14531-00000OG2 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531MOD DIALOG-DA14531MOD Datasheet
2Mb / 32P
   SmartBond TINYTM Module
DA14531MOD-00F01002 DIALOG-DA14531MOD-00F01002 Datasheet
2Mb / 32P
   SmartBond TINYTM Module
More results

Similar Description - DA14530

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
logo
List of Unclassifed Man...
NRF5340 ETC1-NRF5340 Datasheet
362Kb / 2P
   Dual processor SoC supporting Bluetooth 5.1, Bluetooth mesh, NFC, Thread & Zigbee
IN100 ETC-IN100 Datasheet
1Mb / 49P
   Ultra-Low Power Bluetooth Beacon SoC
9/28/2022
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
   Bluetooth SoC
logo
NXP Semiconductors
IW416 NXP-IW416 Datasheet
996Kb / 99P
   Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.1 Combo SoC
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
   Bluetooth Low Energy 4.2 SoC
logo
u-blox AG
ANNA-B412 U-BLOX-ANNA-B412 Datasheet
1Mb / 33P
   Stand-alone Bluetooth 5.1 low energy module
Rev. R04 / 21-Sep-2022
logo
Dialog Semiconductor
DA14583 DIALOG-DA14583 Datasheet
1Mb / 148P
   Low Power Bluetooth Smart SoC with Flash memory
logo
u-blox AG
ANNA-B402 U-BLOX-ANNA-B402 Datasheet
2Mb / 36P
   Stand-alone Bluetooth 5.1 low energy module
Rev. R05 / 21-Sept-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com