Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA14530 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # DA14530
Description  Low Power Bluetooth 5.1 SoC
Download  333 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA14530 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button DA14530 Datasheet HTML 69Page - Renesas Technology Corp DA14530 Datasheet HTML 70Page - Renesas Technology Corp DA14530 Datasheet HTML 71Page - Renesas Technology Corp DA14530 Datasheet HTML 72Page - Renesas Technology Corp DA14530 Datasheet HTML 73Page - Renesas Technology Corp DA14530 Datasheet HTML 74Page - Renesas Technology Corp DA14530 Datasheet HTML 75Page - Renesas Technology Corp DA14530 Datasheet HTML 76Page - Renesas Technology Corp DA14530 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 333 page
background image
DA14530
Low Power Bluetooth 5.1 SoC
Final
Datasheet
Revision 3.4
21-Dec-2021
CFR0011-120-00
73 of 332
© 2021 Renesas Electronics
12 DMA Controller
12.1 Introduction
The 4-channel direct memory access (DMA) controller transfers data of eight bits, 16 bits, or 32 bits
between the on-chip supported peripherals (SPI, UART, UART2, I2C, and ADC) and the on-chip
RAM and supports regular memory-to-memory transfers. The DMA also supports a programmable
interrupt generation to generate an interrupt after a certain number of transfers in order to off load the
Cortex interrupt rate. The on-chip peripheral requests are multiplexed on the two available channel
pairs to increase the DMA utilization. A block diagram of the controller is depicted on Figure 18.
Features
● Four channels with an optional peripheral trigger
● Full 32-bit source and destination pointers
● Flexible interrupt generation
● Programmable length
● Flexible peripheral request per channel
● Option to initialize memory (DMA_INIT)
● Programmable edge-sensitive request support (recommended when writing to UART/UART2 and
I2C)
DMA Channel 0
DMA Channel 1
DMA Channel 2
DMA Channel 3
SPI RX/TX req
I2C RX/TX req
other req
. . .
SPI RX/TX req
I2C RX/TX req
other req
. . .
SPI RX/TX ack
I2C RX/TX ack
other ack
. . .
SPI RX/TX ack
I2C RX/TX ack
other ack
. . .
Control
DMA01_REQ_MUX
DMA03_REQ_MUX
APB16
AHB Lite
Block IRQ lines
IRQ lines
DMA IRQ lines
Figure 22: DMA Controller Block Diagram
12.2 Architecture
12.2.1
DMA Peripherals
By default, the DMA assumes memory-to-memory transactions. Each DMA channel can also be
connected with the hand-shaking signals or other request signals of the corresponding peripherals
(Table 38).


Similar Part No. - DA14530

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531-00000FX2 DIALOG-DA14531-00000FX2 Datasheet
4Mb / 374P
Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531-00000OG2 DIALOG-DA14531-00000OG2 Datasheet
4Mb / 374P
Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531MOD DIALOG-DA14531MOD Datasheet
2Mb / 32P
SmartBond TINYTM Module
logo
Renesas Technology Corp
DA14531MOD RENESAS-DA14531MOD Datasheet
2Mb / 35P
SmartBond TINY Bluetooth® LE Module
Sept 20, 2024
More results

Similar Description - DA14530

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14583 DIALOG-DA14583 Datasheet
1Mb / 148P
Low Power Bluetooth Smart SoC with Flash memory
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
Bluetooth Low Energy 4.2 SoC
logo
List of Unclassifed Man...
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
Bluetooth SoC
NRF5340 ETC1-NRF5340 Datasheet
362Kb / 2P
Dual processor SoC supporting Bluetooth 5.1, Bluetooth mesh, NFC, Thread & Zigbee
logo
NXP Semiconductors
IW416 NXP-IW416 Datasheet
996Kb / 99P
Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.1 Combo SoC
logo
Dialog Semiconductor
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
Bluetooth Low Energy 4.2 SoC
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
logo
u-blox AG
ANNA-B402 U-BLOX-ANNA-B402 Datasheet
2Mb / 36P
Stand-alone Bluetooth 5.1 low energy module
Rev. R05 / 21-Sept-2022
ANNA-B412 U-BLOX-ANNA-B412 Datasheet
1Mb / 33P
Stand-alone Bluetooth 5.1 low energy module
Rev. R04 / 21-Sep-2022
logo
List of Unclassifed Man...
IN100 ETC-IN100 Datasheet
1Mb / 49P
Ultra-Low Power Bluetooth Beacon SoC
9/28/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com