Electronic Components Datasheet Search |
|
DA14530 Datasheet(PDF) 70 Page - Renesas Technology Corp |
|
|
DA14530 Datasheet(HTML) 70 Page - Renesas Technology Corp |
70 / 333 page DA14530 Low Power Bluetooth 5.1 SoC Final Datasheet Revision 3.4 21-Dec-2021 CFR0011-120-00 70 of 332 © 2021 Renesas Electronics 11 OTP Controller 11.1 Introduction The OTP controller realizes all functions of the OTP macro cell in an automated and transparent way. The controller facilitates all data transfers (reading and programming), comprises a DMA engine which connects to the AHB bus as a master, and has the highest priority to copy code from OTP into SysRAM in mirrored mode. The block diagram is presented in Figure 21. Features ● Implements all timing constraints for any access to the physical OTP cell ● Automatic single Error Code Correction (ECC) - 6 bits (implemented in the OTP cell) ● 32-bit read in a single read access from the OTP cell ● Single word buffer for programming. No burst programming supported ● Empty words are 0xFFFFFFFF. Zeros are programmed per 32-bit word ● Embedded DMA engine for fast mirroring of the OTP contents into the SysRAM ● Embedded DMA supports reading in bursts of 4 × 32-bit words ● Transparent random address access to the OTP memory cells via the AHB slave memory interface ● Hardwired handshaking with the PMU to realize the mirroring procedure Copy Req/Ack OTP Memory (32+6)bits x 8192 DMA AHB Slave Memory AHB Slave Registers AHB Lite FIFO Controller IF Ctrl Slave AHB Master Figure 21: OTP Controller Block Diagram 11.2 Architecture The OTP controller block includes the OTP macro cell and pure digital logic implementing the controlling functions. The OTP memory communicates with the controller through a proprietary interface. The internal organization of the OTP cell is 32-bit data and 6-bit ECC for each of the 8192 addressable positions. The six bits of the ECC are only accessible within the OTP cell. The ECC is generated by the OTP cell during the programming and is used again by the OTP cell in a transparent way during reading. The AHB master interface is controlled by a DMA engine with an internal FIFO of eight 32-bit words. The DMA engine supports AHB reads and writes. The AHB address where memory access should begin is programmed into the DMA engine at OTPC_AHBADR_REG[OTPC_AHBADR]. The number of the 32-bit words of a transfer minus 1 must be specified in OTPC_NWORDS_REG[OTP_NWORDS]. |
Similar Part No. - DA14530 |
|
Similar Description - DA14530 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |