Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA14530 Datasheet(PDF) 66 Page - Renesas Technology Corp

Part # DA14530
Description  Low Power Bluetooth 5.1 SoC
Download  333 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA14530 Datasheet(HTML) 66 Page - Renesas Technology Corp

Back Button DA14530 Datasheet HTML 62Page - Renesas Technology Corp DA14530 Datasheet HTML 63Page - Renesas Technology Corp DA14530 Datasheet HTML 64Page - Renesas Technology Corp DA14530 Datasheet HTML 65Page - Renesas Technology Corp DA14530 Datasheet HTML 66Page - Renesas Technology Corp DA14530 Datasheet HTML 67Page - Renesas Technology Corp DA14530 Datasheet HTML 68Page - Renesas Technology Corp DA14530 Datasheet HTML 69Page - Renesas Technology Corp DA14530 Datasheet HTML 70Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 333 page
background image
DA14530
Low Power Bluetooth 5.1 SoC
Final
Datasheet
Revision 3.4
21-Dec-2021
CFR0011-120-00
66 of 332
© 2021 Renesas Electronics
10.1.1
General Clock Constraints
There are certain constraints on various clocks regarding their frequency relations or the
effectiveness. This section summarizes these rules:
● The minimum of the AMBA clock (hclk) has to be 8 MHz when BLE is utilized. This is also the
clock of the Cortex CPU and ensures the required MIPS for handling the BLE Protocol
● The AMBA clock (hclk) should always be greater or equal to the ble_*_clks. This is required for
the proper operation of the BLE protocol. For example, hclk at 16 MHz and BLE clocks at 8 MHz
is an acceptable combination but not the other way around
10.2 Crystal Oscillators
The Digital Controlled XTAL Oscillators (DXCO) are designed for low power consumption and high
stability. There are two such crystal oscillators in the system, one at 32 MHz (XTAL32M) and the
other at 32.768 kHz (XTAL32K). The XTAL32K has no trimming capabilities and is used as the clock
of the Deep Sleep/Extended Sleep modes. The XTAL32M can be trimmed.
The principle schematic of the two oscillators is shown in Figure 18. No external components to the
DA14530 are required other than the crystal itself. If the crystal has a case connection, it is advised
to connect the case to ground.
32 MHz
32.768 kHz
CL = 4pF - 8 pF
clock32MHz
clock32KHz
Figure 18: Crystal Oscillator Circuits
10.2.1
Frequency Control (32 MHz Crystal)
The 8-bit register CLK_FREQ_TRIM_REG controls the trimming of the 32 MHz crystal oscillator. The
frequency is trimmed by two on-chip variable capacitor banks. Both capacitor banks are controlled by
the same register.
The capacitance of both variable capacitor banks varies from the minimum to the maximum value in
256 equal steps. With CLK_FREQ_TRIM_REG[XTAL32M_TRIM] = 0x00, the minimum capacitance
and thus the maximum frequency are selected. With CLK_FREQ_TRIM_REG[XTAL32M_TRIM] =
0xFF, the maximum capacitance and thus the minimum frequency are selected.
The five least significant bits of CLK_FREQ_TRIM_REG register (XTAL32M_TRIM<4:0>) directly
control five binary weighted capacitors (Figure 19). The three most significant bits of
CLK_FREQ_TRIM_REG register (XTAL32M_TRIM<7:5>) are binary to the thermometer decoded.
Each of the seven outputs of the decoder controls a capacitor, of which the value is 32 times the
value of the smallest capacitor.


Similar Part No. - DA14530

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531-00000FX2 DIALOG-DA14531-00000FX2 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531-00000OG2 DIALOG-DA14531-00000OG2 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531MOD DIALOG-DA14531MOD Datasheet
2Mb / 32P
   SmartBond TINYTM Module
DA14531MOD-00F01002 DIALOG-DA14531MOD-00F01002 Datasheet
2Mb / 32P
   SmartBond TINYTM Module
More results

Similar Description - DA14530

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
logo
List of Unclassifed Man...
NRF5340 ETC1-NRF5340 Datasheet
362Kb / 2P
   Dual processor SoC supporting Bluetooth 5.1, Bluetooth mesh, NFC, Thread & Zigbee
IN100 ETC-IN100 Datasheet
1Mb / 49P
   Ultra-Low Power Bluetooth Beacon SoC
9/28/2022
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
   Bluetooth SoC
logo
NXP Semiconductors
IW416 NXP-IW416 Datasheet
996Kb / 99P
   Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.1 Combo SoC
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
   Bluetooth Low Energy 4.2 SoC
logo
u-blox AG
ANNA-B412 U-BLOX-ANNA-B412 Datasheet
1Mb / 33P
   Stand-alone Bluetooth 5.1 low energy module
Rev. R04 / 21-Sep-2022
logo
Dialog Semiconductor
DA14583 DIALOG-DA14583 Datasheet
1Mb / 148P
   Low Power Bluetooth Smart SoC with Flash memory
logo
u-blox AG
ANNA-B402 U-BLOX-ANNA-B402 Datasheet
2Mb / 36P
   Stand-alone Bluetooth 5.1 low energy module
Rev. R05 / 21-Sept-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com