Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA14530 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # DA14530
Description  Low Power Bluetooth 5.1 SoC
Download  333 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA14530 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button DA14530 Datasheet HTML 60Page - Renesas Technology Corp DA14530 Datasheet HTML 61Page - Renesas Technology Corp DA14530 Datasheet HTML 62Page - Renesas Technology Corp DA14530 Datasheet HTML 63Page - Renesas Technology Corp DA14530 Datasheet HTML 64Page - Renesas Technology Corp DA14530 Datasheet HTML 65Page - Renesas Technology Corp DA14530 Datasheet HTML 66Page - Renesas Technology Corp DA14530 Datasheet HTML 67Page - Renesas Technology Corp DA14530 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 333 page
background image
DA14530
Low Power Bluetooth 5.1 SoC
Final
Datasheet
Revision 3.4
21-Dec-2021
CFR0011-120-00
64 of 332
© 2021 Renesas Electronics
10 Clock Generation
10.1 Clock Tree
The generation of the system's clocks is described in detail in Figure 17.
LDO_CORE CP (512KHz)
XTAL32M
OSC
RC32M
OSC
RC OSC
32K/512K
hclk
ble_hclk
spi_clk
Divide by
HCLK_DIV
uart_clk
uart2_clk
tmr0_clk
rfcu_clk
Divide by
BLE_DIV
ble_crypt_clk
ble_master1_clk
ble_master2_clk
arb_clk
ble_lp_clk
RCX
OSC
XTAL32K
OSC
CLK_CTRL_REG[LP_CLK_SEL]
CLK_CTRL_REG[SYS_CLK_SEL]==0x0
Divide by
PCLK_DIV
apb_clk
wakeupct_clk
otp_clk
i2c_clk
Divide by
TMR_DIV
Divide by
2
CLK_PER_REG[I2C_ENABLE]
CLK_PER_REG[UART1_ENABLE]
CLK_PER_REG[UART2_ENABLE]
CLK_PER_REG[TMR_ENABLE]
CLK_PER_REG[WAKEUPCT_ENABLE]
CLK_AMBA_REG[OTP_ENABLE]
CLK_RADIO_REG[BLE_ENABLE]
CLK_RADIO_REG[RFCU_ENABLE]
CLK_PER_REG[QUAD_ENABLE]
quad_clk
System
Clocks
Peripheral
Clocks
BLE & Radio
Clocks
CLK_PER_REG[SPI_ENABLE]
1
0
TIMER0_CTRL_REG[TIM0_CLK_SEL]
gp_adc_clk
GP_ADC_CTRL_REG[GP_ADC_EN]
Divide by
10
tmr0_on_clk
0
1
TIMER0_CTRL_REG[TIM0_CLK_SEL]
gen_por_timer
PLL
DIV
2
rtc_clk
lp_clk
sys_clk
Divide by
RTC_DIV
DIV=>10,24ms
wdog_clk
1
0
TIMER1_CTRL_REG[TIM1_CLK_SEL]
tmr1_clk
0
1
0
1
wokenup & !(CLK_CTRL_REG[SYS_CLK_SEL]&0x2)
DIV
2
P0[3]
spi_fast_clk
0
1
XTAL32M
RC32M
CLK_CTRL_REG[SYS_CLK_SEL]=0x0
0
1
2
3
Analog startup FSM
wakeup_clk
tmr2_clk
1
0
TRIPLE_PWM_CTRL_REG[TRIPLE_PWM_CLK_SEL]
Figure 17: Clock Tree Diagram
Figure 17 depicts the possible clock sources as well as all different divisions and multiplexing paths
towards the generation of each block's clock. Furthermore, the required registers that have to be
programmed are also shown in Figure 17.


Similar Part No. - DA14530

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531-00000FX2 DIALOG-DA14531-00000FX2 Datasheet
4Mb / 374P
Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531-00000OG2 DIALOG-DA14531-00000OG2 Datasheet
4Mb / 374P
Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531MOD DIALOG-DA14531MOD Datasheet
2Mb / 32P
SmartBond TINYTM Module
logo
Renesas Technology Corp
DA14531MOD RENESAS-DA14531MOD Datasheet
2Mb / 35P
SmartBond TINY Bluetooth® LE Module
Sept 20, 2024
More results

Similar Description - DA14530

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
logo
List of Unclassifed Man...
NRF5340 ETC1-NRF5340 Datasheet
362Kb / 2P
Dual processor SoC supporting Bluetooth 5.1, Bluetooth mesh, NFC, Thread & Zigbee
IN100 ETC-IN100 Datasheet
1Mb / 49P
Ultra-Low Power Bluetooth Beacon SoC
9/28/2022
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
Bluetooth SoC
logo
NXP Semiconductors
IW416 NXP-IW416 Datasheet
996Kb / 99P
Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.1 Combo SoC
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
Bluetooth Low Energy 4.2 SoC
logo
u-blox AG
ANNA-B412 U-BLOX-ANNA-B412 Datasheet
1Mb / 33P
Stand-alone Bluetooth 5.1 low energy module
Rev. R04 / 21-Sep-2022
logo
Dialog Semiconductor
DA14583 DIALOG-DA14583 Datasheet
1Mb / 148P
Low Power Bluetooth Smart SoC with Flash memory
logo
u-blox AG
ANNA-B402 U-BLOX-ANNA-B402 Datasheet
2Mb / 36P
Stand-alone Bluetooth 5.1 low energy module
Rev. R05 / 21-Sept-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com