Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA14530 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # DA14530
Description  Low Power Bluetooth 5.1 SoC
Download  333 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA14530 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button DA14530 Datasheet HTML 53Page - Renesas Technology Corp DA14530 Datasheet HTML 54Page - Renesas Technology Corp DA14530 Datasheet HTML 55Page - Renesas Technology Corp DA14530 Datasheet HTML 56Page - Renesas Technology Corp DA14530 Datasheet HTML 57Page - Renesas Technology Corp DA14530 Datasheet HTML 58Page - Renesas Technology Corp DA14530 Datasheet HTML 59Page - Renesas Technology Corp DA14530 Datasheet HTML 60Page - Renesas Technology Corp DA14530 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 333 page
background image
DA14530
Low Power Bluetooth 5.1 SoC
Final
Datasheet
Revision 3.4
21-Dec-2021
CFR0011-120-00
57 of 332
© 2021 Renesas Electronics
To access the Cortex-M0+ NVIC registers, the Cortex Microcontroller Software Interface Standard
(CMSIS) functions can be used. The input parameter IRQn of the CMSIS NVIC access functions is
the IRQ number. This can be the IRQ number or (more conveniently) the corresponding IRQ name
listed in Table 34. For example, the corresponding interrupt handler name in the vector table for
IRQ#15 is SPI_Handler. For more information on the Arm Cortex-M0+ interrupts and the
corresponding CMSIS functions, see section 4.2 Nested Vectored Interrupt Controller in the
Cortex-M0+ Devices Generic User Guide.
The Watchdog interrupt is connected to the NMI input of the processor.
6.2.2
System Timer (systick)
The Cortex-M0+ System Timer (SysTick) can be configured for using two different clocks. The
SysTick Control & Status (STCSR) register specifies which clock should be used by the counter.
● STCSR[CLKSOURCE] = 0: use the (fixed) external reference clock STCLKEN of 1 MHz
● STCSR[CLKSOURCE] = 1: use the (HCLK_DIV dependent) processor clock SCLK (for example,
2, 4, 8, or 16 MHz)
The default SysTick Timer configuration uses the (fixed) external reference clock STCLKEN
(STCSR[CLKSOURCE] = 0). When necessary, higher clock frequencies can be used with
STCSR[CLKSOURCE] = 1, but the software should take the HCLK_DIV dependent core clock SCLK
into account about the timing.
6.2.3
Wake-Up Interrupt Controller
The Wake-up Interrupt Controller (WIC) is a peripheral that can detect an interrupt and wake the
processor from Extended Sleep mode. The WIC is enabled only when the SLEEPDEEP bit in the
system control register is set to 1 (see System Control Register in the Cortex-M0+ Technical
Reference Manual).
The WIC is not programmable and does not have any registers or user interface. It operates entirely
from hardware signals. When the WIC is enabled and the processor enters Extended Sleep mode,
the power management unit in the system can power down most of the Cortex-M0+ processor. This
has the side effect of stopping the SysTick timer. When the WIC receives an interrupt, it takes a
number of clock cycles to wake up the processor and restore its state before it can process the
interrupt. This means the interrupt latency is increased in Extended Sleep mode.
6.3
Programming
For more information on the Arm Cortex-M0+, see the documents listed in Table 35.
Table 35: Arm Documents List
Document Title
Arm Document Number
1
Cortex-M0+ Devices Generic User Guide
Arm DUI 0662B (available on the website)
2
Cortex-M0+ Technical Reference Manual, r0p1
Arm DDI 0484C (available on the website)
3
Armv6-M Architecture Reference Manual
Arm DDI 0419C (can be downloaded by
registered customers)


Similar Part No. - DA14530

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531-00000FX2 DIALOG-DA14531-00000FX2 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531-00000OG2 DIALOG-DA14531-00000OG2 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531MOD DIALOG-DA14531MOD Datasheet
2Mb / 32P
   SmartBond TINYTM Module
DA14531MOD-00F01002 DIALOG-DA14531MOD-00F01002 Datasheet
2Mb / 32P
   SmartBond TINYTM Module
More results

Similar Description - DA14530

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
logo
List of Unclassifed Man...
NRF5340 ETC1-NRF5340 Datasheet
362Kb / 2P
   Dual processor SoC supporting Bluetooth 5.1, Bluetooth mesh, NFC, Thread & Zigbee
IN100 ETC-IN100 Datasheet
1Mb / 49P
   Ultra-Low Power Bluetooth Beacon SoC
9/28/2022
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
   Bluetooth SoC
logo
NXP Semiconductors
IW416 NXP-IW416 Datasheet
996Kb / 99P
   Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.1 Combo SoC
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
   Bluetooth Low Energy 4.2 SoC
logo
u-blox AG
ANNA-B412 U-BLOX-ANNA-B412 Datasheet
1Mb / 33P
   Stand-alone Bluetooth 5.1 low energy module
Rev. R04 / 21-Sep-2022
logo
Dialog Semiconductor
DA14583 DIALOG-DA14583 Datasheet
1Mb / 148P
   Low Power Bluetooth Smart SoC with Flash memory
logo
u-blox AG
ANNA-B402 U-BLOX-ANNA-B402 Datasheet
2Mb / 36P
   Stand-alone Bluetooth 5.1 low energy module
Rev. R05 / 21-Sept-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com