Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA14530 Datasheet(PDF) 54 Page - Renesas Technology Corp

Part # DA14530
Description  Low Power Bluetooth 5.1 SoC
Download  333 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA14530 Datasheet(HTML) 54 Page - Renesas Technology Corp

Back Button DA14530 Datasheet HTML 50Page - Renesas Technology Corp DA14530 Datasheet HTML 51Page - Renesas Technology Corp DA14530 Datasheet HTML 52Page - Renesas Technology Corp DA14530 Datasheet HTML 53Page - Renesas Technology Corp DA14530 Datasheet HTML 54Page - Renesas Technology Corp DA14530 Datasheet HTML 55Page - Renesas Technology Corp DA14530 Datasheet HTML 56Page - Renesas Technology Corp DA14530 Datasheet HTML 57Page - Renesas Technology Corp DA14530 Datasheet HTML 58Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 333 page
background image
DA14530
Low Power Bluetooth 5.1 SoC
Final
Datasheet
Revision 3.4
21-Dec-2021
CFR0011-120-00
54 of 332
© 2021 Renesas Electronics
6
Arm Cortex-M0+
6.1
Introduction
The Arm Cortex-M0+ processor is a 32-bit Reduced Instruction Set Computing (RISC) processor with
a von Neumann architecture (single bus interface). It uses an instruction set called Thumb, which
was first supported in the ARM7TDMI processor, but it also uses several newer instructions from the
Armv6 architecture and a few instructions from the Thumb-2 technology. Thumb-2 technology
extends the previous Thumb instruction set to allow all operations to be carried out in one CPU state.
The instruction set in Thumb-2 includes both 16-bit and 32-bit instructions; most instructions
generated by the C compiler use the 16-bit instructions, and the 32-bit instructions are used when the
16-bit version cannot carry out the required operations. This results in high code density and avoids
the overhead of switching between two instruction sets.
In total, the Cortex-M0+ processor supports only 56 base instructions, although some instructions
can have more than one form. Although the instruction set is small, the Cortex-M0+ processor is
highly capable because the Thumb instruction set is highly optimized.
Academically, the Cortex-M0+ processor is classified as load-store architecture, as it has separate
instructions for reading and writing to memory, and instructions for arithmetic or logical operations
that use registers. It has a two-stage pipeline (fetch+predecode and decode+execute) as opposed to
its predecessor (Cortex-M0) that has a three-stage pipeline (fetch, decode, and execute).
A simplified block diagram of the Cortex-M0+ is shown in Figure 14.
Figure 14: Arm Cortex-M0+ Block Diagram
Features
● Thumb instruction set: highly efficient, of high code density, and able to execute all Thumb and
Thumb-2 instructions
● High performance: up to 0.9 DMIPS/MHz (Dhrystone 2.1) with fast multiplier
● Built-in Nested Vectored Interrupt Controller (NVIC): this makes interrupt configuration and
coding of exception handlers easy. When an interrupt request is taken, the corresponding
interrupt handler is executed automatically without the need to determine the exception vector in
software
● Interrupts can have four different programmable priority levels and the NVIC automatically
handles nested interrupts


Similar Part No. - DA14530

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531-00000FX2 DIALOG-DA14531-00000FX2 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531-00000OG2 DIALOG-DA14531-00000OG2 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531MOD DIALOG-DA14531MOD Datasheet
2Mb / 32P
   SmartBond TINYTM Module
DA14531MOD-00F01002 DIALOG-DA14531MOD-00F01002 Datasheet
2Mb / 32P
   SmartBond TINYTM Module
More results

Similar Description - DA14530

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
logo
List of Unclassifed Man...
NRF5340 ETC1-NRF5340 Datasheet
362Kb / 2P
   Dual processor SoC supporting Bluetooth 5.1, Bluetooth mesh, NFC, Thread & Zigbee
IN100 ETC-IN100 Datasheet
1Mb / 49P
   Ultra-Low Power Bluetooth Beacon SoC
9/28/2022
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
   Bluetooth SoC
logo
NXP Semiconductors
IW416 NXP-IW416 Datasheet
996Kb / 99P
   Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.1 Combo SoC
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
   Bluetooth Low Energy 4.2 SoC
logo
u-blox AG
ANNA-B412 U-BLOX-ANNA-B412 Datasheet
1Mb / 33P
   Stand-alone Bluetooth 5.1 low energy module
Rev. R04 / 21-Sep-2022
logo
Dialog Semiconductor
DA14583 DIALOG-DA14583 Datasheet
1Mb / 148P
   Low Power Bluetooth Smart SoC with Flash memory
logo
u-blox AG
ANNA-B402 U-BLOX-ANNA-B402 Datasheet
2Mb / 36P
   Stand-alone Bluetooth 5.1 low energy module
Rev. R05 / 21-Sept-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com