Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA14530 Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # DA14530
Description  Low Power Bluetooth 5.1 SoC
Download  333 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA14530 Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button DA14530 Datasheet HTML 48Page - Renesas Technology Corp DA14530 Datasheet HTML 49Page - Renesas Technology Corp DA14530 Datasheet HTML 50Page - Renesas Technology Corp DA14530 Datasheet HTML 51Page - Renesas Technology Corp DA14530 Datasheet HTML 52Page - Renesas Technology Corp DA14530 Datasheet HTML 53Page - Renesas Technology Corp DA14530 Datasheet HTML 54Page - Renesas Technology Corp DA14530 Datasheet HTML 55Page - Renesas Technology Corp DA14530 Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 333 page
background image
DA14530
Low Power Bluetooth 5.1 SoC
Final
Datasheet
Revision 3.4
21-Dec-2021
CFR0011-120-00
52 of 332
© 2021 Renesas Electronics
● GPIO Pin: a GPIO can be selected by the user application to act as a POR source
The time needed for a GPIO pin selected for the POR to be active is stored in the
POR_TIMER_REG. The register field POR_TIME is a 7-bit field which holds the time factor by which
the total time for POR is calculated. The maximum value of the field is 0x7F. The total time for POR
is calculated by the following formula:
Totaltime=POR_TIME× 4096× RC32kclockperiod
(1)
where RC32k clock period = 31.25 µs at 25°C.
The maximum time for which a POR can be performed is ~16.2 seconds at 25°C.
The RC32k clock frequency depends on temperature, so based on the temperature span of -10°C to
50°C, the clock frequency range is calculated to be 25 kHz to 39 kHz. Then,
TPORcold = 13 s
TPORhot = 20.8 s
5.2.2.1
POR Timer Clock
The POR timer is clocked by the RC32k clock. If a SW application disables the RC32k, the HW takes
care of enabling the RC32k clock when a POR source (the RST pad or a selected GPIO pin) is
asserted. It should be noted that if the POR is generated from the RST pad, the RC32k will operate
with the reset (default) trimming value. If a GPIO pin is used as the POR source, the RC32k clock will
be trimmed. The timing difference between both cases is expected to be minor.
5.2.2.2
RST Pad
The RST pad will produce a HW reset if the pin active time is less than the programmed value in the
POR_TIMER_REG register or a POR if the pin active time is greater than or equal to that value.
Reset pad is always Active High.
5.2.2.3
POR from GPIO
When a GPIO is used as a POR source, the selected pin retains its capability to act as GPIO. The
POR_PIN_REG[PIN_SELECT] field holds the required GPIO pin number. If the value of the
PIN_SELECT field equals to 0, the POR triggered by GPIO functionality is disabled. The polarity of
the pin can be configured by the POR_PIN_REG [POR_POLARITY] bit, where 0 means Active Low
and 1 means Active High.
5.2.3
POR Timing Diagram
The operation of the POR triggered by both the RST pad and a selected GPIO pin is depicted in
Figure 13.
RC32k
Reset pad
GPIO(POR)
HW Reset
POR Timer
counting
0
0
0
TCLK= 31.25usec
<POR Timer
counting
0
<POR Timer
>=POR Timer
counting
POReset
0
>=POR Timer
counting
Timer value matched
Timer value matched
Figure 13: POR Timing Diagram


Similar Part No. - DA14530

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531-00000FX2 DIALOG-DA14531-00000FX2 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531-00000OG2 DIALOG-DA14531-00000OG2 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531MOD DIALOG-DA14531MOD Datasheet
2Mb / 32P
   SmartBond TINYTM Module
DA14531MOD-00F01002 DIALOG-DA14531MOD-00F01002 Datasheet
2Mb / 32P
   SmartBond TINYTM Module
More results

Similar Description - DA14530

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
logo
List of Unclassifed Man...
NRF5340 ETC1-NRF5340 Datasheet
362Kb / 2P
   Dual processor SoC supporting Bluetooth 5.1, Bluetooth mesh, NFC, Thread & Zigbee
IN100 ETC-IN100 Datasheet
1Mb / 49P
   Ultra-Low Power Bluetooth Beacon SoC
9/28/2022
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
   Bluetooth SoC
logo
NXP Semiconductors
IW416 NXP-IW416 Datasheet
996Kb / 99P
   Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.1 Combo SoC
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
   Bluetooth Low Energy 4.2 SoC
logo
u-blox AG
ANNA-B412 U-BLOX-ANNA-B412 Datasheet
1Mb / 33P
   Stand-alone Bluetooth 5.1 low energy module
Rev. R04 / 21-Sep-2022
logo
Dialog Semiconductor
DA14583 DIALOG-DA14583 Datasheet
1Mb / 148P
   Low Power Bluetooth Smart SoC with Flash memory
logo
u-blox AG
ANNA-B402 U-BLOX-ANNA-B402 Datasheet
2Mb / 36P
   Stand-alone Bluetooth 5.1 low energy module
Rev. R05 / 21-Sept-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com