Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA14530 Datasheet(PDF) 50 Page - Renesas Technology Corp

Part # DA14530
Description  Low Power Bluetooth 5.1 SoC
Download  333 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA14530 Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button DA14530 Datasheet HTML 46Page - Renesas Technology Corp DA14530 Datasheet HTML 47Page - Renesas Technology Corp DA14530 Datasheet HTML 48Page - Renesas Technology Corp DA14530 Datasheet HTML 49Page - Renesas Technology Corp DA14530 Datasheet HTML 50Page - Renesas Technology Corp DA14530 Datasheet HTML 51Page - Renesas Technology Corp DA14530 Datasheet HTML 52Page - Renesas Technology Corp DA14530 Datasheet HTML 53Page - Renesas Technology Corp DA14530 Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 333 page
background image
DA14530
Low Power Bluetooth 5.1 SoC
Final
Datasheet
Revision 3.4
21-Dec-2021
CFR0011-120-00
50 of 332
© 2021 Renesas Electronics
5
Reset
5.1
Introduction
The DA14530 comprises a reset (RST) pad which is active high. It contains an RC filter with a
resistor of 465 kΩ and a capacitor of 3.5 pF to suppress spikes. It also contains a 25 kΩ pull-down
resistor. This pad should be driven externally by a field-effect transistor (FET) or a single button
connected to VBAT. The typical latency of the RST pad is in the range of 2 µs.
Features
● RC spike filter on RST to suppress external spikes (465 kΩ, 3.5 pF)
● Three different reset lines (SW, HW, and POR)
● Latching the cause of a reset operation (RESET_STAT_REG)
● Configurable POR circuitry
ARM
SYS_CTRL_REG[SW_RESET]
Debugger
APB16
WATCHDOG
WDOG_reset
NMI
HW_RESET
AIRCR[SYSRESETREQ]
SWDIO
SWDCLK
SWDAP
HW_RESET
PWR ON
RESET
DEBUGGER_ENABLE
SW_RESET
POR_PIN_REG[PIN_SELECT]
POR Timer
RST/P0_0
POR_TIMER_REG
0x00
HWR_CTRL_REG[DISABLE_HWR]
POR_VDD
POR_HIGH
POR_LOW
WATCHDOG_CTRL_REG[NMI_RST]
P0_x
n
Low-Pass Filter
n
Figure 12: Reset Block Diagram
5.2
Architecture
5.2.1
POR, HW, and SW Reset
There are three main reset signals in the DA14530:
● The Power-On Reset (POR): it is optional triggered by a GPIO set as the POR source with a
selectable polarity and/or the RST pad (P0_0) after a programmable time delay
● The HW reset: it is optional triggered by the RST pad (P0_0) when it becomes active for a short
period of time (less than the programmable delay for POR)
● The SW reset: it is triggered by writing the SYS_CTRL_REG[SW_RESET] bit
The POR signal is generated:
● Internally and will release the system’s flip flops as soon as the VDD, VBAT_HIGH, and VBAT_LOW
voltages crossed the specified thresholds
● Externally by a POR source (RST pad multiplexed on a GPIO or P0_0 configured as RST pin)
The HW reset can also be automatically activated when the system wakes up from the Extended or
Deep Sleep mode by programming the bit PMU_CTRL_REG[RESET_ON_WAKEUP]. The POR and
the HW reset basically run the cold start-up sequence and the BootROM code is executed.


Similar Part No. - DA14530

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531-00000FX2 DIALOG-DA14531-00000FX2 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531-00000OG2 DIALOG-DA14531-00000OG2 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531MOD DIALOG-DA14531MOD Datasheet
2Mb / 32P
   SmartBond TINYTM Module
DA14531MOD-00F01002 DIALOG-DA14531MOD-00F01002 Datasheet
2Mb / 32P
   SmartBond TINYTM Module
More results

Similar Description - DA14530

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
logo
List of Unclassifed Man...
NRF5340 ETC1-NRF5340 Datasheet
362Kb / 2P
   Dual processor SoC supporting Bluetooth 5.1, Bluetooth mesh, NFC, Thread & Zigbee
IN100 ETC-IN100 Datasheet
1Mb / 49P
   Ultra-Low Power Bluetooth Beacon SoC
9/28/2022
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
   Bluetooth SoC
logo
NXP Semiconductors
IW416 NXP-IW416 Datasheet
996Kb / 99P
   Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.1 Combo SoC
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
   Bluetooth Low Energy 4.2 SoC
logo
u-blox AG
ANNA-B412 U-BLOX-ANNA-B412 Datasheet
1Mb / 33P
   Stand-alone Bluetooth 5.1 low energy module
Rev. R04 / 21-Sep-2022
logo
Dialog Semiconductor
DA14583 DIALOG-DA14583 Datasheet
1Mb / 148P
   Low Power Bluetooth Smart SoC with Flash memory
logo
u-blox AG
ANNA-B402 U-BLOX-ANNA-B402 Datasheet
2Mb / 36P
   Stand-alone Bluetooth 5.1 low energy module
Rev. R05 / 21-Sept-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com