Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA14530 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # DA14530
Description  Low Power Bluetooth 5.1 SoC
Download  333 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA14530 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button DA14530 Datasheet HTML 42Page - Renesas Technology Corp DA14530 Datasheet HTML 43Page - Renesas Technology Corp DA14530 Datasheet HTML 44Page - Renesas Technology Corp DA14530 Datasheet HTML 45Page - Renesas Technology Corp DA14530 Datasheet HTML 46Page - Renesas Technology Corp DA14530 Datasheet HTML 47Page - Renesas Technology Corp DA14530 Datasheet HTML 48Page - Renesas Technology Corp DA14530 Datasheet HTML 49Page - Renesas Technology Corp DA14530 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 333 page
background image
DA14530
Low Power Bluetooth 5.1 SoC
Final
Datasheet
Revision 3.4
21-Dec-2021
CFR0011-120-00
46 of 332
© 2021 Renesas Electronics
Address
Words
(32-bit)
Description
Programmed during
Chip Test
Product
Manufacturing
7F87FE8
1
TimeStamp:
Bits[7:0] = TS_Byte0
Bits[15:8] = TS_Byte1
Bits[23:16] = TS_Byte2
Bits[31:24] =TS_Byte3
Yes
7F87FEC
5
Reserved for Future Needs
The Device and Package Flag reflects what the current device (DA14530) is and which package is
used. Default (unprogrammed) values are 0xFFFFFFFF.
Boot specific mapping value is used to define a specific configuration for the SPI interface when used
for booting from an external device (either an MCU or a FLASH). Byte0 is the flag to instruct the
BootROM to use the specific SPI pin mapping and skip the rest of the serial peripheral interfaces.
The BootROM takes care of waking up an external flash when the flash memory is in deep power-
down state.
Byte1 is used for the Wake-up Command opcode that the flash memory responds to. If Byte0 is left
unprogrammed, the BootROM will send the "0xAB" opcode by default. Furthermore, the BootROM is
able to wake up the external flash by toggling the CS pin.
Two more flags indicate whether the application code has indeed been programmed (burned) into
the OTP. Both flags are read by the BootROM software designating that the system is in the Normal
mode and not in the Development mode (section 4.5).
4.4.2
Configuration Script
The Configuration Script (CS) is a table of 32-bit entries and is 60 words deep, so in total the CS can
utilize 240 bytes of space.
The CS is used to program registers with values that are defined during production testing, to store a
trim value for the application software, and to define the UART time-out timer during booting. It is
executed by the Booter to prepare and initialize the system prior to that the CPU starts running the
application code.
The format of the commands in the CS is presented in Table 30.
Table 30: CS Commands and Description
#
Command Type
Description
1
Start Command
One 32-bit word containing 0xA5A5A5A5 to signal a valid CS is in place.
2
Register
Configuration
● One 32-bit word containing an address of an existing register
● One 32-bit word containing the data value of the register
These are always in pairs with the address sitting in even memory addresses.
3
SDK Value
One 32-bit word which is equal to 0x9000YYXX indicating that the next word is a
value stored during production testing. More specifically:
● 9: it indicates that the following word(s) are not to be stored to registers but will be
used by the SDK SW
● YY: it indicates that YY amount of words follow
● XX: it is an increasing value and can be used for indexing by the SW application.
If YY > 1, XX will not be increased for the words that belong to the same value
One or more 32-bit words can represent one value.
4
SWD mode
One 32-bit word which is equal to 0x70000000. It prevents the JTAG from being
enabled at the end of the Booter and the Booter will not enter the endless while (1)
loop. Instead it will continue to rescan all peripherals in the development mode path.


Similar Part No. - DA14530

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531-00000FX2 DIALOG-DA14531-00000FX2 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531-00000OG2 DIALOG-DA14531-00000OG2 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531MOD DIALOG-DA14531MOD Datasheet
2Mb / 32P
   SmartBond TINYTM Module
DA14531MOD-00F01002 DIALOG-DA14531MOD-00F01002 Datasheet
2Mb / 32P
   SmartBond TINYTM Module
More results

Similar Description - DA14530

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
logo
List of Unclassifed Man...
NRF5340 ETC1-NRF5340 Datasheet
362Kb / 2P
   Dual processor SoC supporting Bluetooth 5.1, Bluetooth mesh, NFC, Thread & Zigbee
IN100 ETC-IN100 Datasheet
1Mb / 49P
   Ultra-Low Power Bluetooth Beacon SoC
9/28/2022
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
   Bluetooth SoC
logo
NXP Semiconductors
IW416 NXP-IW416 Datasheet
996Kb / 99P
   Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.1 Combo SoC
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
   Bluetooth Low Energy 4.2 SoC
logo
u-blox AG
ANNA-B412 U-BLOX-ANNA-B412 Datasheet
1Mb / 33P
   Stand-alone Bluetooth 5.1 low energy module
Rev. R04 / 21-Sep-2022
logo
Dialog Semiconductor
DA14583 DIALOG-DA14583 Datasheet
1Mb / 148P
   Low Power Bluetooth Smart SoC with Flash memory
logo
u-blox AG
ANNA-B402 U-BLOX-ANNA-B402 Datasheet
2Mb / 36P
   Stand-alone Bluetooth 5.1 low energy module
Rev. R05 / 21-Sept-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com