Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA14530 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # DA14530
Description  Low Power Bluetooth 5.1 SoC
Download  333 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA14530 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button DA14530 Datasheet HTML 41Page - Renesas Technology Corp DA14530 Datasheet HTML 42Page - Renesas Technology Corp DA14530 Datasheet HTML 43Page - Renesas Technology Corp DA14530 Datasheet HTML 44Page - Renesas Technology Corp DA14530 Datasheet HTML 45Page - Renesas Technology Corp DA14530 Datasheet HTML 46Page - Renesas Technology Corp DA14530 Datasheet HTML 47Page - Renesas Technology Corp DA14530 Datasheet HTML 48Page - Renesas Technology Corp DA14530 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 333 page
background image
DA14530
Low Power Bluetooth 5.1 SoC
Final
Datasheet
Revision 3.4
21-Dec-2021
CFR0011-120-00
45 of 332
© 2021 Renesas Electronics
Address
Words
(32-bit)
Description
Programmed during
Chip Test
Product
Manufacturing
7F87FC8
1
Boot specific configuration:
● Bits[7:0] :
○ 0xAA = Boot from SPI port at a specific
location
○ 0xFF = Normal sequence
● Bits[15:8] = Wake up Command opcode
● Bits[23:16] = SPI_DIV
● Bits[31:24]:
○ 0x00 = Two-wire UART (P0_0/P0_1)
○ 0x01 = One-wire UART (P0_3)
○ 0x02 = One-wire UART (P0_5)
○ Default (all other values) = Two-wire UART
(P0_0/P0_1)
Yes
7F87FCC
1
Boot specific port mapping:
Bits[7:4] = SPI_CLK, Port number
Bits[3:0] = SPI_CLK, Pin number
Bits[15:12] = SPI_EN, Port number
Bits[11:8] = SPI_EN, Pin number
Bits[23:20] = SPI_DO, Port number
Bits[19:16] = SPI_DO, Pin number
Bits[31:28] = SPI_DI, Port number
Bits[27:24] = SPI_DI, Pin number
Yes
7F87FD0
1
Device and Package Flag:
● Bits[7:0]:
○ 0xFF = WLCSP with P0_5
○ 0x66 = WLCSP without P0_5
○ 0xAA = FCGQFN24
● Bits[15:8]:
○ 0xFF = 531
○ 0x30 = 530
○ Others = Reserved
● Bits[31:16] = Reserved
Yes
7F87FD4
2
Bluetooth Device Address (64-bit word).
It is handled as a string of bytes.
Yes
7F87FDC
1
OTP DMA length (number of 32-bit words).
Yes
7F87FE0
1
Position:
Bits[7:0] = X coord
Bits[15:8] = Y coord
Bits[23:16 ]= Wafer #
Bits[31:24] = LOT #
Yes
7F87FE4
1
Tester:
Bits[7:0] = Tester_Site
Bits[15:8] = Tester_ID (LSB)
Bits[23:16] = Tester_ID (MSB)
Bits[31:24] = Reserved
Yes


Similar Part No. - DA14530

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531-00000FX2 DIALOG-DA14531-00000FX2 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531-00000OG2 DIALOG-DA14531-00000OG2 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531MOD DIALOG-DA14531MOD Datasheet
2Mb / 32P
   SmartBond TINYTM Module
DA14531MOD-00F01002 DIALOG-DA14531MOD-00F01002 Datasheet
2Mb / 32P
   SmartBond TINYTM Module
More results

Similar Description - DA14530

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
   Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
logo
List of Unclassifed Man...
NRF5340 ETC1-NRF5340 Datasheet
362Kb / 2P
   Dual processor SoC supporting Bluetooth 5.1, Bluetooth mesh, NFC, Thread & Zigbee
IN100 ETC-IN100 Datasheet
1Mb / 49P
   Ultra-Low Power Bluetooth Beacon SoC
9/28/2022
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
   Bluetooth SoC
logo
NXP Semiconductors
IW416 NXP-IW416 Datasheet
996Kb / 99P
   Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.1 Combo SoC
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
   Bluetooth Low Energy 4.2 SoC
logo
u-blox AG
ANNA-B412 U-BLOX-ANNA-B412 Datasheet
1Mb / 33P
   Stand-alone Bluetooth 5.1 low energy module
Rev. R04 / 21-Sep-2022
logo
Dialog Semiconductor
DA14583 DIALOG-DA14583 Datasheet
1Mb / 148P
   Low Power Bluetooth Smart SoC with Flash memory
logo
u-blox AG
ANNA-B402 U-BLOX-ANNA-B402 Datasheet
2Mb / 36P
   Stand-alone Bluetooth 5.1 low energy module
Rev. R05 / 21-Sept-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com