Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA14530 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # DA14530
Description  Low Power Bluetooth 5.1 SoC
PDF  333 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA14530 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button DA14530 Datasheet HTML 36Page - Renesas Technology Corp DA14530 Datasheet HTML 37Page - Renesas Technology Corp DA14530 Datasheet HTML 38Page - Renesas Technology Corp DA14530 Datasheet HTML 39Page - Renesas Technology Corp DA14530 Datasheet HTML 40Page - Renesas Technology Corp DA14530 Datasheet HTML 41Page - Renesas Technology Corp DA14530 Datasheet HTML 42Page - Renesas Technology Corp DA14530 Datasheet HTML 43Page - Renesas Technology Corp DA14530 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 333 page
background image
DA14530
Low Power Bluetooth 5.1 SoC
Final
Datasheet
Revision 3.4
21-Dec-2021
CFR0011-120-00
40 of 332
© 2021 Renesas Electronics
Table 26: Power Modes, Digital Power Domains, Clocks, and Wake-up triggers
Power Mode
Digital Power
Domains
LDOs and VDD Level
Clock
Availability
RAM
Wake Up from
Active or Sleep
(WFI)
PD_AON = ON
PD_SLP = ON
PD_SYS = ON
PD_TIM =
OPTIONAL
PD_RAD = OPT
VDD = 0.9 V
LDO_LOW = OFF
LDO_CORE = ON, Active (0.9
V)
VDD_Clamp = OFF
LDO_RADIO = Programmable
All
SysRAM1 = ON (Application)
SysRAM2 = optionally retained
SysRAM3 = ON (Stack Data)
Extended Sleep
(with or without
OTP)
PD_AON = ON
PD_SLP = ON
PD_SYS = OFF
PD_TIM =
OPTIONAL
PD_RAD = OFF
VDD = 0.75 V
LDO_LOW = OFF
LDO_CORE = ON, in retain
mode (0.75 V)
VDD_Clamp = OFF
LDO_RADIO = OFF
RCX or
XTAL32K
SysRAMx =optionally retained
(typically only SysRAM1 is
retained)
● RTC alarm
● Timer1
● BLE sleep timer
Deep Sleep
PD_AON = ON
PD_SLP = ON
PD_SYS = OFF
PD_TIM =
OPTIONAL
PD_RAD = OFF
VDD = 0.75 V
LDO_LOW = OFF
LDO_CORE = ON, in retain
mode (0.75 V)
VDD_Clamp = OFF
LDO_RADIO = OFF
RCX or
XTAL32K
SysRAMx = optionally retained
(Typically OFF)
● from any GPIOs
● RTC alarm
● Timer1
Hibernation
PD_AON = ON
PD_SLP = OFF
PD_SYS = OFF
PD_TIM = OFF
PD_RAD = OFF
VDD = ~0.75 V
LDO_LOW = OFF
LDO_CORE = OFF
VDD_Clamp = ~0.75 V
LDO_RADIO = OFF
No Clocks
SysRAMx =optionally retained
Wake up from P0_1, P0_2, P0_3,
P0_4, P0_5


Similar Part No. - DA14530

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531-00000FX2 DIALOG-DA14531-00000FX2 Datasheet
4Mb / 374P
Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531-00000OG2 DIALOG-DA14531-00000OG2 Datasheet
4Mb / 374P
Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531MOD DIALOG-DA14531MOD Datasheet
2Mb / 32P
SmartBond TINYTM Module
logo
Renesas Technology Corp
DA14531MOD RENESAS-DA14531MOD Datasheet
2Mb / 35P
SmartBond TINY Bluetooth® LE Module
Sept 20, 2024
More results

Similar Description - DA14530

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14583 DIALOG-DA14583 Datasheet
1Mb / 148P
Low Power Bluetooth Smart SoC with Flash memory
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
Bluetooth Low Energy 4.2 SoC
logo
List of Unclassifed Man...
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
Bluetooth SoC
NRF5340 ETC1-NRF5340 Datasheet
362Kb / 2P
Dual processor SoC supporting Bluetooth 5.1, Bluetooth mesh, NFC, Thread & Zigbee
logo
NXP Semiconductors
IW416 NXP-IW416 Datasheet
996Kb / 99P
Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.1 Combo SoC
logo
Dialog Semiconductor
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
Bluetooth Low Energy 4.2 SoC
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
logo
u-blox AG
ANNA-B402 U-BLOX-ANNA-B402 Datasheet
2Mb / 36P
Stand-alone Bluetooth 5.1 low energy module
Rev. R05 / 21-Sept-2022
ANNA-B412 U-BLOX-ANNA-B412 Datasheet
1Mb / 33P
Stand-alone Bluetooth 5.1 low energy module
Rev. R04 / 21-Sep-2022
logo
List of Unclassifed Man...
IN100 ETC-IN100 Datasheet
1Mb / 49P
Ultra-Low Power Bluetooth Beacon SoC
9/28/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com