Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA14530 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # DA14530
Description  Low Power Bluetooth 5.1 SoC
PDF  333 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA14530 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button DA14530 Datasheet HTML 34Page - Renesas Technology Corp DA14530 Datasheet HTML 35Page - Renesas Technology Corp DA14530 Datasheet HTML 36Page - Renesas Technology Corp DA14530 Datasheet HTML 37Page - Renesas Technology Corp DA14530 Datasheet HTML 38Page - Renesas Technology Corp DA14530 Datasheet HTML 39Page - Renesas Technology Corp DA14530 Datasheet HTML 40Page - Renesas Technology Corp DA14530 Datasheet HTML 41Page - Renesas Technology Corp DA14530 Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 333 page
background image
DA14530
Low Power Bluetooth 5.1 SoC
Final
Datasheet
Revision 3.4
21-Dec-2021
CFR0011-120-00
38 of 332
© 2021 Renesas Electronics
VBAT
VBAT
XTAL1
XTAL2
32MHz
Bandgap
Isupply=50uA
XTAL 32M
GP ADC
Isup=50uA
Typ 3.0V (1.8 ... 3.3V)
Typ 1.1V (1.1 ... 3.3V)
LDO GPADC
1mA
LDO XTAL
1mA
0.9V
0.9V
RADIO
XTAL 32k
0.75V ... 0.9V
LDO VDD
6mA
VDD
VDD
DCORE
Temp
sensor
RC 32M
RCX
LNA/Mix/
TIA/IFF/
ADC/DACs
LDO RF IF
3...8mA
0.9V
DCO/LO/
DIV
LDO RF LO
2mA
0.9V
LDO
LOW
RET
POR
LOW
>0.95V
POR
HIGH
>1.62V
OTP
Memory
>1.8V
VDD Clamp
POR_VDD
RC32kHz
Nx GPIO
PORTS
XTAL1
XTAL2
32MHz
Bandgap
XTAL 32M
2.3V - 3.3V
2.3V - 3.3V
LDO XTAL
0.9V
RADIO
XTAL 32k
0.75V ... 0.9V
ret mode
VDD
VDD
DCORE
RC 32M
RCX
LDO
LOW
POR
HIGH
<1.66V
OTP
Memory
>1.8V
VDD Clamp
POR_VDD
RC32kHz
LDO CORE
Always enabled
Enabled by HW FSM
Enabled by Software
32k_n
32k_p
GP ADC
LDO GPADC
0.9V
0.9V
RF Blocks
LDO RF
RF Blocks
LDO RF
0.9V
0.9V
RF Blocks
LDO RF
ret mode
Temp
sensor
POR
LOW
<1.00V
Figure 4: Power Management Unit: Bypass Configuration
4.2.2.1
Digital Power Domains
The DA14530 supports a number of digital power domains that can be turned on and off by software
(Figure 5). Some of the blocks contain registers that can retain their values even if the digital power
domain where they reside is powered off. RAM cells can retain their contents independently from the
digital power domains state.
Arm Cortex M0+
POR HIGH
POR LOW
XTAL
32.768
kHz
XTAL
32 MHz
RAM Ctrl
LDO LOW
BLE 5.1 MAC
GPIO Multiplexing
SPI
I2C
General Purpose
Registers
TIMER0/2
QuadRature
Decoder (x3)
Keyboard Scanner
4-ch 10-bit ADC
Temperature
sensor
Radio
Tranceiver
LDO
CORE
RF
LDO
Digital
PHY
RFCU
UART/UART2
CLOCK
GEN
RAM
48 kB
DMA Engine
OTP Ctrl
OTP
32 kB
ROM Ctrl
ROM
144 kB
AMBA AHB
AMBA APB
Sleep Domain (PD_SLP)
Always On Domain (PD_AON)
System Domain (PD_SYS)
Radio Domain (PD_RAD)
Analog/RF
RTC
Timers Domain (PD_TIM)
TIMER1
Figure 5: Digital Power Domains
The list of blocks residing in each one of the digital power domains is presented in Table 25.


Similar Part No. - DA14530

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531-00000FX2 DIALOG-DA14531-00000FX2 Datasheet
4Mb / 374P
Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531-00000OG2 DIALOG-DA14531-00000OG2 Datasheet
4Mb / 374P
Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531MOD DIALOG-DA14531MOD Datasheet
2Mb / 32P
SmartBond TINYTM Module
logo
Renesas Technology Corp
DA14531MOD RENESAS-DA14531MOD Datasheet
2Mb / 35P
SmartBond TINY Bluetooth® LE Module
Sept 20, 2024
More results

Similar Description - DA14530

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14583 DIALOG-DA14583 Datasheet
1Mb / 148P
Low Power Bluetooth Smart SoC with Flash memory
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
Bluetooth Low Energy 4.2 SoC
logo
List of Unclassifed Man...
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
Bluetooth SoC
NRF5340 ETC1-NRF5340 Datasheet
362Kb / 2P
Dual processor SoC supporting Bluetooth 5.1, Bluetooth mesh, NFC, Thread & Zigbee
logo
NXP Semiconductors
IW416 NXP-IW416 Datasheet
996Kb / 99P
Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.1 Combo SoC
logo
Dialog Semiconductor
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
Bluetooth Low Energy 4.2 SoC
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
logo
u-blox AG
ANNA-B402 U-BLOX-ANNA-B402 Datasheet
2Mb / 36P
Stand-alone Bluetooth 5.1 low energy module
Rev. R05 / 21-Sept-2022
ANNA-B412 U-BLOX-ANNA-B412 Datasheet
1Mb / 33P
Stand-alone Bluetooth 5.1 low energy module
Rev. R04 / 21-Sep-2022
logo
List of Unclassifed Man...
IN100 ETC-IN100 Datasheet
1Mb / 49P
Ultra-Low Power Bluetooth Beacon SoC
9/28/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com