Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA14530 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # DA14530
Description  Low Power Bluetooth 5.1 SoC
PDF  333 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA14530 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button DA14530 Datasheet HTML 32Page - Renesas Technology Corp DA14530 Datasheet HTML 33Page - Renesas Technology Corp DA14530 Datasheet HTML 34Page - Renesas Technology Corp DA14530 Datasheet HTML 35Page - Renesas Technology Corp DA14530 Datasheet HTML 36Page - Renesas Technology Corp DA14530 Datasheet HTML 37Page - Renesas Technology Corp DA14530 Datasheet HTML 38Page - Renesas Technology Corp DA14530 Datasheet HTML 39Page - Renesas Technology Corp DA14530 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 333 page
background image
DA14530
Low Power Bluetooth 5.1 SoC
Final
Datasheet
Revision 3.4
21-Dec-2021
CFR0011-120-00
36 of 332
© 2021 Renesas Electronics
4
System Overview
4.1
Internal Blocks
The DA14530 contains the following blocks:
Arm Cortex-M0+ CPU with Wake-up Interrupt Controller (WIC). This processor provides 0.9
dMIPS/MHz and is used for assisting the BLE protocol implementation, for providing processing
power for calculations or data fetches required by applications, and for housekeeping, including
controlling the power scheme of the system.
BLE core. This is the baseband hardware accelerator for the BLE protocol.
ROM. This 144-kB ROM contains the BLE protocol stack and the boot code sequence.
OTP. This 32-kB OTP memory array is used to store application code and BLE profiles. It also
contains the system configuration and calibration data.
System SRAM (SysRAM). This 48-kB SysRAM is primarily used to mirror the program code from
the OTP when the system wakes/powers up. It also serves as a Data RAM for intermediate variables
and various data that the protocol requires. It can be used as an extra memory space for the BLE TX
and RX data structures (Exchange RAM). The SysRAM cells can not only be retained during sleep
modes but also be completely switched off during active mode if not needed.
UART and UART2. The serial interface of the UART implements hardware flow control while UART2
does not. Both UARTs feature FIFOs with depths of 16 bytes each.
SPI. This is the serial peripheral interface (SPI) with master/slave capability and it has a separate
FIFOs for RX and TX of two 16-bit words each.
I2C. This Master/Slave I2C interface is used for sensors and/or host Micro-Controllers Units (MCUs)
communication. It comprises a 32-place 9-bit deep FIFO.
General Purpose (GP) ADC. This 10-bit analog-to-digital converter (ADC) has four external input
channels (GPIOs) and internal channels for reading die temperature, the battery voltage, and other
internal analog nodes.
Radio Transceiver. This block implements the RF part of the BLE protocol.
Clock Generator. This block is responsible for clocking the system. It contains two XTAL oscillators,
one running at 32 MHz (XTAL32M) and used for the active mode of the system and the other running
at 32.768 kHz (XTAL32K) and used for the sleep modes of the system. There are also three RC
oscillators available: a 32 MHz oscillator (RC32M) with low precision (> 500 ppm), a 32 kHz oscillator
(RC32K) with low precision (> 500 ppm), and a ~15 kHz oscillator (RCX) with high precision (< 500
ppm). The RCX oscillator can be used as a sleep clock to replace the XTAL32K oscillator to further
improve the power dissipation of the system while reducing the bill of materials. The RC32M
oscillator is used to provide a clock to mirror the OTP code into the SysRAM while the XTAL32M
oscillator is settling directly after power/wake up. This clock is also used to run the Booter at power-
up. An external digital clock can be used as a sleep clock to replace the XTAL32K or the RCX
oscillator.
Timers. This block contains three timers:
● A 16-bit general purpose timer (Timer0) with two pulse width modulation (PWM) signals (PWM1
is inverted to PWM0)
● A 11-bit timer (Timer1) with two capture channels
● A 14-bit timer (Timer2) which controls six PWM signals that all have the same frequency, but
each has a configurable duty cycle
Real Time Clock (RTC). This hardware controller supports the complete time of day clock: 12/24
hours, minutes, seconds, milliseconds, and hundredths of a millisecond. It includes a configurable
alarm function and can be programmed to generate an interrupt on any event, like a rollover of
month, day, hour, minute, second, or hundredths of a millisecond.


Similar Part No. - DA14530

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531-00000FX2 DIALOG-DA14531-00000FX2 Datasheet
4Mb / 374P
Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531-00000OG2 DIALOG-DA14531-00000OG2 Datasheet
4Mb / 374P
Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
DA14531MOD DIALOG-DA14531MOD Datasheet
2Mb / 32P
SmartBond TINYTM Module
logo
Renesas Technology Corp
DA14531MOD RENESAS-DA14531MOD Datasheet
2Mb / 35P
SmartBond TINY Bluetooth® LE Module
Sept 20, 2024
More results

Similar Description - DA14530

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14583 DIALOG-DA14583 Datasheet
1Mb / 148P
Low Power Bluetooth Smart SoC with Flash memory
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
Bluetooth Low Energy 4.2 SoC
logo
List of Unclassifed Man...
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
Bluetooth SoC
NRF5340 ETC1-NRF5340 Datasheet
362Kb / 2P
Dual processor SoC supporting Bluetooth 5.1, Bluetooth mesh, NFC, Thread & Zigbee
logo
NXP Semiconductors
IW416 NXP-IW416 Datasheet
996Kb / 99P
Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.1 Combo SoC
logo
Dialog Semiconductor
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
Bluetooth Low Energy 4.2 SoC
DA14531 DIALOG-DA14531 Datasheet
4Mb / 374P
Ultra Low Power Bluetooth 5.1 SoC
09-Jul-2020
logo
u-blox AG
ANNA-B402 U-BLOX-ANNA-B402 Datasheet
2Mb / 36P
Stand-alone Bluetooth 5.1 low energy module
Rev. R05 / 21-Sept-2022
ANNA-B412 U-BLOX-ANNA-B412 Datasheet
1Mb / 33P
Stand-alone Bluetooth 5.1 low energy module
Rev. R04 / 21-Sep-2022
logo
List of Unclassifed Man...
IN100 ETC-IN100 Datasheet
1Mb / 49P
Ultra-Low Power Bluetooth Beacon SoC
9/28/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com