![]() |
Electronic Components Datasheet Search |
|
DA14530 Datasheet(PDF) 32 Page - Renesas Technology Corp |
|
|
DA14530 Datasheet(HTML) 32 Page - Renesas Technology Corp |
32 / 333 page ![]() DA14530 Low Power Bluetooth 5.1 SoC Final Datasheet Revision 3.4 21-Dec-2021 CFR0011-120-00 32 of 332 © 2021 Renesas Electronics Parameter Description Conditions Min Typ Max Unit (single point calibration at 25°C) . Formula: TX = 25°C + (ADCX - ADCOTP_CAL_25C) / (TCSENSE * 64) (64 is used to correct 16b to 10b ADC values) TCSENSE Temperature coefficient of the internal temperature sensor reading via GP_ADC (10bit result) 1.15 1.45 1.75 LSB/° C 3.13 Radio Table 21: BLE 1Mb/s specifications - Recommended Operating Conditions Parameter Description Conditions Min Typ Max Unit fOPER operating frequency 2400 2483.5 MHz NCH number of channels 40 1 fCH channel frequency K = 0 to 39 2402+ K*2 MHz Table 22: BLE 1Mb/s specifications - AC Characteristics Parameter Description Conditions Min Typ Max Unit PSENS_CLEAN _530 sensitivity level Dirty Transmitter disabled; PER = 30.8 %; Note 1 -94 dBm PSENS_EPKT sensitivity level Extended packet size (255 octets) Note 1 -90.5 dBm PSENS_530 sensitivity level Normal Operating Conditions; PER = 30.8 %; Note 1 -93 dBm PSENS_EOC_5 30 sensitivity level Extreme Operating Conditions; PER = 30.8 %; - 40 °C ≤ TA ≤ +85 °C Note 1 -90 dBm PSENS_EPKT_ CLEAN_530 sensitivity level Dirty Transmitter disabled; Extended packet size (255 octets) Note 1 -91.5 dBm PI_MAX_530 maximum input power level DC-DC converter disabled; PER = 30.8 %; Note 1 0 dBm |
Similar Part No. - DA14530 |
|
Similar Description - DA14530 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |