Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

13K1A2669 Datasheet(PDF) 2 Page - CONEC Elektronische Bauelemente GmbH

Part # 13K1A2669
Description  D-SUB COM. DUAL PORT 19,05mm / Male 8W8P reverse / Male 8W8P with threaded insert, metal bracket, snap
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

13K1A2669 Datasheet(HTML) 2 Page - CONEC Elektronische Bauelemente GmbH

  13K1A2669 Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH 13K1A2669 Datasheet HTML 2Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A
A
B
B
C
C
D
D
E
E
F
F
A
A
B
B
C
C
D
D
dim. in mm
R
date
drawn
Inventor 10
d-old
norm
appd.
tolerance
material:
title:
dwg no:
DIN-
sh:
part no:
name
date
name
description
rev.
scale:
CUSTOMER APPROVAL DATE:
NAME:
TITLE:
COMPANY NAME:
APPROVAL # FREIGABE # DEBLOCAGE # AUTORIZACION # APPROVAL
APPROVAL # FREIGABE # DEBLOCAGE # AUTORIZACION # APPROVAL
13K1A2669
A3
2
P.C.B. HOLE DRILLINGS
see sheet 1
Sonnenberg
14.11.2008
14.11.2008
Koch
ISO 2768-m
D-SUB Combination Dual Port 19,05mm
Male 8W8P reverse / Male 8W8P
3:1
see sheet 1
a
Origin
P.C.B. EDGE
2,5
`0,1
n
(16x)
63,5
`0,13
2,54
`0,1
8,89
`0,1
15,24
`0,1
22,86
`0,1
3,81
`0,1
10,16
`0,1
16,51
`0,1
22,86
`0,1
A1
A1
3,1
`0,1
n
(4x)


Similar Part No. - 13K1A2669

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
13K1A2665 CONEC-13K1A2665 Datasheet
183Kb / 2P
   D-SUB COM. DUAL PORT 19,05mm/ Male 2W2CP rev./ Male 2W2CP with threaded insert, metal bracket and snap
13.11.08
13K1A2666 CONEC-13K1A2666 Datasheet
183Kb / 2P
   D-SUB COM. DUAL PORT 19,05mm / Male 3W3P reverse / Male 3W3P with threaded insert 4-40 UNC, metal bracket, snap
13.11.2008
13K1A2667 CONEC-13K1A2667 Datasheet
201Kb / 2P
   D-SUB COM. DUAL PORT 19,05mm / Male 3W3CP reverse / Male 3W3CP with threaded insert 4-40 UNC, metal bracket, snap
13.11.2008
13K1A2668 CONEC-13K1A2668 Datasheet
194Kb / 2P
   D-SUB COM. DUAL PORT 19,05mm / Male 5W5P reverse / Male 5W5P with threaded insert, metal bracket, snap
14.11.2008
More results

Similar Description - 13K1A2669

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
13-001703 CONEC-13-001703 Datasheet
296Kb / 2P
   D-SUB COM. DUAL PORT 19,05mm / Male 8W8P reverse / Female 8W8S with threaded insert, metal bracket, snap
05.11.07
13-001803 CONEC-13-001803 Datasheet
254Kb / 2P
   D-SUB COM. DUAL PORT 19,05mm / Female 8W8S reverse / Male 8W8P with threaded insert, metal bracket, snap
01.12.2008
13-001603 CONEC-13-001603 Datasheet
454Kb / 2P
   D-SUB COM. DUAL PORT 19,05mm / Female 8W8S reverse / Male 8W8P with threaded insert, metal bracket
04.12.14
13-001453 CONEC-13-001453 Datasheet
572Kb / 2P
   D-SUB Dual Port Male 8W8P reverse / Male 8W8P 19,05 mm with threaded insert and metal bracket
01.09.2020
13-001643 CONEC-13-001643 Datasheet
194Kb / 2P
   D-SUB COM. DUAL PORT 19,05mm / Male 5W5P reverse / Male 5W5P with threaded insert, metal bracket, snap
14.11.2008
13-001233 CONEC-13-001233 Datasheet
245Kb / 2P
   D-SUB COM. DUAL PORT 19,05mm / Male 13W3P reverse / Male 13W3P with threaded insert, metal bracket, snap
31.10.2008
13-001243 CONEC-13-001243 Datasheet
257Kb / 2P
   D-SUB COM. DUAL PORT 19,05mm / Male 17W2P reverse / Male 17W2P with threaded insert, metal bracket, snap
03.11.2008
13-001253 CONEC-13-001253 Datasheet
282Kb / 2P
   D-SUB COM. DUAL PORT 19,05mm / Male 17W5P reverse / Male 17W5P with threaded insert, metal bracket, snap
05.11.2008
3008W8PXX73N40X CONEC-3008W8PXX73N40X Datasheet
566Kb / 2P
   D-SUB Combination Male 90° 8W8P with threaded insert, metal bracket and snap
30.04.2018
3008W8PXX99G40X CONEC-3008W8PXX99G40X Datasheet
225Kb / 1P
   D-SUB COMBINATION MALE 90° 8W8P with threaded insert, metal bracket and snap
21.03.12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com