Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX1174 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CX1174
Description  Deuterium-Filled Ceramic Thyratron
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CX1174 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CX1174 Datasheet HTML 1Page - List of Unclassifed Manufacturers CX1174 Datasheet HTML 2Page - List of Unclassifed Manufacturers CX1174 Datasheet HTML 3Page - List of Unclassifed Manufacturers CX1174 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
E2V Technologies
CX1174
Deuterium-Filled Ceramic Thyratron
The data to be read in conjunction with the Hydrogen
Thyratron Preamble.
ABRIDGED DATA
Deuterium-filled
tetrode
thyratron
with
ceramic/metal
envelope, featuring low jitter, firing time and drift. Suitable for
switching high power at high pulse repetition rates or for
switching long pulses. A reservoir operating from a separate
heater supply is incorporated.
Peak forward anode voltage ......
40
kV max
Peak anode current (see Ratings) ..... 6.0
kA max
Average anode current
........ 4.0
A max
GENERAL
Electrical
Cathode (connected internally to
one end of heater)
.........
oxide coated
Cathode heater voltage
........ 6.3
+ 0.3
V
7 0.0
Cathode heater current
.......
40
A
Reservoir heater voltage (see note 1) .... 5.0
V
Reservoir heater current .......
10
A
Tube heating time (minimum)
.....
15
min
Anode to grid 2 capacitance
.....
40
pF
Mechanical
Seated height
.....
212.7 mm (8.375 inches) max
Clearance required below
mounting flange ..... 57.15 mm (2.250 inches) min
Overall diameter
(mounting flange)
.
.
.
152.4 mm (6.000 inches) nom
Net weight
.......
3.5 kg (7
3/
4 pounds) approx
Mounting position (see note 2) .........
any
Tube connections
........... see outline
Cooling
...........
liquid or forced-air
Liquid
..........
oil or coolant immersion
Forced-air ..............
see below
Cooling by oil or coolant immersion is preferred in view of the
high voltages present. Further information is contained in the
relevant section of the Preamble.
The tube may be cooled by forced-air directed mainly onto the
base, and the metal/ceramic envelope should be maintained
below the maximum rated temperature. An air flow of at least
2.83 m
3/min (100 ft3/min), depending on the mechanical
layout,
will
be
necessary
to
keep
the
tube
operating
temperatures under the limits specified below.
In addition to 300 W of heater power, the tube dissipates from
100 W per ampere average anode current, rising to 300 W/A at
the highest rates of rise and fall of anode current.
The cathode end of the tube must be cooled whenever heater
voltages are applied, since the cathode flange will reach a
temperature of 120
8C above ambient in the absence of cooling.
Envelope temperature:
ceramic, anode and grid
......
150
8C max
cathode flange and base
......
120
8C max
#
E2V Technologies Limited 2002
A1A-CX1174 Issue 5, October 2002
527/5630
E2V Technologies Limited, Waterhouse Lane, Chelmsford, Essex CM1 2QU England
Telephone: +44 (0)1245 493493
Facsimile: +44 (0)1245 492492
e-mail: enquiries@e2vtechnologies.com
Internet: www.e2vtechnologies.com
Holding Company: Redwood 2002 Limited
E2V Technologies Inc. 4 Westchester Plaza, PO Box 1482, Elmsford, NY10523-1482 USA Telephone: (914) 592-6050
Facsimile: (914) 592-5148
e-mail: enquiries@e2vtechnologies.us


Similar Part No. - CX1174

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
CX11 EUROQUARTZ-CX11 Datasheet
249Kb / 1P
Tape and Reel Dimensions for CX Crystals
logo
IQD Frequency Products ...
CX11-AT IQD-CX11-AT Datasheet
165Kb / 3P
Quartz Crystal Specification
logo
Keysight Technologies
CX1101A KEYSIGHT-CX1101A Datasheet
4Mb / 32P
Device Current Waveform Analyzer
CX1102A KEYSIGHT-CX1102A Datasheet
4Mb / 32P
Device Current Waveform Analyzer
CX1103A KEYSIGHT-CX1103A Datasheet
4Mb / 32P
Device Current Waveform Analyzer
More results

Similar Description - CX1174

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CX1594 ETC1-CX1594 Datasheet
84Kb / 7P
Deuterium Filled, Hollow Anode, Five-Gap Ceramic Thyratron
CX1622 ETC1-CX1622 Datasheet
79Kb / 4P
Deuterium Thyratron
7665A ETC1-7665A Datasheet
84Kb / 3P
Hydrogen-Filled Ceramic Thyratron
CX1157 ETC-CX1157 Datasheet
73Kb / 5P
Hydrogen-Filled Ceramic Thyratron
CX1599 ETC1-CX1599 Datasheet
96Kb / 5P
Hydrogen-Filled Ceramic Thyratron
NL-716 ETC2-NL-716 Datasheet
420Kb / 2P
THYRATRON TUBE
FX215 ETC2-FX215 Datasheet
150Kb / 2P
THYRATRON
FX2505 ETC1-FX2505 Datasheet
56Kb / 3P
Hydrogen Thyratron
CX1151 ETC1-CX1151 Datasheet
82Kb / 4P
Hydrogen Thyratron
logo
Hamamatsu Corporation
L7820 HAMAMATSU-L7820 Datasheet
62Kb / 2P
Calibrated Deuterium Light Source
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com