Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX1174 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CX1174
Description  Deuterium-Filled Ceramic Thyratron
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CX1174 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CX1174 Datasheet HTML 1Page - List of Unclassifed Manufacturers CX1174 Datasheet HTML 2Page - List of Unclassifed Manufacturers CX1174 Datasheet HTML 3Page - List of Unclassifed Manufacturers CX1174 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
A
D
MOUNTING FLANGE
L
1F
4 MOUNTING HOLES
1J
EQUISPACED ON K PCD
CATHODE HEATER LEAD (YELLOW)
G LONG, TAG TO SUIT
1H
1B
GRID 1 LEAD (GREEN)
G LONG, TAG TO SUIT
1H
RESERVOIR HEATER LEAD (RED)
G LONG, TAG TO SUIT
1H
2185D
1C
ANODE CONNECTION
FITTED WITH
1/
4-20 UNC SCREW
GRID 2 CONNECTION
FITTED WITH
8–32 UNC SCREW
SEE NOTE 1
SEE NOTE 3
SEE NOTE 2
OUTLINE
(All dimensions without limits are nominal)
HEALTH AND SAFETY HAZARDS
E2V Technologies hydrogen thyratrons are safe to handle and
operate, provided that the relevant precautions stated herein are
observed. E2V Technologies does not accept responsibility for
damage or injury resulting from the use of electronic devices it
produces. Equipment manufacturers and users must ensure that
adequate precautions are taken. Appropriate warning labels and
notices must be provided on equipments incorporating E2V
Technologies devices and in operating manuals.
High Voltage
Equipment must be designed so that personnel cannot come
into contact with high voltage circuits. All high voltage circuits
and terminals must be enclosed and fail-safe interlock switches
Ref
Millimetres
Inches
A
212.7 max
8.375 max
B
152.4
6.000
C
147.0
5.787
D
3.18
0.125
F
106.3 max
4.187 max
G
177.8 min
7.000 min
H
6.35
0.250
J
8.0
0.315
K
135.7
5.344
L
117.35
4.620
Inch dimensions have been derived from millimetres.
Outline Notes
1. The mounting flange is the connection for the
cathode, cathode heater return and reservoir
heater return.
2. A minimum clearance of 57.15 mm (2.250 inches)
must be allowed below the mounting flange.
3. The recommended mounting hole is 108 mm
(4.250 inches) diameter.
must be fitted to disconnect the primary power supply and
discharge all high voltage capacitors and other stored charges
before allowing access. Interlock switches must not be
bypassed to allow operation with access doors open.
X-Ray Radiation
All high voltage devices produce X-rays during operation and
may require shielding. The X-ray radiation from hydrogen
thyratrons is usually reduced to a safe level by enclosing the
equipment or shielding the thyratron with at least 1.6 mm
(
1/
16 inch) thick steel panels.
Users and equipment manufacturers must check the radiation
level under their maximum operating conditions.
Printed in England
CX1174, page 4
#
E2V Technologies
Whilst E2V Technologies has taken care to ensure the accuracy of the information contained herein it accepts no responsibility for the consequences of any use
thereof and also reserves the right to change the specification of goods without notice. E2V Technologies accepts no liability beyond that set out in its standard
conditions of sale in respect of infringement of third party patents arising from the use of tubes or other devices in accordance with information contained herein.


Similar Part No. - CX1174

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
CX11 EUROQUARTZ-CX11 Datasheet
249Kb / 1P
   Tape and Reel Dimensions for CX Crystals
logo
IQD Frequency Products ...
CX11-AT IQD-CX11-AT Datasheet
165Kb / 3P
   Quartz Crystal Specification
logo
Keysight Technologies
CX1101A KEYSIGHT-CX1101A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1102A KEYSIGHT-CX1102A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1103A KEYSIGHT-CX1103A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
More results

Similar Description - CX1174

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CX1594 ETC1-CX1594 Datasheet
84Kb / 7P
   Deuterium Filled, Hollow Anode, Five-Gap Ceramic Thyratron
CX1622 ETC1-CX1622 Datasheet
79Kb / 4P
   Deuterium Thyratron
7665A ETC1-7665A Datasheet
84Kb / 3P
   Hydrogen-Filled Ceramic Thyratron
CX1157 ETC-CX1157 Datasheet
73Kb / 5P
   Hydrogen-Filled Ceramic Thyratron
CX1599 ETC1-CX1599 Datasheet
96Kb / 5P
   Hydrogen-Filled Ceramic Thyratron
NL-716 ETC2-NL-716 Datasheet
420Kb / 2P
   THYRATRON TUBE
FX215 ETC2-FX215 Datasheet
150Kb / 2P
   THYRATRON
FX2505 ETC1-FX2505 Datasheet
56Kb / 3P
   Hydrogen Thyratron
CX1151 ETC1-CX1151 Datasheet
82Kb / 4P
   Hydrogen Thyratron
logo
Hamamatsu Corporation
L7820 HAMAMATSU-L7820 Datasheet
62Kb / 2P
   Calibrated Deuterium Light Source
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com