Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX1174 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CX1174
Description  Deuterium-Filled Ceramic Thyratron
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CX1174 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CX1174 Datasheet HTML 1Page - List of Unclassifed Manufacturers CX1174 Datasheet HTML 2Page - List of Unclassifed Manufacturers CX1174 Datasheet HTML 3Page - List of Unclassifed Manufacturers CX1174 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
R2
R1
C1
C2
G2
G1
CATHODE
HEATER
SUPPLY
RESERVOIR
HEATER
SUPPLY
(VARIABLE)
GRID 2 DELAYED
WITH RESPECT TO GRID 1
GRID 2 VOLTAGE
500 – 2000 V,
1
ms
0
NEGATIVE BIAS VOLTAGE
GRID 1 CURRENT
0.5 – 1.5 A,
2
ms
0.5
msMIN
GRID 1/GRID 2 DELAY
6890A
8. Under fault conditions most of the coulombs are often in
the power supply follow-on current, rather than the storage
capacitor discharge.
9. Measured with respect to cathode. Pre-pulsing of grid 1 is
recommended
for
modulator
and
high
rate
of
rise
applications. The last 0.25
ms of the top of the grid 1 pulse
must overlap the corresponding first 0.25
ms of the top of
the delayed grid 2 pulse.
10. DC negative bias voltages must not be applied to grid 1.
When grid 1 is pulse driven, the potential of grid 1 may
vary between
710 and +5 V with respect to cathode
potential during the period between the completion of
recovery and the commencement of the succeeding grid
pulse.
SCHEMATIC DIAGRAM
11. When DC priming is used on grid 1, a negative bias of 100
to 180 V must be applied to grid 2 to ensure anode voltage
hold-off. Also the higher grid 1 is pulsed, the larger the grid
2 negative bias must be to prevent the tube firing on the
grid 1 pulse.
12. Typical figures are obtained on test using conditions of
minimum grid drive. Improved performance can be
expected by increasing grid drive.
13. The time interval between the instant at which the rising
unloaded grid 2 pulse reaches 25% of its pulse amplitude
and the instant when anode conduction takes places.
14. The drift in delay time over a period from 10 seconds to
10 minutes after reaching full voltage.
#
E2V Technologies
CX1174, page 3
RECOMMENDED GRID, CATHODE AND RESERVOIR HEATER CONNECTIONS
R1
=
Grid 1 series resistor. 12 W vitreous enamelled wirewound is recommended, of a total impedance to match the grid 1
drive pulse circuit.
R2
=
Grid 2 series resistor. 12 W vitreous enamelled wirewound is recommended, of an impedance to match the grid 2 drive
pulse circuit.
C1,C2 7
reservoir protection capacitors with a voltage rating
5500 V;
C1 =
1000 pF low inductance (e.g. ceramic),
C2 =1 mF (e.g. polycarbonate or polypropylene).
Components R1,R2,C1 and C2 should be mounted as close to the tube as possible.


Similar Part No. - CX1174

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
CX11 EUROQUARTZ-CX11 Datasheet
249Kb / 1P
   Tape and Reel Dimensions for CX Crystals
logo
IQD Frequency Products ...
CX11-AT IQD-CX11-AT Datasheet
165Kb / 3P
   Quartz Crystal Specification
logo
Keysight Technologies
CX1101A KEYSIGHT-CX1101A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1102A KEYSIGHT-CX1102A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
CX1103A KEYSIGHT-CX1103A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
More results

Similar Description - CX1174

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CX1594 ETC1-CX1594 Datasheet
84Kb / 7P
   Deuterium Filled, Hollow Anode, Five-Gap Ceramic Thyratron
CX1622 ETC1-CX1622 Datasheet
79Kb / 4P
   Deuterium Thyratron
7665A ETC1-7665A Datasheet
84Kb / 3P
   Hydrogen-Filled Ceramic Thyratron
CX1157 ETC-CX1157 Datasheet
73Kb / 5P
   Hydrogen-Filled Ceramic Thyratron
CX1599 ETC1-CX1599 Datasheet
96Kb / 5P
   Hydrogen-Filled Ceramic Thyratron
NL-716 ETC2-NL-716 Datasheet
420Kb / 2P
   THYRATRON TUBE
FX215 ETC2-FX215 Datasheet
150Kb / 2P
   THYRATRON
FX2505 ETC1-FX2505 Datasheet
56Kb / 3P
   Hydrogen Thyratron
CX1151 ETC1-CX1151 Datasheet
82Kb / 4P
   Hydrogen Thyratron
logo
Hamamatsu Corporation
L7820 HAMAMATSU-L7820 Datasheet
62Kb / 2P
   Calibrated Deuterium Light Source
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com